Part Number Hot Search : 
ADCLK 4LS365A AP89341 YD1028 KSD1273 2SC3209 2M100 IRFP153R
Product Description
Full Text Search
 

To Download 390SS001M10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 390-001 Submersible EMI/RFI Cable Sealing Backshell
with Strain Relief Type A - Rotatable Coupling - Low Profile
39
CONNECTOR DESIGNATORS
390 F S 001 M 16 10 M 6 Product Series Connector Designator Angle and Profile A = 90 B = 45 S = Straight Basic Part No. A Thread (Table I) Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (H, A, M, D) Cable Entry (Tables X, XI) Shell Size (Table I) Finish (Table II) 1.125 (28.6) Approx. * Length .060 (1.52) Minimum Order Length 1.5 Inch (See Note 4) G
(Table III)
A-F-H-L-S
ROTATABLE COUPLING TYPE A OVERALL SHIELD TERMINATION
Length .060 (1.52) Minimum Order Length 2.0 Inch (See Note 4)
Length * O-Rings
C Typ. (Table I) E
(Table III)
STYLE 2 (STRAIGHT See Note 1) .88 (22.4) Max
F (Table III) H (Table III)
Now Available with the "NESTOR"
STYLE 2 (45 & 90 See Note 1)
Glenair's Non-Detent, Spring-Loaded, SelfLocking Coupling. Add "-445" to Specify This AS85049 Style "N" Coupling Interface.
STYLE H Heavy Duty (Table X) T
STYLE A Medium Duty (Table XI) W
STYLE M Medium Duty (Table XI) X
STYLE D Medium Duty (Table XI) .135 (3.4) Max
Cable Range
V
Cable Range
Y
Cable Range
Y
Cable Entry
Z
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 39 - Page 12
with Strain Relief Type A - Rotatable Coupling - Low Profile
TABLE III: ELBOW DIMENSIONS Shell Size E F G Conn. Desig. A-F-L-S H Max Max Max 08 09 .457 (11.6) 1.760 (44.7) .500 (12.7) 10 11 .520 (13.2) 1.920 (48.8) .595 (15.1) 12 13 .582 (14.8) 1.990 (50.5) .610 (15.5) 14 15 .645 (16.4) 2.144 (54.5) .700 (17.8) 16 17 .738 (18.7) 2.254 (57.3) .885 (22.5) 18 19 .926 (23.5) 2.444 (62.1) .975 (24.8) 20 21 .926 (23.5) 2.444 (62.1) .975 (24.8) 22 23 1.020 (25.9) 2.657 (67.5) 1.125 (28.6) 24 25 1.020 (25.9) 2.657 (67.5) 1.125 (28.6) 28 1.145 (29.1) 2.690 (68.3) 1.225 (31.1) 32 1.207 (30.7) 2.790 (70.9) 1.575 (40.0) 36 1.238 (31.4) 2.930 (74.4) 1.775 (45.1) 1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions E, F, G and H will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Consult factory for shorter lengths on straight backshells. 5. Interface O-Ring not supplied with connector designator A.
H Max 1.880 (47.8) 1.990 (50.5) 2.020 (51.3) 2.154 (54.7) 2.244 (57.0) 2.414 (61.3) 2.414 (61.3) 2.587 (65.7) 2.587 (65.7) 2.740 (69.6) 2.990 (75.9) 3.040 (77.2)
Dash No. 04 06 08 10 12 16 20 24 28 32
TABLE X: CABLE ENTRY T V Cable Range Max Max Min Max .780 (19.8) .957 (24.3) .125 (3.2) .312 (7.9) .780 (19.8) 1.145 (29.1) .250 (6.4) .437 (11.1) .780 (19.8) 1.332 (33.8) .387 (9.8) .562 (14.3) .780 (19.8) 1.332 (33.8) .350 (8.9) .625 (15.9) .811 (20.6) 1.551 (39.4) .500 (12.7) .750 (19.1) .905 (23.0) 1.770 (45.0) .625 (15.9) .937 (23.8) 1.092 (27.7) 2.113 (53.7) .875 (22.2) 1.250 (31.8) 1.124 (28.5) 2.363 (60.0) 1.000 (25.4) 1.375 (34.9) 1.399 (35.5) 2.770 (70.4) 1.250 (31.8) 1.625 (41.3) 1.399 (35.5) 3.020 (76.7) 1.437 (36.5) 1.875 (47.6)
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
TABLE XI: CABLE ENTRY Dash W X Y Z No. Max Max Max Max 03* .437 (11.1) .760 (19.3) .843 (21.4) .630 (16.0) 04* .437 (11.1) .760 (19.3) .906 (23.0) .755 (19.2) 06* .500 (12.7) .760 (19.3) 1.093 (27.8) .942 (23.9) 08 .563 (14.3) .760 (19.3) 1.187 (30.1) 1.067 (27.1) 10 .563 (14.3) .760 (19.3) 1.281 (32.5) 1.192 (30.3) 12 .563 (14.3) .760 (19.3) 1.500 (38.1) 1.380 (35.1) 16 .656 (16.7) 1.073 (27.3) 1.719 (43.7) 1.535 (39.0) 20 .656 (16.7) 1.323 (33.6) 2.062 (52.4) 1.848 (46.9) 24 .656 (16.7) 1.323 (33.6) 2.312 (58.7) 2.255 (57.3) 28 1.188 (30.2) 1.572 (39.9) 2.719 (69.1) 2.505 (63.6) 32* 1.187 (30.1) 1.572 (39.9) 2.969 (75.4) 2.755 (70.0) 40* 1.125 (28.6) 1.572 (39.9) 3.531 (89.7) 3.255 (82.7) * Not available in Style M clamp.
(c) 2005 Glenair, Inc. CAGE Code 06324
Cable Range Min ** Max .156 (4.0) .250 (6.4) .188 (4.8) .312 (7.9) .281 (7.1) .438 (11.1) .387 (9.8) .562 (14.3) .375 (9.5) .625 (15.9) .438 (11.1) .750 (19.1) .625 (15.9) .938 (23.8) .875 (22.2) 1.250 (31.8) 1.000 (25.4) 1.375 (34.9) 1.250 (31.8) 1.625 (41.3) 1.437 (36.5) 1.875 (47.6) 1.875 (47.6) 2.375 (60.3) ** Not Applicable Style D
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 39 - Page 13
39
390-001 Submersible EMI/RFI Cable Sealing Backshell


▲Up To Search▲   

 
Price & Availability of 390SS001M10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X