Part Number Hot Search : 
A102J M66311P 2SD209 43650 00BZX D307M ISL6208 40006
Product Description
Full Text Search
 

To Download 390SA006M10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 390-006 Submersible EMI/RFI Cable Sealing Backshell
with Strain Relief Type B - Direct Coupling - Low Profile
39
A-B -C-D-E-F G-H-J-K-L-S
* Conn. Desig. B See Note 5
CONNECTOR DESIGNATORS *
390 F S 006 M 16 10 A 6 Product Series Connector Designator Angle and Profile A = 90 B = 45 S = Straight Basic Part No. Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (H, A, M, D) Cable Entry (Tables X, XI) Shell Size (Table I) Finish (Table II)
DIRECT COUPLING TYPE B INDIVIDUAL AND/OR OVERALL SHIELD TERMINATION
Length .060 (1.52) Min. Order Length 2.0 Inch (See Note 4)
A Thread (Table I) B (Table I)
Length * O-Rings
1.188 (30.2) Approx. * Length .060 (1.52) Min. Order Length 1.5 Inch (See Note 4) J G
STYLE 2 (STRAIGHT See Note 1)
J
E
(Table III) (Table IV)
(Table III) (Table IV)
B (Table I)
F (Table IV)
B (Table I)
H (Table IV)
STYLE H Heavy Duty (Table X) T
STYLE A Medium Duty (Table XI) W
STYLE M Medium Duty (Table XI) X
STYLE D Medium Duty (Table XI) .135 (3.4) Max
Cable Range
V
Cable Range
Y
Cable Range
Y
Cable Entry
Z
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 39 - Page 28
with Strain Relief Type B - Direct Coupling - Low Profile See inside back cover fold-out or pages 13 and 14 for Tables I and II.
TABLE III: FRONT ADAPTER J Max - Conn. Designator A-E-F J-H-L-S D-B-G-K C 1.180(30.0) 1.250(31.8) 1.180(30.0) 1.250(31.8) 1.180(30.0) 1.250(31.8) 1.735(44.1) 1.180(30.0) 1.250(31.8) 1.915(48.6) 1.380(35.0) 1.560(39.6) 1.915(48.6) 1.380(35.0) 1.560(39.6) 1.915(48.6) 1.380(35.0) 1.560(39.6) 1.915(48.6) 1.380(35.0) 1.560(39.6) 1.915(48.6) 1.380(35.0) 1.560(39.6) 1.915(48.6) 1.610 (40.9) 1.560(39.6) 1.915(48.6) 1.610(40.9) 1.750(44.5) 1.915(48.6) 1.610(40.9) 1.750(44.5) 1.915(48.6) 1.610(40.9) 2.190(55.6) 1.915(48.6) TABLE IV: ELBOW DIMENSIONS F E G Dash Max Max Max No. 04 .630 (16.0) 2.601 (66.1) .636 (16.2) 06 .630 (16.0) 2.601 (66.1) .710 (18.0) 08 .692 (17.6) 2.661 (67.6) .731 (18.6) 10 .755 (19.2) 3.091 (78.5) .825 (21.0) 12 .848 (21.5) 3.201 (81.3) .988 (25.1) 16 1.036 (26.3) 3.391 (86.1) 1.087 (27.6) 20 1.130 (28.7) 3.604 (91.5) 1.325 (33.7) 24 1.255 (31.9) 3.637 (92.4) 1.337 (34.0) 28 1.317 (33.5) 3.737 (94.9) 1.827 (46.4) 32 1.348 (34.2) 3.877 (98.5) 2.027 (51.5) H Max 2.551 (64.8) 2.671 (67.8) 2.691 (68.4) 3.101 (78.8) 3.191 (81.1) 3.361 (85.4) 3.534 (89.8) 3.687 (93.6) 3.937 (100.0) 3.987 (101.3)
Shell Size 08/09 10/11 12/13 14/15 16/17 18/19 20/21 22/23 24/25 28/29 32/33 36 40
Dash No. 04 06 08 10 12 16 20 24 28 32
TABLE X: CABLE ENTRY V Cable Range T Max Max Min Max .780 (19.8) .957 (24.3) .125 (3.2) .312 (7.9) .250 (6.4) .437 (11.1) .780 (19.8) 1.145 (29.1) .780 (19.8) 1.332 (33.8) .387 (9.8) .562 (14.3) .350 (8.9) .625 (15.9) .780 (19.8) 1.332 (33.8) .811 (20.6) 1.551 (39.4) .500 (12.7) .750 (19.1) .905 (23.0) 1.770 (45.0) .625 (15.9) .937 (23.8) .875 (22.2) 1.250 (31.8) 1.092 (27.7) 2.113 (53.7) 1.124 (28.5) 2.363 (60.0) 1.000 (25.4) 1.375 (34.9) 1.399 (35.5) 2.770 (70.4) 1.250 (31.8) 1.625 (41.3) 1.399 (35.5) 3.020 (76.7) 1.437 (36.5) 1.875 (47.6)
1. When maximum cable entry (page 22) is exceeded, Style 2 will be supplied. (Function S only). 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Consult factory for shorter lengths on straight backshells. 5. When using Connector Designator B refer to pages 18 and 19 for part number development.
TABLE XI: CABLE ENTRY Dash W Z X Y Cable Range No. Max Max Max Max Max Min ** 04* .437 (11.1) .760 (19.3) .906 (23.0) .755 (19.2) .188 (4.8) .312 (7.9) 06* .500 (12.7) .760 (19.3) 1.093 (27.8) .942 (23.9) .281 (7.1) .438 (11.1) 08 .563 (14.3) .760 (19.3) 1.187 (30.1) 1.067 (27.1) .387 (9.8) .562 (14.3) 10 .563 (14.3) .760 (19.3) 1.281 (32.5) 1.192 (30.3) .375 (9.5) .625 (15.9) 12 .563 (14.3) .760 (19.3) 1.500 (38.1) 1.380 (35.1) .438 (11.1) .750 (19.1) 16 .656 (16.7) 1.073 (27.3) 1.719 (43.7) 1.535 (39.0) .625 (15.9) .938 (23.8) 20 .656 (16.7) 1.323 (33.6) 2.062 (52.4) 1.848 (46.9) .875 (22.2) 1.250 (31.8) 24 .656 (16.7) 1.323 (33.6) 2.312 (58.7) 2.255 (57.3) 1.000 (25.4) 1.375 (34.9) 281.188 (30.2) 1.572 (39.9) 2.719 (69.1) 2.505 (63.6) 1.250 (31.8) 1.625 (41.3) 32* 1.187 (30.1) 1.572 (39.9) 2.969 (75.4) 2.755 (70.0) 1.437 (36.5) 1.875 (47.6) * Not available in Style M clamp. ** Not Applicable Style D
(c) 2005 Glenair, Inc. CAGE Code 06324 Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 39 - Page 29
39
390-006 Submersible EMI/RFI Cable Sealing Backshell


▲Up To Search▲   

 
Price & Availability of 390SA006M10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X