Part Number Hot Search : 
ULBM2TE DI150 000WD 1N6041 MA100 MB85RC MBR874 NX7302BA
Product Description
Full Text Search
 

To Download 380SS009NF20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 380-009 EMI/RFI Non-Environmental Backshell
with Strain Relief Type D - Rotatable Coupling - Low Profile
38
CONNECTOR DESIGNATORS
380 F S 009 M 16 05 F 6 Product Series Connector Designator Angle and Profile A = 90 B = 45 S = Straight Basic Part No. A Thread (Table I) Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (F, G) Cable Entry (Table IV, V) Shell Size (Table I) Finish (Table II) Length - .060 (1.52) Minimum Order Length 1.5 Inch (See Note 4)
A-F-H-L-S
ROTATABLE COUPLING TYPE D INDIVIDUAL OR OVERALL SHIELD TERMINATION
Length - .060 (1.52) Minimum Order Length 2.0 Inch (See Note 4)
C Typ. (Table I)
STYLE 2 (STRAIGHT See Note 1) .88 (22.4) Max
E (Table III) F (Table III)
G
(Table III)
H (Table III)
STYLE 2 (45 & 90 See Note 1)
STYLE F Light Duty (Table IV) .416 (10.5) Max Cable Range
STYLE G Light Duty (Table V) .072 (1.8) Max
Cable Entry Now Available with the NESTOR
J
K
Glenair's Non-Detent, Spring-Loaded, SelfLocking Coupling. Add "-445" to Specify This AS85049 Style "N" Coupling Interface.
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 38 - Page 50
with Strain Relief Type D - Rotatable Coupling - Low Profile
See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II.
TABLE III: ELBOW DIMENSIONS Shell Size Conn. Desig. H A-F-L-S 09 08 11 10 13 12 15 14 17 16 19 18 21 20 23 22 25 24 28 32 36 E Max .457 (11.6) .520 (13.2) .582 (14.8) .645 (16.4) .738 (18.7) .926 (23.5) .926 (23.5) 1.020 (25.9) 1.020 (25.9) 1.145 (29.1) 1.207 (30.7) 1.238 (31.4) F Max 1.500 (38.1) 1.510 (38.4) 1.580 (40.1) 1.660 (42.2) 1.770 (45.0) 1.960 (49.8) 1.960 (49.8) 2.110 (53.6) 2.110 (53.6) 2.160 (54.9) 2.260 (57.4) 2.360 (59.9) G Max .500 (12.7) .595 (15.1) .610 (15.5) .700 (17.8) .885 (22.5) .975 (24.8) .975 (24.8) 1.125 (28.6) 1.125 (28.6) 1.225 (31.1) 1.575 (40.0) 1.775 (45.1) H Max 1.445 (36.7) 1.565 (39.8) 1.585 (40.3) 1.655 (42.0) 1.725 (43.8) 1.915 (48.6) 1.915 (48.6) 2.025 (51.4) 2.025 (51.4) 2.195 (55.8) 2.445 (62.1) 2.445 (62.1)
TABLE II: STANDARD FINISHES
GLENAIR SYMBOL B M NF FINISH Cadmium Plate, Olive Drab Electroless Nickel Cadmium Plate, Olive Drab Over Electroless Nickel
See Inside Back Cover for Additional Finish Options
Dash No. 02 03 04 05 06 07 08 10
TABLE IV: CABLE ENTRY Cable Range J Max Max Min .250 (6.4) .968 (24.6) .125 (3.2) .375 (9.5) 1.046 (26.6) .250 (6.4) .500 (12.7) 1.156 (29.4) .312 (7.9) .625 (15.9) 1.218 (30.9) .437 (11.1) .750 (19.1) 1.343 (34.1) .562 (14.3) .875 (22.2) 1.468 (37.3) .687 (17.4) 1.000 (25.4) 1.593 (40.5) .812 (20.6) 1.250 (31.8) 1.843 (46.8) 1.062 (27.0)
Dash No. 01 02 03 04 05 06 07 08 09 10
TABLE V: CABLE ENTRY K Cable Entry Max Max .125 (3.2) .656 (16.7) .781 (19.8) .250 (6.4) .375 (9.5) .906 (23.0) 1.031 (26.2) .500 (12.7) 1.156 (29.4) .625 (15.9) .750 (19.1) 1.281 (32.5) 1.406 (35.7) .875 (22.2) 1.531 (38.9) 1.000 (25.4) 1.125 (28.6) 1.656 (42.1) 1.781 (45.2) 1.250 (31.8)
1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions E, F, G and H will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Consult factory for shorter lengths on straight backshells.
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 38 - Page 51
38
380-009 EMI/RFI Non-Environmental Backshell


▲Up To Search▲   

 
Price & Availability of 380SS009NF20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X