Part Number Hot Search : 
3EZ24 00118 SMC27 AE425PJB 21D05 95N03 MC78LC TLP2403
Product Description
Full Text Search
 

To Download 380SB013NF10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 380-013 EMI/RFI Non-Environmental Backshell
with Strain Relief Type D - Rotatable Coupling - Low Profile
38
CONNECTOR DESIGNATORS
380 F S 013 M 16 10 A 6 Product Series Connector Designator Angular Function A = 90 B = 45 S = Straight Basic Part No. A Thread (Table I) Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (H, A, M, D) Cable Entry (Table X, XI) Shell Size (Table I) Finish (Table II) Length .060 (1.52) Minimum Order Length 1.5 Inch (See Note 4)
A-F-H-L-S
ROTATABLE COUPLING TYPE D INDIVIDUAL OR OVERALL SHIELD TERMINATION
Length .060 (1.52) Minimum Order Length 2.0 Inch (See Note 4)
C Typ. (Table I)
STYLE 2 (STRAIGHT See Note 1) .88 (22.4) Max
E (Table III) F (Table III)
G (Table III)
H (Table III)
STYLE 2 (45 & 90 See Note 1)
Add "-445" to Specify Glenair's Non-Detent, ("NESTOR") Spring-Loaded, Self-Locking Coupling. See Page 41 for Details.
STYLE H Heavy Duty (Table X) T
STYLE A Medium Duty (Table XI) W
STYLE M Medium Duty (Table XI) X
STYLE D Medium Duty (Table XI) .135 (3.4) Max
Cable Range
V
Cable Range
Y
Cable Range
Y
Cable Entry
Z
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 38 - Page 70
with Strain Relief Type D - Rotatable Coupling - Low Profile
TABLE III: ELBOW DIMENSIONS Shell Size Conn. Desig. A-F-L-S H 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 28 32 36 E Max .457 (11.6) .520 (13.2) .582 (14.8) .645 (16.4) .738 (18.7) .926 (23.5) .926 (23.5) 1.020 (25.9) 1.020 (25.9) 1.145 (29.1) 1.207 (30.7) 1.238 (31.4) F Max 1.730 (43.9) 1.730 (43.9) 1.790 (45.5) 1.880 (47.8) 1.990 (50.5) 2.180 (55.4) 2.180 (55.4) 2.330 (59.2) 2.330 (59.2) 2.380 (60.5) 2.480 (63.0) 2.570 (65.3) G Max .560 (14.2) .660 (16.8) .670 (17.0) .760 (19.3) .950 (24.1) 1.030 (26.2) 1.030 (26.2) 1.180 (30.0) 1.180 (30.0) 1.280 (32.5) 1.630 (41.4) 1.830 (46.5) H Max 1.680 (42.7) 1.800 (45.7) 1.820 (46.2) 1.890 (48.0) 1.980 (50.3) 2.150 (54.6) 2.150 (54.6) 2.260 (57.4) 2.260 (57.4) 2.430 (61.7) 2.680 (68.1) 2.680 (68.1)
See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II.
TABLE II: STANDARD FINISHES
GLENAIR SYMBOL B M NF FINISH Cadmium Plate, Olive Drab Electroless Nickel Cadmium Plate, Olive Drab Over Electroless Nickel
See Inside Back Cover for Additional Finish Options
Dash No. 04 06 08 10 12 16 20 24 28 32
TABLE X: CABLE ENTRY Cable Range V T Max Max Min Max .957 (24.3) .780 (19.8) .125 (3.2) .312 (7.9) .250 (6.4) .437 (11.1) .780 (19.8) 1.145 (29.1) .780 (19.8) 1.332 (33.8) .312 (7.9) .562 (14.3) .350 (8.9) .625 (15.9) .780 (19.8) 1.332 (33.8) .811 (20.6) 1.551 (39.4) .500 (12.7) .750 (19.1) .905 (23.0) 1.770 (45.0) .625 (15.9) .937 (23.8) .875 (22.2) 1.250 (31.8) 1.092 (27.7) 2.113 (53.7) 1.124 (28.5) 2.363 (60.0) 1.000 (25.4) 1.375 (34.9) 1.399 (35.5) 2.770 (70.4) 1.250 (31.8) 1.625 (41.3) 1.399 (35.5) 3.020 (76.7) 1.437 (36.5) 1.875 (47.6)
1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions E, F, G and H will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Consult factory for shorter lengths on straight backshells.
TABLE XI: CABLE ENTRY Dash Z Y X W Cable Range No. Max Max Max Min ** Max Max 03* .437 (11.1) .760 (19.3) .843 (21.4) .630 (16.0) .156 (4.0) .250 (6.4) 04* .437 (11.1) .760 (19.3) .906 (23.0) .755 (19.2) .188 (4.8) .312 (7.9) 06* .500 (12.7) .760 (19.3) 1.093 (27.8) .942 (23.9) .281 (7.1) .438 (11.1) 08 .563 (14.3) .760 (19.3) 1.187 (30.1) 1.067 (27.1) .344 (8.7) .562 (14.3) 10 .563 (14.3) .760 (19.3) 1.281 (32.5) 1.192 (30.3) .375 (9.5) .625 (15.9) 12 .563 (14.3) .760 (19.3) 1.500 (38.1) 1.380 (35.1) .438 (11.1) .750 (19.1) 16 .656 (16.7) 1.073 (27.3) 1.719 (43.7) 1.535 (39.0) .562 (14.3) .938 (23.8) 20 .656 (16.7) 1.323 (33.6) 2.062 (52.4) 1.848 (46.9) .750 (19.1) 1.250 (31.8) 24 .656 (16.7) 1.323 (33.6) 2.312 (58.7) 2.255 (57.3) .781 (19.8) 1.375 (34.9) 28 1.188 (30.2) 1.572 (39.9) 2.719 (69.1) 2.505 (63.6) .969 (24.6) 1.625 (41.3) 32* 1.187 (30.1) 1.572 (39.9) 2.969 (75.4) 2.755 (70.0) 1.125 (28.6) 1.875 (47.6) 40* 1.125 (28.6) 1.572 (39.9) 3.531 (89.7) 3.255 (82.7) 1.469 (37.3) 2.375 (60.3) * Not available in Style M clamp. ** Not Applicable Style D
(c) 2005 Glenair, Inc. CAGE Code 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 38 - Page 71
38
380-013 EMI/RFI Non-Environmental Backshell


▲Up To Search▲   

 
Price & Availability of 380SB013NF10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X