Part Number Hot Search : 
16771 HER307 ET7272B FR10M EER55A HER307 2Z5UM BH55471F
Product Description
Full Text Search
 

To Download 380LS006NF10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 380-006 EMI/RFI Non-Environmental Backshell
Heavy-Duty with Strain Relief Type C - Direct Coupling - Low Profile
38
A-B -C-D-E-F G-H-J-K-L-S
* Conn. Desig. B See Note 5
CONNECTOR DESIGNATORS *
380 F S 006 M 16 10 D 6 Product Series Connector Designator Angle and Profile A = 90 B = 45 S = Straight Basic Part No. Finish (Table II) A Thread (Table I) Length .060 (1.52) Min. Order Length 1.5 Inch (See Note 4) Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (M, D) Cable Entry (Table X) Shell Size (Table I)
DIRECT COUPLING TYPE C OVERALL SHIELD TERMINATION
Length .060 (1.52) Min. Order Length 2.0 Inch (See Note 4)
B (Table I) STYLE 2 (STRAIGHT See Note 1)
J E (Table III) (Table IV) F (Table IV)
J
(Table III)
G
(Table IV)
B (Table I)
B (Table I)
H (Table IV)
STYLE M Medium Duty - Dash No. 01-04 (Table X) .850 (21.6) Max
STYLE M Medium Duty - Dash No. 10-28 (Table X) X
STYLE D Medium Duty (Table X) .135 (3.4) Max
Cable Range
Y
Cable Range
Y
Cable Range
Z
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 38 - Page 28
Heavy-Duty with Strain Relief Type C - Direct Coupling - Low Profile
Shell Size 08/09 10/11 12/13 14/15 16/17 18/19 20/21 22/23 24/25 28/29 32/33 36 40
TABLE III: FRONT ADAPTER J Max - Conn. Designator A-E-F J-H-L-S D-B-G-K C 1.180 (30.0) 1.250 (31.8) 1.180 (30.0) 1.250 (31.8) 1.180 (30.0) 1.250 (31.8) 1.735 (44.1) 1.180 (30.0) 1.250 (31.8) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.610 (40.9) 1.560 (39.6) 1.915 (48.6) 1.610 (40.9) 1.750 (44.5) 1.915 (48.6) 1.610 (40.9) 1.750 (44.5) 1.915 (48.6) 1.610 (40.9) 2.190 (55.6) 1.915 (48.6)
See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II.
1. When maximum cable entry (page 22) is exceeded, Style 2 will be supplied. (Function S only.) 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Consult factory for shorter lengths on straight backshells. 5. When using Connector Designator B refer to pages 18 and 19 for part number development.
Elbow Size 01 02 03 04 10 12 16 20 24 28 32
TABLE IV: ELBOW DIMENSIONS E F G Max Max Max .567 (14.4) 1.848 (46.9) .636 (16.2) .567 (14.4) 1.848 (46.9) .636 (16.2) .630 (16.0) 1.908 (48.5) .710 (18.0) .692 (17.6) 1.968 (50.0) .731 (18.6) .755 (19.2) 2.347 (59.6) .825 (21.0) .848 (21.5) 2.457 (62.4) .988 (25.1) 1.036 (26.3) 2.647 (67.2) 1.087 (27.6) 1.130 (28.7) 2.922 (74.2) 1.325 (33.7) 1.255 (31.9) 2.972 (75.5) 1.337 (34.0) 1.317 (33.5) 3.072 (78.0) 1.827 (46.4) 1.348 (34.2) 3.162 (80.3) 2.027 (51.5)
H Max 1.858 (47.2) 1.858 (47.2) 1.978 (50.2) 1.998 (50.7) 2.357 (59.9) 2.447 (62.2) 2.617 (66.5) 2.852 (72.4) 3.022 (76.8) 3.272 (83.1) 3.272 (83.1)
TABLE Il: STANDARD FINISHES
GLENAIR SYMBOL B M NF FINISH Cadmium Plate, Olive Drab Electroless Nickel Cadmium Plate, Olive Drab Over Electroless Nickel
See Inside Back Cover for Additional Finish Options
Dash No. 01 02 03 04 10 12 16 20 24 28
(c) 2005 Glenair, Inc.
X Max .850 (21.6) .850 (21.6) .850 (21.6) .850 (21.6) .760 (19.3) .760 (19.3) 1.073 (27.3) 1.323 (33.6) 1.323 (33.6) 1.572 (39.9)
TABLE X: CABLE ENTRY Cable Range Y Z Max Min Max Max .781 (19.8) .062 (1.6) .125 (3.2) .593 (15.1) .968 (24.6) .718 (18.2) .125 (3.2) .250 (6.4) 1.046 (26.6) .375 (9.5) .843 (21.4) .250 (6.4) 1.156 (29.4) .968 (24.6) .375 (9.5) .500 (12.7) 1.281 (32.5) .375 (9.5) .625 (15.9) 1.192 (30.3) 1.500 (38.1) 1.380 (35.1) .438 (11.1) .750 (19.1) 1.719 (43.7) 1.535 (39.0) .562 (14.3) .938 (23.8) 2.062 (52.4) 1.250 (31.8) 1.848 (46.9) .750 (19.1) 2.312 (58.7) 2.255 (57.3) .875 (22.2) 1.375 (34.9) 2.719 (69.1) 2.505 (63.6) 1.125 (28.6) 1.625 (41.3)
CAGE Code 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 38 - Page 29
38
380-006 EMI/RFI Non-Environmental Backshell


▲Up To Search▲   

 
Price & Availability of 380LS006NF10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X