Part Number Hot Search : 
6ZB05 NDP606B GI1004 RT8296A APT50M LB11999 LTC13 B19264
Product Description
Full Text Search
 

To Download 380LS005NF20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 380-005 EMI/RFI Non-Environmental Backshell
Heavy-Duty with Strain Relief Type C - Rotatable Coupling - Low Profile
38
CONNECTOR DESIGNATORS
380 F S 005 M 16 10 M 6 Product Series Connector Designator Angle and Profile A = 90 B = 45 S = Straight Basic Part No. Finish (Table II) Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (M, D) Cable Entry (Table X) Shell Size (Table I)
A-F-H-L-S
ROTATABLE COUPLING TYPE C OVERALL SHIELD TERMINATION
Length .060 (1.52) Minimum Order Length 2.0 Inch (See Note 4)
A Thread (Table I)
Length .060 (1.52) Minimum Order Length 1.5 Inch (See Note 4)
C (Table I)
STYLE 2 (STRAIGHT See Note 1) .88 (22.4) Max
E (Table III)
G (Table III)
F (Table III)
H (Table III) STYLE 2 (45 & 90 See Note 1) STYLE M Medium Duty - Dash No. 01-04 (Table X) .850 (21.6) Max STYLE M Medium Duty - Dash No. 10-28 (Table X) X STYLE D Medium Duty (Table X) .135 (3.4) Max
Cable Range
Y
Cable Range
Y
Cable Range
Z
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 38 - Page 26
Heavy-Duty with Strain Relief Type C - Rotatable Coupling - Low Profile
See inside back cover fold-out or pages 13 and 14 for Unabridged Tables I and II.
TABLE III: ELBOW DIMENSIONS Shell Size Conn. Desig. H A-F-L-S 09 08 11 10 13 12 15 14 17 16 19 18 21 20 23 22 25 24 28 32 36 E Max .457 (11.6) .520 (13.2) .582 (14.8) .645 (16.4) .738 (18.7) .926 (23.5) .926 (23.5) 1.020 (25.9) 1.020 (25.9) 1.145 (29.1) 1.207 (30.7) 1.238 (31.4) F Max 1.848 (46.9) 1.908 (48.5) 1.968 (50.0) 2.347 (59.6) 2.457 (62.4) 2.647 (67.2) 2.647 (67.2) 2.922 (74.2) 2.922 (74.2) 2.972 (75.5) 3.072 (78.0) 3.162 (80.3) G Max .500 (12.7) .595 (15.1) .610 (15.5) .700 (17.8) .885 (22.5) .975 (24.8) .975 (24.8) 1.125 (28.6) 1.125 (28.6) 1.225 (31.1) 1.575 (40.0) 1.775 (45.1) H Max 1.858 (47.2) 1.978 (50.2) 1.998 (50.7) 2.357 (59.9) 2.447 (62.2) 2.617 (66.5) 2.617 (66.5) 2.852 (72.4) 2.852 (72.4) 3.022 (76.8) 3.272 (83.1) 3.272 (83.1)
Dash No. 01 02 03 04 10 12 16 20 24 28
X Max .850 (21.6) .850 (21.6) .850 (21.6) .850 (21.6) .760 (19.3) .760 (19.3) 1.073 (27.3) 1.323 (33.6) 1.323 (33.6) 1.572 (39.9)
TABLE X: CABLE ENTRY Cable Range Y Z Max Max Min Max .781 (19.8) .593 (15.1) .125 (3.2) .062 (1.6) .968 (24.6) .718 (18.2) .125 (3.2) .250 (6.4) 1.046 (26.6) .843 (21.4) .250 (6.4) .375 (9.5) 1.156 (29.4) .968 (24.6) .375 (9.5) .500 (12.7) 1.281 (32.5) 1.192 (30.3) .375 (9.5) .625 (15.9) 1.500 (38.1) 1.380 (35.1) .438 (11.1) .750 (19.1) 1.719 (43.7) 1.535 (39.0) .562 (14.3) .938 (23.8) 2.062 (52.4) 1.848 (46.9) .750 (19.1) 1.250 (31.8) 2.312 (58.7) 2.255 (57.3) .875 (22.2) 1.375 (34.9) 2.719 (69.1) 2.505 (63.6) 1.625 (41.3) 1.125 (28.6)
1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions E, F, G and H will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Consult factory for shorter lengths on straight backshells.
(c) 2005 Glenair, Inc. CAGE Code 06324
TABLE Il: STANDARD FINISHES
GLENAIR SYMBOL B M NF FINISH Cadmium Plate, Olive Drab Electroless Nickel Cadmium Plate, Olive Drab Over Electroless Nickel
See Inside Back Cover for Additional Finish Options
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 38 - Page 27
38
380-005 EMI/RFI Non-Environmental Backshell


▲Up To Search▲   

 
Price & Availability of 380LS005NF20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X