Part Number Hot Search : 
90000 6A628 2AMLS3 T144AP 023R3 TBA120S RF30100 SK331
Product Description
Full Text Search
 

To Download 380LS002NF10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 380-002 EMI/RFI Non-Environmental Backshell
with Strain Relief Type A - Direct Coupling - Low Profile
38
A-B -C-D-E-F G-H-J-K-L-S
* Conn. Desig. B See Note 5
CONNECTOR DESIGNATORS *
380 F S 002 M 16 10 H 6 Product Series Connector Designator Angle and Profile A = 90 B = 45 S = Straight Basic Part No. Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (H, A, M, D) Cable Entry (Tables X, XI) Shell Size (Table I) Finish (Table II) Length .060 (1.52) Min. Order Length 2.5 Inch (See Note 4)
DIRECT COUPLING TYPE A OVERALL SHIELD TERMINATION
Length .060 (1.52) Min. Order Length 3.0 Inch (See Note 4)
A Thread (Table I) B (Table I)
STYLE 2 (STRAIGHT See Note 1)
J (Table III)
E (Table IV) F (Table IV)
J (Table III)
G (Table IV)
B (Table I)
B (Table I)
H (Table IV)
STYLE H Heavy Duty (Table X) T
STYLE A Medium Duty (Table XI) W
STYLE M Medium Duty (Table XI) X
STYLE D Medium Duty (Table XI) .135 (3.4) Max
Cable Range
V
Cable Range
Y
Cable Range
Y
Cable Entry
Z
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 38 - Page 18
with Strain Relief Type A - Direct Coupling - Low Profile
TABLE III: FRONT ADAPTER J Max - Conn. Designator A-E-F C J-H-L-S D-B-G-K 1.180 (30.0) 1.250 (31.8) 1.180 (30.0) 1.250 (31.8) 1.180 (30.0) 1.250 (31.8) 1.735 (44.1) 1.180 (30.0) 1.250 (31.8) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.610 (40.9) 1.560 (39.6) 1.915 (48.6) 1.610 (40.9) 1.750 (44.5) 1.915 (48.6) 1.610 (40.9) 1.750 (44.5) 1.915 (48.6) 1.610 (40.9) 2.190 (55.6) 1.915 (48.6)
Shell Size 08/09 10/11 12/13 14/15 16/17 18/19 20/21 22/23 24/25 28/29 32/33 36 40
See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II.
TABLE IV: ELBOW DIMENSIONS Elbow E F G Size Max Max Max 04 .567 (14.4) 1.187 (30.1) .636 (16.2) 06 .630 (16.0) 1.250 (31.8) .710 (18.0) 08 .692 (17.6) 1.312 (33.3) .731 (18.6) 10 .755 (19.2) 1.655 (42.0) .825 (21.0) 12 .848 (21.5) 1.765 (44.8) .988 (25.1) 16 1.036 (26.3) 1.952 (49.6) 1.087 (27.6) 20 1.130 (28.7) 2.098 (53.3) 1.325 (33.7) 24 1.255 (31.9) 2.155 (54.7) 1.337 (34.0) 28 1.317 (33.5) 2.250 (57.2) 1.827 (46.4) 32 1.348 (34.2) 2.343 (59.5) 2.027 (51.5) H Max 1.200 (30.5) 1.320 (33.5) 1.340 (34.0) 1.660 (42.2) 1.750 (44.5) 1.925 (48.9) 2.033 (51.6) 2.200 (55.9) 2.450 (62.2) 2.450 (62.2)
Dash No. 04 06 08 10 12 16 20 24 28 32
TABLE X: CABLE ENTRY V Cable Range T Max Max Min Max .957 (24.3) .125 (3.2) .312 (7.9) .780 (19.8) .780 (19.8) 1.145 (29.1) .250 (6.4) .437 (11.1) .780 (19.8) 1.332 (33.8) .312 (7.9) .562 (14.3) .350 (8.9) .625 (15.9) .780 (19.8) 1.332 (33.8) .811 (20.6) 1.551 (39.4) .500 (12.7) .750 (19.1) .625 (15.9) .937 (23.8) .905 (23.0) 1.770 (45.0) 1.092 (27.7) 2.113 (53.7) .875 (22.2) 1.250 (31.8) 1.124 (28.5) 2.363 (60.0) 1.000 (25.4) 1.375 (34.9) 1.399 (35.5) 2.770 (70.4) 1.250 (31.8) 1.625 (41.3) 1.399 (35.5) 3.020 (76.7) 1.437 (36.5) 1.875 (47.6)
TABLE II: STANDARD FINISHES
GLENAIR SYMBOL B M NF FINISH Cadmium Plate, Olive Drab Electroless Nickel Cadmium Plate, Olive Drab Over Electroless Nickel
See Inside Back Cover for Additional Finish Options
TABLE XI: CABLE ENTRY X Y Dash Z W Max No. Max Max Max 03* .437 (11.1) .760 (19.3) .843 (21.4) .630 (16.0) 04* .437 (11.1) .760 (19.3) .906 (23.0) .755 (19.2) 06* .500 (12.7) .760 (19.3) 1.093 (27.8) .942 (23.9) 08 .563 (14.3) .760 (19.3) 1.187 (30.1) 1.067 (27.1) 10 .563 (14.3) .760 (19.3) 1.281 (32.5) 1.192 (30.3) 12 .563 (14.3) .760 (19.3) 1.500 (38.1) 1.380 (35.1) 16 .656 (16.7) 1.073 (27.3) 1.719 (43.7) 1.535 (39.0) 20 .656 (16.7) 1.323 (33.6) 2.062 (52.4) 1.848 (46.9) 24 .656 (16.7) 1.323 (33.6) 2.312 (58.7) 2.255 (57.3) 28 1.188 (30.2) 1.572 (39.9) 2.719 (69.1) 2.505 (63.6) 32* 1.187 (30.1) 1.572 (39.9) 2.969 (75.4) 2.755 (70.0) 40* 1.125 (28.6) 1.572 (39.9) 3.531 (89.7) 3.255 (82.7) * Not available in Style M clamp.
(c) 2005 Glenair, Inc.
1. When maximum cable entry (page 22) is exceeded, Style 2 will be supplied. (Function S only.) 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. DimenCable Range sions shown are Min ** Max not intended for .156 (4.0) .250 (6.4) inspection .188 (4.8) .312 (7.9) criteria. .281 (7.1) .438 (11.1) 4. Consult factory .344 (8.7) .562 (14.3) for shorter .375 (9.5) .625 (15.9) lengths on .438 (11.1) .750 (19.1) straight .562 (14.3) .938 (23.8) backshells. .750 (19.1) 1.250 (31.8) 5. Refer to pages .781 (19.8) 1.375 (34.9) 18 and 19 for .969 (24.6) 1.625 (41.3) connector desig1.125 (28.6) 1.875 (47.6) nator B part 1.469 (37.3) 2.375 (60.3) number develop** Not Applicable Style D ment.
Printed in U.S.A.
CAGE Code 06324
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 38 - Page 19
38
380-002 EMI/RFI Non-Environmental Backshell


▲Up To Search▲   

 
Price & Availability of 380LS002NF10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X