Part Number Hot Search : 
6049019 0000X18 LB125HE IRF95 4835B AD5675 7018X5 045WT
Product Description
Full Text Search
 

To Download 380LS001NF10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 380-001 EMI/RFI Non-Environmental Backshell
with Strain Relief Type A - Rotatable Coupling - Low Profile
38
CONNECTOR DESIGNATOR
380 F S 001 M 16 10 M 6 Product Series Connector Designator Angle and Profile A = 90 B = 45 S = Straight Basic Part No. Finish (Table II) Length .060 (1.52) Minimum Order Length 1.5 Inch (See Note 4) Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (H, A, M, D) Cable Entry (Tables X, XI) Shell Size (Table I)
A-F-H-L-S
ROTATABLE COUPLING TYPE A OVERALL SHIELD TERMINATION
Length .060 (1.52) Minimum Order Length 2.0 In. A Thread (Table I) (See Note 4) C Typ. (Table I)
STYLE 2 (STRAIGHT See Note 1) .88 (22.4) Max
E (Table III)
G
(Table III)
F (Table III)
H (Table III) STYLE 2 (45 & 90 See Note 1) STYLE H Heavy Duty (Table X) T STYLE A Medium Duty (Table XI) W
STYLE M Medium Duty (Table XI) X
STYLE D Medium Duty (Table XI) .135 (3.4) Max
Cable Range
V
Cable Range
Y
Cable Range
Y
Cable Entry
Z
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 38 - Page 14
with Strain Relief Type A - Rotatable Coupling - Low Profile
TABLE III: ELBOW DIMENSIONS Shell Size F E G Conn. Desig. Max Max Max A-F-L-S H 08 09 .457 (11.6) 1.602 (40.7) .500 (12.7) 10 11 .520 (13.2) 1.662 (42.2) .595 (15.1) 12 13 .582 (14.8) 1.722 (43.7) .610 (15.5) 14 15 .645 (16.4) 2.062 (52.4) .700 (17.8) 16 17 .738 (18.7) 2.172 (55.2) .885 (22.5) 18 19 .926 (23.5) 2.362 (60.0) .975 (24.8) 20 21 .926 (23.5) 2.362 (60.0) .975 (24.8) 22 23 1.020 (25.9) 2.512 (63.8) 1.125 (28.6) 24 25 1.020 (25.9) 2.512 (63.8) 1.125 (28.6) 1.145 (29.1) 2.562 (65.1) 1.225 (31.1) 28 1.207 (30.7) 2.662 (67.6) 1.575 (40.0) 32 1.238 (31.4) 2.752 (69.9) 1.775 (45.1) 36
H Max 1.612 (40.9) 1.732 (44.0) 1.752 (44.5) 2.072 (52.6) 2.162 (54.9) 2.332 (59.2) 2.332 (59.2) 2.442 (62.0) 2.442 (62.0) 2.612 (66.3) 2.862 (72.7) 2.862 (72.7)
See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II.
TABLE II: STANDARD FINISHES
GLENAIR SYMBOL B M NF FINISH Cadmium Plate, Olive Drab Electroless Nickel Cadmium Plate, Olive Drab Over Electroless Nickel
See Inside Back Cover for Additional Finish Options
Dash No. 04 06 08 10 12 16 20 24 28 32
TABLE X: CABLE ENTRY V Cable Range T Max Max Min Max .957 (24.3) .125 (3.2) .312 (7.9) .780 (19.8) .780 (19.8) 1.145 (29.1) .250 (6.4) .437 (11.1) .780 (19.8) 1.332 (33.8) .312 (7.9) .562 (14.3) .350 (8.9) .625 (15.9) .780 (19.8) 1.332 (33.8) .811 (20.6) 1.551 (39.4) .500 (12.7) .750 (19.1) .625 (15.9) .937 (23.8) .905 (23.0) 1.770 (45.0) 1.092 (27.7) 2.113 (53.7) .875 (22.2) 1.250 (31.8) 1.124 (28.5) 2.363 (60.0) 1.000 (25.4) 1.375 (34.9) 1.399 (35.5) 2.770 (70.4) 1.250 (31.8) 1.625 (41.3) 1.399 (35.5) 3.020 (76.7) 1.437 (36.5) 1.875 (47.6)
1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions E, F, G and H will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Consult factory for shorter lengths on straight backshells.
Dash W X No. Max Max 03* .437 (11.1) .760 (19.3) 04* .437 (11.1) .760 (19.3) 06* .500 (12.7) .760 (19.3) 08 .563 (14.3) .760 (19.3) 10 .563 (14.3) .760 (19.3) 12 .563 (14.3) .760 (19.3) 16 .656 (16.7) 1.073 (27.3) 20 .656 (16.7) 1.323 (33.6) 24 .656 (16.7) 1.323 (33.6) 28 1.188 (30.2) 1.572 (39.9) 32* 1.187 (30.1) 1.572 (39.9) 40* 1.125 (28.6) 1.572 (39.9) * Not available in Style M clamp.
(c) 2005 Glenair, Inc.
TABLE XI: CABLE ENTRY Z Y Cable Range Max Max Max Min ** .630 (16.0) .156 (4.0) .250 (6.4) .843 (21.4) .755 (19.2) .188 (4.8) .312 (7.9) .906 (23.0) .942 (23.9) .281 (7.1) .438 (11.1) 1.093 (27.8) 1.187 (30.1) 1.067 (27.1) .344 (8.7) .562 (14.3) 1.281 (32.5) 1.192 (30.3) .375 (9.5) .625 (15.9) 1.500 (38.1) 1.380 (35.1) .438 (11.1) .750 (19.1) 1.719 (43.7) 1.535 (39.0) .562 (14.3) .938 (23.8) 2.062 (52.4) 1.848 (46.9) .750 (19.1) 1.250 (31.8) 2.312 (58.7) 2.255 (57.3) .781 (19.8) 1.375 (34.9) 2.719 (69.1) 2.505 (63.6) .969 (24.6) 1.625 (41.3) 2.969 (75.4) 2.755 (70.0) 1.125 (28.6) 1.875 (47.6) 3.531 (89.7) 3.255 (82.7) 1.469 (37.3) 2.375 (60.3) ** Not Applicable Style D
CAGE Code 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 38 - Page 15
38
380-001 EMI/RFI Non-Environmental Backshell


▲Up To Search▲   

 
Price & Availability of 380LS001NF10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X