Part Number Hot Search : 
0524S K2996 R60J106 TXH600 34063AD MDA970G5 ASM161 P6KE27
Product Description
Full Text Search
 

To Download 380AH109B08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 380-109 EMI/RFI Non-Environmental Backshell
with Strain Relief Type E - Self-Locking - Rotatable Coupling - Standard Profile
38
CONNECTOR DESIGNATORS
380 F J 109 M 24 12 D A Product Series Connector Designator Angle and Profile H = 45 J = 90 See page 38-98 for straight Basic Part No. Finish (Table II) Strain Relief Style (H, A, M, D) Termination (Note 4) D = 2 Rings T = 3 Rings Cable Entry (Tables X, XI) Shell Size (Table I)
A-F-H-L-S
SELF-LOCKING ROTATABLE COUPLING TYPE E INDIVIDUAL AND/OR OVERALL SHIELD TERMINATION
A Thread (Table I)
F (Table III)
H (Table III)
G (Table III) E Typ. (Table I)
Anti-Rotation Device (Typ.) 1.00 (25.4) Max
J (Table III)
STYLE 2 (See Note 1) STYLE H Heavy Duty (Table X) T STYLE A Medium Duty (Table XI) W STYLE M Medium Duty (Table XI) X STYLE D Medium Duty (Table XI) .135 (3.4) Max
Cable Range
V
Cable Range
Y
Cable Range
Y
Cable Entry
Z
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 38 - Page 100
with Strain Relief Type E - Self-Locking - Rotatable Coupling - Standard Profile See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II.
TABLE III: ELBOW DIMENSIONS Shell Size Conn. Desig. H A-F-L-S 09 08 11 10 13 12 15 14 17 16 19 18 21 20 23 22 25 24 F Max .795 (20.2) .820 (20.8) .844 (21.4) .861 (21.9) .888 (22.6) .904 (23.0) .929 (23.6) .956 (24.3) .979 (24.9) G Max .950 (24.1) .980 (24.9) 1.000 (25.4) 1.030 (26.2) 1.050 (26.7) 1.060 (26.9) 1.080 (27.4) 1.120 (28.4) 1.150 (29.2) H Max .906 (23.0) .966 (24.5) 1.026 (26.1) 1.076 (27.3) 1.136 (28.9) 1.176 (29.9) 1.236 (31.4) 1.296 (32.9) 1.356 (34.4) J Max 1.060 (26.9) 1.120 (28.4) 1.180 (30.0) 1.250 (31.8) 1.310 (33.3) 1.330 (33.8) 1.390 (35.3) 1.470 (37.3) 1.540 (39.1) TABLE II: STANDARD FINISHES
GLENAIR SYMBOL B M NF FINISH Cadmium Plate, Olive Drab Electroless Nickel Cadmium Plate, Olive Drab Over Electroless Nickel
See Inside Back Cover for Additional Finish Options
TABLE X: CABLE ENTRY Cable Range V Dash T Max No. Max Min Max .957 (24.3) .125 (3.2) .312 (7.9) 04 .780 (19.8) 06 .780 (19.8) 1.145 (29.1) .250 (6.4) .437 (11.1) .780 (19.8) 1.332 (33.8) .312 (7.9) .562 (14.3) 08 .350 (8.9) .625 (15.9) 10 .780 (19.8) 1.332 (33.8) .811 (20.6) 1.551 (39.4) .500 (12.7) .750 (19.1) 12 .625 (15.9) .937 (23.8) 16 .905 (23.0) 1.770 (45.0) 20 1.092 (27.7) 2.113 (53.7) .875 (22.2) 1.250 (31.8) 24 1.124 (28.5) 2.363 (60.0) 1.000 (25.4) 1.375 (34.9) 1.399 (35.5) 2.770 (70.4) 1.250 (31.8) 1.625 (41.3) 28 32 1.399 (35.5) 3.020 (76.7) 1.437 (36.5) 1.875 (47.6)
1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions F, G, H and J will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Designate Symbol T for 3 ring termination of individual and overall braid. Designate D for standard 2 ring termination of individual or overall braid.
TABLE XI: CABLE ENTRY Dash W Z X Y Cable Range No. Max Max Max Max Max Min ** 03* .437 (11.1) .760 (19.3) .843 (21.4) .630 (16.0) .156 (4.0) .250 (6.4) 04* .437 (11.1) .760 (19.3) .906 (23.0) .755 (19.2) .188 (4.8) .312 (7.9) 06* .500 (12.7) .760 (19.3) 1.093 (27.8) .942 (23.9) .281 (7.1) .438 (11.1) 08 .563 (14.3) .760 (19.3) 1.187 (30.1) 1.067 (27.1) .344 (8.7) .562 (14.3) 10 .563 (14.3) .760 (19.3) 1.281 (32.5) 1.192 (30.3) .375 (9.5) .625 (15.9) 12 .563 (14.3) .760 (19.3) 1.500 (38.1) 1.380 (35.1) .438 (11.1) .750 (19.1) 16 .656 (16.7) 1.073 (27.3) 1.719 (43.7) 1.535 (39.0) .562 (14.3) .938 (23.8) 20 .656 (16.7) 1.323 (33.6) 2.062 (52.4) 1.848 (46.9) .750 (19.1) 1.250 (31.8) 24 .656 (16.7) 1.323 (33.6) 2.312 (58.7) 2.255 (57.3) .781 (19.8) 1.375 (34.9) 28 1.188 (30.2) 1.572 (39.9) 2.719 (69.1) 2.505 (63.6) .969 (24.6) 1.625 (41.3) 32* 1.187 (30.1) 1.572 (39.9) 2.969 (75.4) 2.755 (70.0) 1.125 (28.6) 1.875 (47.6) 40* 1.125 (28.6) 1.572 (39.9) 3.531 (89.7) 3.255 (82.7) 1.469 (37.3) 2.375 (60.3) * Not available in Style M clamp. ** Not Applicable Style D
(c) 2005 Glenair, Inc. CAGE Code 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 38 - Page 101
38
380-109 EMI/RFI Non-Environmental Backshell


▲Up To Search▲   

 
Price & Availability of 380AH109B08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X