Part Number Hot Search : 
B9036 BPC250 DV740 MSK640B A2719 W005M 2SC2838 1N5545
Product Description
Full Text Search
 

To Download 370SS006M08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 370-006 Splash-Proof Cable Sealing Backshell
with Strain Relief Low Profile - Direct Coupling
37
A-B -C-D-E-F G-H-J-K-L-S
* Conn. Desig. B See Note 5
CONNECTOR DESIGNATORS *
370 F S 006 M 16 10 L 6 Product Series Connector Designator Angle and Profile A = 90 B = 45 S = Straight Basic Part No.
Length *
Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (L,G) Cable Entry (Tables V, VI) Shell Size (Table I) Finish (Table II) .312 (7.9) Max * Length .060 (1.52) Min. Order Length 1.5 Inch (See Note 4)
DIRECT COUPLING
Length .060 (1.52) Min. Order Length 2.0 Inch (See Note 4)
A Thread (Table I) B (Table I)
O-Rings
STYLE 2 (STRAIGHT See Note 1) J E (Table (Table III) IV)
B (Table I)
J (Table III) F (Table IV)
B (Table I)
G (Table IV)
H (Table IV)
STYLE L Light Duty (Table V) .850 (21.6) Max
Cable Range
STYLE G Light Duty (Table VI) .072 (1.8) Max
Cable Range
K
L
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 37 - Page 22
with Strain Relief Low Profile - Direct Coupling
TABLE III: FRONT ADAPTER J Max - Conn. Designator Shell A-E-F Size J-H-L-S D-B-G-K C 08/09 1.180 (30.0) 1.250 (31.8) 10/11 1.180 (30.0) 1.250 (31.8) 12/13 1.180 (30.0) 1.250 (31.8) 1.735(44.1) 14/15 1.180 (30.0) 1.250 (31.8) 1.915(48.6) 16/17 1.380 (35.0) 1.560 (39.6) 1.915(48.6) 18/19 1.380 (35.0) 1.560 (39.6) 1.915(48.6) 20/21 1.380 (35.0) 1.560 (39.6) 1.915(48.6) 22/23 1.380 (35.0) 1.560 (39.6) 1.915(48.6) 24/25 1.380 (35.0) 1.560 (39.6) 1.915(48.6) 28/29 1 1.560 (39.6) 1.915(48.6) 32/33 .610 (40.9) 1.750 (44.5) 1.915(48.6) 36 1.610 (40.9) 1.750 (44.5) 1.915(48.6) 40 1.610 (40.9) 2.190 (55.6) 1.915(48.6)
See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II.
1. When maximum cable entry (page 22) is exceeded, Style 2 will be supplied. Function S only. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Consult factory for shorter lengths on straight backshells. 5. When using Connector Designator B refer to pages 18 and 19 for part number development.
Elbow Size 01 02 03 04 05 06 07 08 09 10
TABLE IV: ELBOW DIMENSIONS E G F Max Max Max .567 (14.4) 2.030 (51.6) .636 (16.2) .567 (14.4) 2.030 (51.6) .636 (16.2) .630 (16.0) 2.090 (53.1) .710 (18.0) .692 (17.6) 2.150 (54.6) .731 (18.6) .755 (19.2) 2.240 (56.9) .825 (21.0) .848 (21.5) 2.340 (59.4) .988 (25.1) 1.036 (26.3) 2.540 (64.5) 1.087 (27.6) 1.130 (28.7) 2.680 (68.1) 1.325 (33.7) 1.130 (28.7) 2.680 (68.1) 1.325 (33.7) 1.130 (28.7) 2.680 (68.1) 1.325 (33.7)
H Max 2.040 (51.8) 2.040 (51.8) 2.160 (54.9) 2.180 (55.4) 2.250 (57.2) 2.340 (59.4) 2.510 (63.8) 2.620 (66.5) 2.620 (66.5) 2.620 (66.5)
TABLE II: STANDARD FINISHES
GLENAIR SYMBOL B C G M NF FINISH Cadmium Plate, Olive Drab Anodize, Black Hard Coat, Anodic Electroless Nickel Cadmium Plate, Olive Drab Over Electroless Nickel
See Inside Back Cover for Additional Finish Options
Dash No. 01 02 03 04 05 06 07 08 09 10
TABLE V: CABLE ENTRY Cable Range K Max Min Max .781 (19.8) .062 (1.6) .125 (3.2) .968 (24.6) .125 (3.2) .250 (6.4) 1.046 (26.6) .250 (6.4) .375 (9.5) 1.156 (29.4) .250 (6.4) .500 (12.7) 1.218 (30.9) .375 (9.5) .625 (15.9) 1.343 (34.1) .500 (12.7) .750 (19.1) 1.468 (37.3) .625 (15.9) .875 (22.2) 1.593 (40.5) .625 (15.9) 1.000 (25.4) 1.718 (43.6) .750 (19.1) 1.125 (28.6) 1.843 (46.8) .875 (22.2) 1.250 (31.8)
Dash No. 01 02 03 04 05 06 07 08 09 10
TABLE VI: CABLE ENTRY Cable Range L Max Min Max .593 (15.1) .062 (1.6) .125 (3.2) .718 (18.2) .125 (3.2) .250 (6.4) .843 (21.4) .250 (6.4) .375 (9.5) .968 (24.6) .375 (9.5) .500 (12.7) 1.109 (28.2) .500 (12.7) .625 (15.9) 1.218 (30.9) .625 (15.9) .750 (19.1) 1.343 (34.1) .750 (19.1) .875 (22.2) 1.468 (37.3) .875 (22.2) 1.000 (25.4) 1.593 (40.5) 1.000 (25.4) 1.125 (28.6) 1.718 (43.6) 1.125 (28.6) 1.250 (31.8)
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 37 - Page 23
37
370-006 Splash-Proof Cable Sealing Backshell


▲Up To Search▲   

 
Price & Availability of 370SS006M08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X