Part Number Hot Search : 
FAN604H MP103 BOARD 3386W200 CD3821 TA2057N MAX9990 MAX743
Product Description
Full Text Search
 

To Download 370SA004C10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 370-004 Water-Tight Cable Sealing Backshell
with Strain Relief Low Profile - Direct Coupling
37
A-B -C-D-E-F G-H-J-K-L-S
* Conn. Desig. B See Note 6
CONNECTOR DESIGNATORS *
370 F S 004 M 16 10 C 6 Product Series Connector Designator Strain Relief Style (B, C, E) Angle and Profile A = 90 B = 45 S = Straight Basic Part No. Cable Entry (Tables V, VI) Shell Size (Table I) Finish (Table II) Length .060 (1.52) Min. Order Length 1.5 Inch (See Note 5) Length: S only (1/2 inch increments: e.g. 6 = 3 inches)
DIRECT COUPLING
Length .060 (1.52) Min. Order Length 2.0 Inch (See Note 5)
A Thread (Table I) B (Table I)
O-Ring
STYLE 2 (STRAIGHT See Note 1)
(Table III) (Table IV)
J
E
G J (Table III) (Table IV)
B (Table I)
F (Table IV)
B (Table I)
H (Table IV)
STYLE B (Table V) M K
STYLE C Medium Duty (Table V) Clamping Bars N (See Note 3)
STYLE E Medium Duty (Table VI) P
Cable Range
L
Cable Range
L
Cable
R
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 37 - Page 18
with Strain Relief Low Profile - Direct Coupling
TABLE III: FRONT ADAPTER J Max - Conn. Designator Shell A-E-F Size J-H-L-S D-B-G-K C 08/09 1.180 (30.0) 1.250 (31.8) 10/11 1.180 (30.0) 1.250 (31.8) 12/13 1.180 (30.0) 1.250 (31.8) 1.735(44.1) 14/15 1.180 (30.0) 1.250 (31.8) 1.915(48.6) 16/17 1.380 (35.0) 1.560 (39.6) 1.915(48.6) 18/19 1.380 (35.0) 1.560 (39.6) 1.915(48.6) 20/21 1.380 (35.0) 1.560 (39.6) 1.915(48.6) 22/23 1.380 (35.0) 1.560 (39.6) 1.915(48.6) 24/25 1.380 (35.0) 1.560 (39.6) 1.915(48.6) 28/29 1 1.560 (39.6) 1.915(48.6) 32/33 .610 (40.9) 1.750 (44.5) 1.915(48.6) 36 1.610 (40.9) 1.750 (44.5) 1.915(48.6) 40 1.610 (40.9) 2.190 (55.6) 1.915(48.6)
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
TABLE IV: ELBOW DIMENSIONS Elbow E F G Size Max Max Max 04 .567 (14.4) 1.187 (30.1) .636 (16.2) 06 .630 (16.0) 1.250 (31.8) .710 (18.0) 08 .692 (17.6) 1.312 (33.3) .731 (18.6) 10 .755 (19.2) 1.655 (42.0) .825 (21.0) 12 .848 (21.5) 1.765 (44.8) .988 (25.1) 16 1.036 (26.3) 1.952 (49.6) 1.087 (27.6) 20 1.130 (28.7) 2.098 (53.3) 1.325 (33.7) 24 1.255 (31.9) 2.155 (54.7) 1.337 (34.0) 28 1.317 (33.5) 2.250 (57.2) 1.827 (46.4) 32 1.348 (34.2) 2.343 (59.5) 2.027 (51.5) H Max 1.200 (30.5) 1.320 (33.5) 1.340 (34.0) 1.660 (42.2) 1.750 (44.5) 1.925 (48.9) 2.033 (51.6) 2.200 (55.9) 2.450 (62.2) 2.450 (62.2)
Dash No. 03 04 06 08 10 12 16 20 24 28 32
K Max 1.219 (31.0) 1.219 (31.0) 1.219 (31.0) 1.219 (31.0) 1.281 (32.5) 1.281 (32.5) 1.406 (35.7) 1.656 (42.1) 1.906 (48.4) 1.906 (48.4) 2.000 (50.8)
TABLE V: CABLE ENTRY Cable Range L N Max Ref Min Max .812 (20.6) .135 (3.4) .156 (4.0) .219 (5.6) .937 (23.8) .203 (5.2) .188 (4.8) .312 (7.9) 1.062 (27.0) .285 (7.2) .281 (7.1) .438 (11.1) 1.188 (30.2) .350 (8.9) .312 (7.9) .531 (13.5) 1.312 (33.3) .390 (9.9) .375 (9.5) .625 (15.9) 1.562 (39.7) .460 (11.7) .500 (12.7) .750 (19.1) 1.750 (44.5) .510 (13.0) .625 (15.9) .938 (23.8) 2.250 (57.2) .695 (17.7) .938 (23.8) 1.250 (31.8) 2.375 (60.3) .715 (18.2) 1.000 (25.4) 1.375 (34.9) 2.625 (66.7) .915 (23.2) 1.250 (31.8) 1.625 (41.3) 2.812 (71.4) 1.070 (27.2) 1.500 (38.1) 1.875 (47.6)
M Max 1.031 (26.2) 1.031 (26.2) 1.031 (26.2) 1.031 (26.2) 1.094 (27.8) 1.219 (31.0) 1.219 (31.0) 1.344 (34.1) 1.547 (39.3) 1.547 (39.3) 1.734 (44.0)
Dash No. 03 04 06 08 10 12 16 20 24 28 32
P Max .739 (18.8) .739 (18.8) .739 (18.8) .739 (18.8) .791 (20.1) .880 (22.4) .901 (22.9) 1.031 (26.2) 1.250 (31.8) 1.250 (31.8) 1.312 (33.3)
TABLE VI: CABLE ENTRY Cable Range R Max Min Max .812 (20.6) .156 (4.0) .219 (5.6) .937 (23.8) .188 (4.8) .312 (7.9) 1.062 (27.0) .281 (7.1) .438 (11.1) 1.188 (30.2) .312 (7.9) .531 (13.5) 1.312 (33.3) .375 (9.5) .625 (15.9) 1.562 (39.7) .500 (12.7) .750 (19.1) 1.750 (44.5) .625 (15.9) .938 (23.8) 2.250 (57.2) .938 (23.8) 1.250 (31.8) 2.375 (60.3) 1.000 (25.4) 1.375 (34.9) 2.625 (66.7) 1.250 (31.8) 1.625 (41.3) 2.812 (71.4) 1.500 (38.1) 1.875 (47.6)
1. When maximum cable entry (page 22) is exceeded, Style 2 will be supplied. Function S only. 2. Metric dimensions (mm) are indicated in parentheses. 3. Saddles are bottomed on Clamp Ears. 4. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 5. Consult factory for shorter lengths on straight backshells. 6. When using Connector Designator B refer to pages 18 and 19 for part number development.
Printed in U.S.A.
(c) 2005 Glenair, Inc.
CAGE Code 06324
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 37 - Page 19
37
370-004 Water-Tight Cable Sealing Backshell


▲Up To Search▲   

 
Price & Availability of 370SA004C10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X