Part Number Hot Search : 
PD200 D45C3 33287 E220K SK231 30001 02201 P6KE11A
Product Description
Full Text Search
 

To Download 340LS001M16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 340-001 O-Ring Sealed Shorting Cap Backshell
Rotatable Coupling
34
CONNECTOR DESIGNATORS
340 F S 001 M 16-5 H 6 A Product Series Connector Designator Angle and Profile S = Straight Basic Part No. Finish (Table II) Shell Size (Table I) O-Ring A Thread (Table I) Length .060 (1.52) Length (1/2 inch increments: e.g. 5 = 2.5 inches, 1.0 inch Minimum Order Length End Fitting Symbol (Table IV) Attachment Length (1/2 inch increments: e.g. 6 = 3 inches) Attachment Symbol (Table III)
A-F-G H-J-L-S
ROTATABLE COUPLING
Now Available with the "NESTOR"
C (Table I)
Add "-445" to Specify Glenair's Non-Detent, Spring-Loaded, SelfLocking Coupling. See Page 41 for Details.
.50 (12.7) Max Attachment Length .25 (6.4) E Dia (Table IV)
TABLE IV: END FITTING Symbol E Dia. A .140 (3.6) B .167 (4.2) C .182 (4.6) D .191 (4.9) E .125 (3.2) F .218 (5.5) TABLE II: STANDARD FINISHES
GLENAIR SYMBOL B C G M NF FINISH Cadmium Plate, Olive Drab Anodize, Black Hard Coat, Anodic Electroless Nickel Cadmium Plate, Olive Drab Over Electroless Nickel
Symbol C D E F G H N R S U
TABLE III: ATTACHMENT OPTIONS Attachment No attachment, body strap only Bead chain, cres, passivate, with terminal Link chain, cres, passivate, with reverse link Wire rope, nylon jacket, with terminal Nylon rope, with terminal Wire rope, teflon jacket, with terminal Attachment omitted Wire rope, PVC jacket, with terminal #8 Sash chain, cres, passivate Wire rope, polyurethane jacket, with terminal
See Back Cover for Complete Finish Information and Additional Finish Options
1. Metric dimensions (mm) are indicated in parentheses. 2. O-Ring not supplied with Connector Designators A and G. 3. Custom engraving available, consult factory.
(c) 2005 Glenair, Inc. CAGE Code 06324
See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II.
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 34 - Page 2


▲Up To Search▲   

 
Price & Availability of 340LS001M16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X