Part Number Hot Search : 
FQP8N80C BAR64 3KBP10M EMK13H AS170 SMK0850F 80321 FP200
Product Description
Full Text Search
 

To Download 330SS002M16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 330-001 and 330-002 Pipe Thread Adapters
Rotatable Coupling
330 F S 001 M 16 03-5 Product Series Connector Designator Angle and Profile S = Straight Basic Part No. 001 = External Thread 002 = Internal Thread O-Ring A Thread (Table I) C (Table I) Length .060 (1.52)
GLENAIR SYMBOL B C G M NF
33
CONNECTOR DESIGNATORS
A-F-H-L-S
ROTATABLE COUPLING
Length Designator (1/2 inch increments: e.g. 5=2.5 inches, Minimum Lengths Table III) Cable Entry (Table III) Shell Size (Table I) Finish (Table II) TABLE II: STANDARD FINISHES
FINISH Cadmium Plate, Olive Drab Anodize, Black Hard Coat, Anodic Electroless Nickel Cadmium Plate, Olive Drab Over Electroless Nickel
F (Table III)
See Back Cover for Complete Finish Information and Additional Finish Options
E (Table III) Length .060 (1.52) A Thread (Table I) C (Table I) E
(Table III)
External Tapered Pipe Thread Internal Tapered Pipe Thread
See inside back cover foldout or pages 13 and 14 for unabridged Tables I and II.
Now Available with the "NESTOR"
G (Table III)
Add "-445" to Specify Glenair's Non-Detent, Spring-Loaded, SelfLocking Coupling. See Page 41 for Details.
Wrench Flats Typ. (Space Permitting) TABLE III: CABLE ENTRY Dash No. 01 02 03 04 05 06 07 08 09 10 Pipe Thread 1/8 1/4 3/8 1/2 3/4 1 1 1/4 1 1/2 2 2 1/2 E .391 .593 .593 .781 .812 1.000 1.031 1.031 1.062 1.453 (9.9) (15.1) (15.1) (19.8) (20.6) (25.4) (26.2) (26.2) (27.0) (36.9) F Dia .405 (10.3) .540 (13.7) .675 (17.1) .840 (21.3) 1.050 (26.7) 1.315 (33.4) 1.660 (42.2) 1.900 (48.3) 2.375 (60.3) 2.875 (73.0) G Dia .500 (12.7) .625 (15.9) .875 (22.2) 1.000 (25.4) 1.250 (31.8) 1.500 (38.1) 1.750 (44.5) 2.125 (54.0) 2.500 (63.5) 3.250 (82.6) Length Min Desig. 1.5 (38.1) 3 1.5 (38.1) 3 1.5 (38.1) 3 2.0 (50.8) 4 2.0 (50.8) 4 2.0 (50.8) 4 2.5 (63.5) 5 2.5 (63.5) 5 2.5 (63.5) 5 2.5 (63.5) 5
1. Pipe threads per American standard taper pipe thread. 2. Metric dimensions (mm) are indicated in parentheses. 3. O-Ring not supplied with Connector Designator A.
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 33 - 2


▲Up To Search▲   

 
Price & Availability of 330SS002M16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X