Part Number Hot Search : 
L381D GRM188 GRM188 C1213 S5R12 RF33741 SDZ6V8AQ S5R12
Product Description
Full Text Search
 

To Download 319FW136XM20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Backshells
CONNECTOR DESIGNATOR:
with Shrink Boot Porch and Self-Locking Rotatable Coupling
Product Series 319 - EMI/RFI Shield Sock Assemblies Angle and Profile S - Straight T - 45 Elbow W - 90 Elbow Split Ring / Band Option Split Ring (687-749) and Band (600-052-1) supplied with R option (Omit for none) Custom Braid Length Specify In Inches (Omit for Std. 12" Length)
319-136 Composite EMI/RFI Shield Sock
A
A F H
MIL-DTL-5015, -26482 Series II, and -83723 Series I and III MIL-DTL-38999 Series I, II MIL-DTL-38999 Series III and IV
Finish Symbol (See Table III)
Entry Diameter (See Table IV)
SELF-LOCKING
ROTATABLE COUPLING
319
H
S
136
Basic Part Number
XW
19
12
B
R
T - 14
Shrink Boot Option Shrink boot and o-ring supplied with T option (Omit for none)
B
STANDARD PROFILE
Connector Designator A, F, and H
Connector Shell Size (See Table II)
Optional Braid Material Omit for Standard (See Table V)
Anti Decoupling Device - TYP
1.25 (31.8) Max
12.00 Min. Standard 1. 2. 3.
NOTES
770-001S**-0 shrink boot supplied with T option. See shrink boot product page for more details. Coupling nut supplied unplated. See Table I in Intro for front-end dimensional details.
C
Supplied with Standard Nickel/ Copper Braid. See Table III for Optional Material.
D
F E
600-052-1 Band Shrink Sleeve or Boot Groove - TYP
H
E
Raised Configuration (Mfr's Option) TYP
J
F
.44 (11.2) TYP Entry Dia. TYP (c) 2009 Glenair, Inc.
G
G
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-18
with Shrink Boot Porch and Self-Locking Rotatable Coupling
319-136 Composite EMI/RFI Shield Sock
TABLE II: SHELL SIZE
Shell Size A, F 08 10 12 14 16 18 20 22 24 28 H 09 11 13 15 17 19 21 23 25 E .06 (1.5) .69 (17.5) .75 (19.1) .81 (20.6) .88 (22.4) .94 (23.9) .97 (24.6) 1.06 (26.9) 1.13 (28.7) 1.19 (30.2) 1.34 (34.0) F .09 (2.3) .88 (22.4) 1.00 (25.4) 1.13 (28.7) 1.31 (33.3) 1.38 (35.1) 1.44 (36.6) 1.63 (41.4) 1.75 (44.5) 1.88 (47.8) 2.13 (54.1) G .09 (2.3) 1.19 (30.2) 1.25 (31.8) 1.31 (33.3) 1.38 (35.1) 1.44 (36.6) 1.47 (37.3) 1.56 (39.6) 1.63 (41.4) 1.69 (42.9) 1.78 (45.2) H .06 (1.5) .72 (18.3) .75 (19.1) .75 (19.1) .76 (19.3) .78 (19.8) .79 (20.1) .82 (20.8) .86 (21.8) .89 (22.6) .92 (23.4) J .09 (2.3) 1.00 (25.4) 1.06 (26.9) 1.13 (28.7) 1.16 (29.5) 1.18 (30.0) 1.19 (30.2) 1.22 (31.0) 1.26 (32.0) 1.29 (32.8) 1.32 (33.5) Max. Entry Dash Number (Table III) 04 06 08 10 12 13 15 17 19 22
TABLE III: FINISH
Symbol XM XMT XW Finish Description 2000 Hour Corrosion Resistant Electroless Nickel 2000 Hour Corrosion Resistant Ni-PTFE, NickelFluorocarbon Polymer. 1000 Hour GreyTM 2000 Hour Corrosion Resistant Cadmium Olive Drab Over Electroless Nickel
TABLE IV: ENTRY
Dash Number 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 Entry Diameter .03 (0.8) .19 (4.8) .25 (6.4) .31 (7.9) .38 (9.7) .44 (11.2) .50 (12.7) .56 (14.2) .63 (16.0) .69 (17.5) .75 (19.1) .81 (20.6) .88 (22.4) .94 (23.9) 1.00 (25.4) 1.06 (26.9) 1.13 (28.7) 1.19 (30.2) 1.25 (31.8) 1.31 (33.3) 1.38 (35.1)
TABLE V: BRAID TYPE
Symbol A B Standard T Braid Type 100% AmberStrand(R) 75%/25% AmberStrand(R) Blend Nickel/Copper 34awg Tin/Copper 34awg
(c) 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-19
Composite Backshells
A
B
C
D
E
F
G


▲Up To Search▲   

 
Price & Availability of 319FW136XM20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X