Part Number Hot Search : 
TCMT1113 B3916 MSR33RT MAX1120 BAV70S3 000MKEC 2SK115 T110018
Product Description
Full Text Search
 

To Download 319FS137XN20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Backshells
CONNECTOR DESIGNATOR:
319-137 Composite Shield Sock Strain Relief
with Self-Locking Rotatable Coupling
Optional Braid Material B - See Table IV for Options (Omit for Std. Nickel/Copper)
A
A F H
MIL-DTL-5015, -26482 Series II, and -83723 Series I and III MIL-DTL-38999 Series I, II MIL-DTL-38999 Series III and IV
Product Series 319 - EMI/RFI Shield Sock Assemblies Angle and Profile S - Straight A - 90 B - 45
Finish Symbol (See Table III)
Custom Braid Length Specify In Inches (Omit for Std. 12" Length)
SELF-LOCKING
B
ROTATABLE COUPLING LOW PROFILE
319
H
S
137
Basic Part Number
XO
15
B
R - 14
Connector Designator A, F, and H
Connector Shell Size (See Table II)
Split Ring / Band Option Split Ring (687-749) and Band (600-052-1) supplied with R option (Omit for none)
C
Anti-Rotation Device EMI Shroud
L
Std. Shield IAW 107-030 Nickel/Copper See Table III for Optional Material
E Closed
M
F
D
K
12.00 Min Standard Length
.25 Max Screw Extension
Crimp Ring
H Termination Area Free of Cadmium
E
J G .125 Dia. Drain Hole 3 Min. Equally Spaced Typ Sym "A" and "B" Band (600-052-1) Screw Head Same Side Typ Sym "A" and "B"
Detail "B" Finish XN
F
Split ring (687-749)
G
(c) 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-22
319-137 Composite Shield Sock Strain Relief
with Self-Locking Rotatable Coupling
TABLE II: SHELL SIZE
Shell Size A, F 08 10 12 14 16 18 20 22 24 H 09 11 13 15 17 19 21 23 25 E .031 .265 (6.7) .310 (7.9) .390 (9.9) .506 (12.9) .591 (15.0) .661 (16.8) .744 (18.9) .826 (21.0) .896 (22.8) F Min .22 (5.6) .27 (6.9) .35 (8.9) .47 (11.9) .55 (14.0) .62 (15.7) .70 (17.8) .78 (19.8) .85 (21.6) G Max .901 (22.9) .964 (24.5) 1.050 (26.7) 1.112 (28.2) 1.175 (29.8) 1.230 (31.2) 1.293 (32.8) 1.365 (34.7) 1.417 (36.0) H Max 1.388 (35.3) 1.428 (36.3) 1.498 (38.0) 1.548 (39.3) 1.648 (41.9) 1.768 (44.9) 1.808 (45.9) 1.858 (47.2) 1.898 (48.2)
TABLE II: SHELL SIZE (CONTINUED)
Shell Size A, F 08 10 12 14 16 18 20 22 24 H 09 11 13 15 17 19 21 23 25 J Max .91 (23.1) .97 (24.6) 1.06 (26.9) 1.16 (29.5) 1.34 (34.0) 1.41 (35.8) 1.53 (38.9) 1.66 (42.2) 1.78 (45.2) K Max 1.128 (28.7) 1.168 (29.7) 1.248 (31.7) 1.368 (34.7) 1.448 (36.8) 1.528 (38.8) 1.648 (41.9) 1.688 (42.9) 1.758 (44.7) L Max .939 (23.9) 1.059 (26.9) 1.199 (30.5) 1.199 (30.5) 1.329 (33.8) 1.509 (38.3) 1.609 (40.9) 1.759 (44.7) 1.859 (47.2) K Diameter A Code .265 (6.7) .370 (9.4) .506 (12.9) .580 (14.7) .705 (17.9) .784 (19.9) .909 (23.1) 1.034 (1.034) 1.149 (29.2) F Code .275 (7.0) .412 (10.5) .526 (13.4) .651 (16.5) .776 (19.7) .872 (22.1) 1.007 (25.6) 1.132 (28.8) 1.257 (31.9) H Code .264 (6.7) .390 (9.9) .504 (12.8) .630 (16.0) .756 (19.2) .843 (21.4) .969 (24.6) 1.091 (27.7) 1.217 (30.9)
TABLE III: FINISH
Symbol XB Finish Composite Material-No Plating, Color Black, Brass Interface Shroud and Adapter-Nickel Plated 2000 Hour Corrosion Resistant Ni-PTFE, Nickel-Fluorocarbon Polymer. 1000 Hour GreyTM Composite Material-No Plating, Color Black and Brown, Brass Interface Shroud and Adapter- Selectively Cadmium Plated (See Detail B)
TABLE IV: BRAID TYPE
Symbol A B Standard T Braid Type 100% AmberStrand(R) 75%/25% AmberStrand(R) Blend Nickel/Copper 34awg Tin/Copper 34awg
XMT
XN
NOTES
1. 2. 3. (c) 2009 Glenair, Inc. See composite thermoplastic shield sock assembly procedure for detailed installation instructions. See Table I in Intro for front-end dimensional details. Coupling nut supplied unplated. CAGE Code 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-23
Composite Backshells
A
B
C
D
E
F
G


▲Up To Search▲   

 
Price & Availability of 319FS137XN20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X