Part Number Hot Search : 
0015800 1N5187E3 05WS24 0515D 40240 0N60B PRN101 A1215
Product Description
Full Text Search
 

To Download 319A138XN10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 319-138 "Wide Mouth" Composite Swing-Arm Strain Relief
with Shield Sock and Self-Locking Rotatable Coupling
Finish Symbol (See Table III)
Composite Backshells
CONNECTOR DESIGNATOR:
A
A F H
MIL-DTL-5015, -26482 Series II, and -83723 Series I and III MIL-DTL-38999 Series I, II MIL-DTL-38999 Series III and IV
Product Series 319 - EMI/RFI Shield Sock Assemblies
Custom Braid Length Specify In Inches (Omit for Std. 12" Length)
Connector Designator A, F, and H
Optional Braid Material B - See Table IV for Options (Omit for Std. Nickel/Copper)
SELF-LOCKING
ROTATABLE COUPLING
319
H
138
Basic Part Number
XO
15
B
R-8
B
LOW PROFILE
Connector Shell Size (See Table II)
Split Ring / Band Option Split Ring (687-749) and Band (600-052-1) supplied with R option (Omit for none)
Anti-Rotation Device EMI Shroud
12.00 Min Standard Shield Length J G
C
K E Closed Screw Locks Arm in 45 Increments
H F
D
Crimp Ring
Standard Shield IAW 107-030 Ni/Cu (See Table III for optional materials) Self-Locking Hardware
.062 Min .250 Max Screw Protrusion
E
Clamp Body, Arm, Coupling Nut and Saddles: Black Color
Termination Area Free of Cadmium
Detail B Finish XN Cross Recessed Screw Head Same Side
F
L Between Body Ears Split Ring (687-749) Band (600-052-1)
G
(c) 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-24
with Shield Sock and Self-Locking Rotatable Coupling
TABLE II: SHELL SIZE
Shell Size A, F 08 10 12 14 16 18 20 22 24 H 09 11 13 15 17 19 21 23 25 E .031 .350 (8.9) .436 (11.1) .636 (16.2) .706 (17.9) .790 (20.1) .872 (22.1) F Min .350 (8.9) G Max .06 H .060 J Max .94 (23.9) .97 (24.6) 1.03 (26.2) 1.09 (27.7) 1.12 (28.4) 1.15 (29.2) 1.18 (30.0) 1.25 (31.8) 1.28 (32.5) L Max .393 (10.0) .455 (11.6) .598 (15.2) .710 (18.0) .839 (21.3) .934 (23.7) 1.068 (27.1) K Diameter A Code .265 (6.7) .370 (9.4) .506 (12.9) .580 (14.7) .705 (17.9) .784 (19.9) .909 (23.1) F Code .275 (7.0) .412 (10.5) .526 (13.4) .651 (16.5) .776 (19.7) .872 (22.1) 1.007 (25.6) H Code .264 (6.7) .390 (9.9) .504 (12.8) .630 (16.0) .756 (19.2) .843 (21.4) .969 (24.6)
1.045 (26.5) .936 (23.8)
.455 (11.6) 1.045 (26.5) 1.172 (29.8) .640 (16.3) 1.170 (29.7) 1.406 (35.7) .710 (18.0) 1.170 (29.7) 1.500 (38.1) .835 (21.2) 1.295 (32.9) 1.562 (39.7) .922 (23.4) 1.295 (32.9) 1.687 (42.8)
.996 (25.3) 1.008 (25.6) 1.467 (39.5) 1.969 (50.0) 1.060 (26.9) 1.197 (30.4) 1.467 (39.5) 2.094 (53.2) 1.123 (28.5) 1.323 (33.6) 1.461 (37.1) 2.281 (57.9)
1.197 (30.4) 1.034 (1.034) 1.132 (28.8) 1.091 (27.7) 1.323 (33.6) 1.149 (29.2) 1.257 (31.9) 1.217 (30.9)
TABLE III: FINISH
Symbol XB Finish Composite Material-No Plating, Color Black, Brass Interface Shroud and Adapter-Nickel Plated 2000 Hour Corrosion Resistant Ni-PTFE, Nickel-Fluorocarbon Polymer. 1000 Hour GreyTM Composite Material-No Plating, Color Black and Brown, Brass Interface Shroud and Adapter- Selectively Cadmium Plated (See Detail B)
TABLE IV: BRAID TYPE
Symbol A B Standard T Braid Type 100% AmberStrand(R) 75%/25% AmberStrand Blend
(R)
XMT
Nickel/Copper 34awg Tin/Copper 34awg
XN
NOTES
1. 2. 3. See Table I in Intro for front-end dimensional details. See composite thermoplastic shield sock assembly procedure for detailed installation instructions. Coupling nut supplied unplated.
(c) 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-25
Composite Backshells
319-138 "Wide Mouth" Composite Swing-Arm Strain Relief
A
B
C
D
E
F
G


▲Up To Search▲   

 
Price & Availability of 319A138XN10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X