Part Number Hot Search : 
HSU276A 100262 IRL3705 IDT72131 S3C70F4 254112MA STR715FR IDT7203
Product Description
Full Text Search
 

To Download 2SK4227JS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENA1355
2SK4227JS
SANYO Semiconductors
DATA SHEET
2SK4227JS
Features
* * * *
N-Channel Silicon MOSFET
General-Purpose Switching Device Applications
Low ON-resistance. Motor drive. Avalanche resistance guarantee. 10V drive.
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Avalanche Energy (Single Pulse) *1 Avalanche Current *2 Symbol VDSS VGSS ID IDP PD Tch Tstg EAS IAV PW10s, duty cycle1% Tc=25C Conditions Ratings 75 20 48 192 2.0 35 150 --55 to +150 100 48 Unit V V A A W W C C mJ A
Note : *1 VDD=30V, L=50H, IAV=48A *2 L50H, Single pulse
Electrical Characteristics at Ta=25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Symbol V(BR)DSS IDSS IGSS Conditions ID=1mA, VGS=0V VDS=75V, VGS=0V VGS=16V, VDS=0V Ratings min 75 1 10 typ max Unit V A A
Marking : K4227
Continued on next page.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, AV equipment, communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. If you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment.
www.semiconductor-sanyo.com/network
D0308QA MS IM TC-00001755 No. A1355-1/5
2SK4227JS
Continued from preceding page.
Parameter Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol VGS(off) | yfs | RDS(on) Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VSD Conditions VDS=10V, ID=1mA VDS=10V, ID=24A ID=24A, VGS=10V VDS=20V, f=1MHz VDS=20V, f=1MHz VDS=20V, f=1MHz See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. VDS=30V, VGS=10V, ID=48A VDS=30V, VGS=10V, ID=48A VDS=30V, VGS=10V, ID=48A IS=48A, VGS=0V Ratings min 2 21 35 10.5 5400 480 350 61 220 240 150 100 30 28 0.9 1.2 13.7 typ max 4 Unit V S m pF pF pF ns ns ns ns nC nC nC V
Package Dimensions
unit : mm (typ) 7525-002
10.0 3.5 4.5 2.8
3.2
16.0 3.6
7.2
1.6 1.2
14.0
0.75 123 0.7
1 : Gate 2 : Drain 3 : Source SANYO : TO-220ML(LS)
2.55
2.55
Switching Time Test Circuit
VIN VDD=30V
2.4
Avalanche Resistance Test Circuit
10V 0V
L VIN ID=24A RL=1.25 D VOUT 2SK4227JS G 10V 0V 2SK4227JS 50 VDD 50
PW=10s D.C.1%
P.G
50
S
No. A1355-2/5
2SK4227JS
160 140 120 100 80 60 40 20 0
ID -- VDS
10 V
Tc=25C
8V
7V
100 90 80
ID -- VGS
Tc= --2 5C 75C
25
7 IT14149 150 IT14151 1.4 IT14153 30 IT14155
VDS=10V
Drain Current, ID -- A
Drain Current, ID -- A
6V
70 60 50 40 30 20 10
0
0.5
1.0
1.5
2.0
2.5
3.0 IT14148
0
0
1
2
3
25 C
4
--25 C
Tc= 7
VGS=5V
5C
5
6
Drain-to-Source Voltage, VDS -- V
30 28
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
30
RDS(on) -- Tc
Static Drain-to-Source On-State Resistance, RDS(on) -- m
26 24 22 20 18 16 14 12 10 8 6 4 4 5 6 7 8 9 10 IT14150
Static Drain-to-Source On-State Resistance, RDS(on) -- m
ID=24A Single pulse
Single pulse
25
20
15
Tc=75C
= V GS
10
=24 , ID 10V
A
25C
--25C
5
0 --50
--25
0
25
50
75
100
125
Gate-to-Source Voltage, VGS -- V
7
| yfs | -- ID
Case Temperature, Tc -- C
2 100 7 5 3 2 10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2 0.01 7 5 3 2 0.001
IS -- VSD
Forward Transfer Admittance, | yfs | -- S
5 3 2 10 7 5 3 2 1.0
VDS=10V
VGS=0V Single pulse
5C
7 5 0.1
2
3
5
7 1.0
2
3
5
7 10
2
3
5
7
0
0.2
0.4
Tc= 7
0.6
--25 C
25C
C -25 =Tc C 75
Source Current, IS -- A
C 25
0.8
1.0
1.2
Drain Current, ID -- A
7 5
IT14185 10000 7 5
SW Time -- ID
Ciss, Coss, Crss -- VDS
Ciss
Diode Forward Voltage, VSD -- V
VDD=30V VGS=10V
td(off)
f=1MHz
Switching Time, SW Time -- ns
Ciss, Coss, Crss -- pF
3 2
3 2
tf
100 7 5
1000 7 5 3
2 100
tr
Coss Crss
td(on)
3 0.1
2
3
5
7 1.0
2
3
5
7 10
2
3
5
7
0
5
10
15
20
25
Drain Current, ID -- A
IT14154
Drain-to-Source Voltage, VDS -- V
No. A1355-3/5
C
2SK4227JS
10 9
VGS -- Qg
VDS=30V ID=48A Drain Current, ID -- A
Gate-to-Source Voltage, VGS -- V
7 5 3 2 100 7 5 3 2 10 7 5 3 2 1.0 7 5 3 2
ASO
IDP=192A ID=48A
10 m
PW10s
8 7 6 5 4 3 2 1 0 0 20 40 60 80 100 120 IT14156
10
1m
s
10 s
0 s
s
10 DC 0m Operation in s op era this area is tio n limited by RDS(on).
0.1 0.1
Tc=25C Single pulse
2 3 5 7 1.0 2 3 5 7 10 2 3
Total Gate Charge, Qg -- nC
2.5
PD -- Ta
Drain-to-Source Voltage, VDS -- V
40
PD -- Tc
5 7 100 IT14157
Allowable Power Dissipation, PD -- W
Allowable Power Dissipation, PD -- W
35 30 25 20 15 10 5 0
2.0
1.5
1.0
0.5
0
0
20
40
60
80
100
120
140
160
0
20
40
60
80
100
120
140
160
Ambient Temperature, Ta -- C
120
EAS -- Ta
IT14158
Case Temperature, Tc -- C
IT14159
Avalanche Energy derating factor -- %
100
80
60
40
20
0
0
25
50
75
100
125
150
175 IT14160
Ambient Temperature, Ta -- C
No. A1355-4/5
2SK4227JS
Note on usage : Since the 2SK4227JS is a MOSFET product, please avoid using this device in the vicinity of highly charged objects.
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein. SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor Co.,Ltd. product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. Upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above.
This catalog provides information as of December, 2008. Specifications and information herein are subject to change without notice.
PS No. A1355-5/5


▲Up To Search▲   

 
Price & Availability of 2SK4227JS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X