Part Number Hot Search : 
MNR12 YB311S6 BT555 TC9015S 12IO7 2700000 SMA72 1239MEEE
Product Description
Full Text Search
 

To Download 2SC3835G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC3835G
DESCRIPTION *Low Collector Saturation Voltage : VCE(sat)= 0.5V(Max)@ IC=3A *Collector-Emitter Breakdown Voltage: V(BR)CEO= 120V (Min) *Good Linearity of hFE
APPLICATIONS *Designed for use in humidifier , DC/DC converter and general purpose applications
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
IC ICM
Collector Current-Continuous
w
ww
scs .i
UNIT 200 V 120 V 8 V 7 A 14 A 3 A 70 W
.cn mi e
Collector Current-Pulse
IB
B
Base Current-Continuous Collector Power Dissipation @ TC=25 Junction Temperature
PC
TJ
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL V(BR)CEO VCE(sat) VBE(sat) ICBO IEBO hFE fT COB PARAMETER Collector-Emitter Breakdown Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain Current-Gain--Bandwidth Product Output Capacitance CONDITIONS IC= 50mA ; IB= 0 IC= 3A; IB= 0.3A
B
2SC3835G
MIN 120
TYP.
MAX
UNIT V
0.5 1.2 100 100 160 220 30 110
V V A A
IC= 3A; IB= 0.3A
B
VCB= 200V; IE= 0 VEB= 8V; IC= 0 IC= 3A ; VCE= 4V
IE= -0.5A ; VCE= 12V
Switching times ton tstg tf
Turn-on Time Storage Time Fall Time
w w
scs .i w
IE=0 ; VCB=10V;ftest=1.0MHz
.cn mi e
MHz pF
0.5 3.0 0.5
s s s
IC= 3A ;IB1=0.3A; IB2= -0.6A RL= 16.7; VCC= 50V
isc Websitewww.iscsemi.cn
2
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC3835G
w w
scs .i w
.cn mi e
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of 2SC3835G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X