Part Number Hot Search : 
D789D UHE0J183 LB1833 2N440308 MSO5SM D1NJ10 C1551 LA1050
Product Description
Full Text Search
 

To Download 2SC3834A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2834 2SC2834A
DESCRIPTION With TO-3PN package High speed switching High VCBO Low collector saturation voltage APPLICATIONS For high speed switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL

PARAMETER
VCBO
VCEO VEBO IC ICM IB
CHA IN
Collector-base voltage
E SEM NG
2SC2834 2SC3834A
OND IC
CONDITIONS
TOR UC
VALUE 800 900 500 8 7 15 4
UNIT
Open emitter
V
Collector-emitter voltage
Open base Open collector
V V A A A
Emitter-base voltage Collector current (DC) Collector current-peak Base current (DC)
Ta=25ae PC Collector power dissipation TC=25ae Tj Tstg Junction temperature Storage temperature
2.5 W 100 150 -55~150 ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS
2SC2834 2SC2834A
SYMBOL
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.2A ;L=25mH
500
V
VCEsat VBEsat
Collector-emitter saturation voltage
IC=5A ;IB=1A IC=5A ;IB=1A
1.0
V
Base-emitter saturation voltage
1.5
V
2SC2834 ICBO Collector cut-off current 2SC3834A
VCB=800V; IE=0 0.1 VCB=900V; IE=0 mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
0.1
mA
hFE-1
DC current gain
IC=0.1A ; VCE=5V
hFE-2 fT
DC current gain
Transition frequency

IC=5A ; VCE=5V
Switching times
ton
CHA IN
Turn-on time Storage time
E SEM NG
2SC2834 2SC2834A
IC=0.5A ; VCE=10V;f=1MHz
OND IC
TOR UC
8 3.5 1.0
15
MHz
|I 1.2 IC=5.0A; VCC=200V IB1=1A ,IB2=-1A 2SC2834
s
ts
2.5
|I
s
1.0 |I s
tf
Fall time 2SC2834A 1.2
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2834 2SC2834A

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 outline dimensions (unindicated tolerance:A
0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC3834A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X