Part Number Hot Search : 
SLA608L UPD65652 1H473K ON1906 LT1ZG40A DDZ20C H08A15 UPD65652
Product Description
Full Text Search
 

To Download 233-105-G6XW21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Environmental Connectors
233-105-G6 MIL-DTL-38999 Series III Type
Environmental Plug Connector
Shell Size 09 19L 11 21 13 21L 13L 23 15 23L 15L 25 17 25C 17L 25L 19 25Q Insert Arrangement per MIL-STD-1560 and JSFD08 Alternate Key Position A, B, C, D, or E
A
Basic Part Number 233-105 - D38999 Series III Type Power and Signal Connector Finish Material (See Table II)
(N for Normal)
B
233-105 - G6
Shell Style G6 - Plug
XM
21 - 11
S
Contact Type (See Table I)
N
C
.122 (3.1) .118 (3.0)
Master Key See Notes 3 and 4
Knurl Manufacturer s Option 1.220 (31.0) Blue Color Band Max (See Note 6) See Note 2
D
O CC Ma x O DD Max
E
Consult factory for available insert arrangements.
EE Thread Yellow Color Band
F
APPLICATION NOTES
1. Material/ Finishes: Barrel, Coupling Nut - See Table II (Composite Coupling Nut - No Plating Required). Insulators- High Grade Rigid Dielectric/ N.A Seals- Fluorosilicone/ N.A. 2. Assembly to be identified with Glenair's name, part number and date code space permitting. (c) 2009 Glenair, Inc. www.glenair.com 3. Insert arrangement in accordance with MIL-STD-1560. 4. Insert arrangement shown is for reference only. 5. Blue Color Band indicates rear release retention system. 6. 16# AWG contact arrangements only. See available arrangements opposite page. 7. Metric Dimensions (mm) are indicated in parentheses.
G
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com F-16
233-105-G6 MIL-DTL-38999 Series III Type
Environmental Plug Connector
TABLE I: CONTACT TYPES
Ordering Code P S A B Assembly Dash Number 850-002-16-364 850-001-16-352 Wire Size #16 - #20 #16 - #20 Type Pin Socket Military Part Number M39029/58-364 M39029/56-352
Less pin contacts Less socket contacts
TABLE II: FINISH
SYM XM XMT XW MATERIAL Composite Composite Composite FINISH Electroless Nickel Ni-PTFE 1000 Hour GreyTM Cadmium O.D. Over Electroless Nickel
*Consult Factory for Additional Plating Options
TABLE III: SHELL SIZE
Shell Size Code A B C D E F G H J Shell Size 09 11 13 15 17 19 21 23 25 CC Max Dia .811 (20.6) .929 (23.6) 1.110 (28.2) 1.232 (31.3) 1.358 (34.5) 1.469 (37.3) 1.594 (40.5) 1.720 (43.7) 1.843 (46.8) DD Max Dia .858 (21.8) .984 (25.0) 1.157 (29.4) 1.280 (32.5) 1.406 (35.7) 1.516 (38.5) 1.642 (41.7) 1.768 (44.9) 1.890 (48.0) EE Thread M12 x 1.0-6g 0.100R M15 x 1.0-6g 0.100R M18 x 1.0-6g 0.100R M22 x 1.0-6g 0.100R M25 x 1.0-6g 0.100R M28 x 1.0-6g 0.100R M31 x 1.0-6g 0.100R M34 x 1.0-6g 0.100R M37 x 1.0-6g 0.100R
(c) 2009 Glenair, Inc. www.glenair.com
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com F-17
Environmental Connectors
A
B
C
D
E
F
G


▲Up To Search▲   

 
Price & Availability of 233-105-G6XW21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X