Part Number Hot Search : 
KKA6107Q SE5537 TUA2009X PJS6404 4081BF WARP20 AD779JN KX1400
Product Description
Full Text Search
 

To Download 10A8DD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10A8DD Series
SERIES 10A-DD PWM BRUSH TYPE SERVO AMPLIFIERS Model: 10A8DD
FEATURES: * * * * * Surface-mount technology Small size, low cost, ease of use Adjustable current limit Four quadrant regenerative operation Agency Approvals:
ADVANCED MOTION CONTROLS 3805 Calle Tecate, Camarillo, CA 93012 Tel: (805) 389-1935, Fax: (805) 389-1165
B-9
10A8DD Series DESCRIPTION: The 10A8DD PWM servo amplifier is designed to drive brush type DC motors. The PWM frequency is determined by the PWM input signal. The 10A8DD is fully protected against over-voltage, over-current, over-heating and short circuits across motor, ground and power leads. This model interfaces with digital controllers that have a digital PWM output. It can also be used as a stand-alone system . The 10A8DD amplifier requires only a single unregulated DC power supply as all logic and control voltages are generated internally. PWM input determines the output duty cycle. "Direction In" determines which side of the "H bridge" output is switching. The current limit can be reduced by an external resistor. The voltage at the current monitor pin P1-11 is proportional to the actual motor current. SPECIFICATIONS: MODEL POWER STAGE SPECIFICATIONS DC SUPPLY VOLTAGE PEAK CURRENT MAXIMUM CONTINUOUS CURRENT MINIMUM LOAD INDUCTANCE* SWITCHING FREQUENCY HEATSINK (base) TEMPERATURE RANGE
POWER DISSIPATION AT CONTINUOUS CURRENT
10A8DD 20 - 80 V 10 A 6A 150 H 5-20 kHz 15% 0o to + 65o C, disables if > +65o C 40 W 85 V
OVER-VOLTAGE SHUT-DOWN (self reset)
MECHANICAL SPECIFICATIONS SIGNAL CONNECTOR SIZE Molex connectors 4.00 x 2.00 x 0.60 inches 101.6 x 50.8 x 15.2 mm 5.1 oz 0.143 kg
WEIGHT
* "Pancake" and "basket-wound" motors require external inductors.
B-10
10A8DD Series PIN FUNCTIONS: CONNECTOR PIN 1 2 3 4 5 6 7 8 9 10 P1 11 12 13 14 15 16 17-20 21-23 24-26 27-29 NAME NC SIGNAL GND PWM / IN NC NC DIRECTION NC NC NC CURRENT LIMIT CURRENT MONITOR INHIBIT NC INHIBIT NC 15 V @ 3 mA POWER GND + HIGH VTG - MOTOR + MOTOR For customer use Power Ground, Common to P1-2 DC Power Input Negative Motor Output Positive Motor Output O GND I O O Turns off all mosfets of the "H" bridge drive when low. I Can be used to reduce the factory preset maximum current limit. This signal is proportional to the actual current in the motor leads. Scaling is 1V = 2A. Turns off all mosfets of the "H" bridge drive when high. I 2.5 - 15 V, Direction Input I Reference ground 2.5 - 15 V, Pulse Width Modulated Digital Input GND I DESCRIPTION / NOTES I/O
O I
B-11
10A8DD Series ORDERING INFORMATION: Model: 10A8DDX X indicates current revision letter. MOUNTING DIMENSIONS: See page F-5.
B-12


▲Up To Search▲   

 
Price & Availability of 10A8DD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X