Part Number Hot Search : 
703W0004 ENA0563 T2500MFP TE4100 GJ88L02 SP207E 170CA 999403
Product Description
Full Text Search
 

To Download 109-330-01-24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCB MOUNTING LEDs - O 3mm
FEATURES
Saves board space and assembly time
109 SERIES
PACK QUANTITY = 250 PIECES
Material conforms to UL94 V-O flammability ratings Low current versions available Reverse polarity options available Custom built multi-colour permutations Product illustrated 109-330-04 Typically available ex stock
SPECIFICATIONS
Ordering Information & Typical T echnical Characteristics (T a = 25C)
Mean Time Between Failure = 100,000 Hours. PART NUMBER COLOUR LENS Luminous intensity figures refer to the unmodified discrete LED. VOLTAGE Vopr DC CURRENT lopr DC LUMINOUS lv@20mA INTENSITY WAVE p OPERATING T opr TEMP STORAGE T stg TEMP
LENGTH
STANDARD INTENSITY
109-305-04 109-311-04 109-314-04 109-330-04 109-381-20 109-382-20 109-383-20 UNITS Red Yellow Green Red/Green Red Yellow Green Colour Diffused Colour Diffused Colour Diffused White Diffused Colour Diffused Colour Diffused Colour Diffused 2.0* 2.1* 2.2* 2.0/2.2* 5 5 5 Vdc 20 20 20 20 13 13 11.5 mA 40 30 40 20/16 20@13mA 15@13mA 20@11.5mA mcd 627 590 565 627/565 627 590 565 nm
0
-40 ~ +85^ -40 ~ +85^ -40 ~ +85^ -40 ~ +85^ -40 ~ +70 -40 ~ +70 -40 ~ +70 C
-40 ~ +85 -40 ~ +85 -40 ~ +85 -40 ~ +85 -40 ~ +85 -40 ~ +85 -40 ~ +85
0
Yes Yes Yes Yes Yes Yes Yes
C
* = Voltage DC for 20mA product is Vf@20mA, not Vopr
305 & 311
314
330
^ = Products must be derated according to the derating information. Each derating graph refers to specific LEDs.
How to Order:
website: www.marl.co.uk * email: sales@marl.co.uk * *
T elephone +44 (0)1229 582430
*
Fax: +44 (0)1229 585155
relating to either products or service. for products or service.
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation Marl International reserve the right to alter without notice the specification or any conditions of supply
(c) MARL INTERNATIONAL LTD 2007 : DS 048/07
Issue 2
SAMPLES AVAILABLE
Page 1 of
3
109 Series
Anode
(Red Bi-colour)
Dimensions in mm (Typical) Not to scale
Housing Material
Polycarbonate This material offers UL94 V-0 flame retardancy* and a high impact strength. This material has a melt point of 290-340C and is suitable for use in the majority of automatic soldering processes. *Material test thickness 1.6mm
LEDs
LED Polarity Anode identification is shown in the dimensional diagram. The long lead of a non-cropped unit can also be used to help identify the anode. For the 2 pin Bi-colour units the standard colour configuration is red anode to the `+' sign. Reverse Polarity This is offered on all PCB units, with the exception of the 125 series, if requested to help overcome the problem of systems with reverse polarity
reverse colour configuration. Lead Cropping
connections. Multiple units can also be supplied in reverse polarity but not with mixed polarities. The 2 pin and 3 pin Bi-colours can be supplied in
Should lead cropping be required Marl offer two standard lengths, either by request or by adding one of the following codes to the end of the part number:-24 = 3mm -26 = 5mm (E.g 109-305-04-26)
Other non-standard lead lengths are available on request. Bi-colour 2 Pin Operation
T o acheive the second colour for a 2 pin Bi-colour unit the supply must be reversed, standard colour configuration for these units is red anode to the `+' sign.
Electro-static Discharge (ESD) Build up of electrostatic discharge occurs in many situations involving people moving and handling products. The range of possible situations is
very diverse but voltage levels as high as several thousand volts can and do arise in many individual situations. When an operator charged up to these levels handles a `static sensitive device', there is a very probable likelihood that the device will be irreversibly damaged. It is essential that precautions are taken at all stages during manufacture and assembly of these products. Although LEDs were never considered to be static
sensitive devices, changes in manufacturing technology and materials used to produce higher intensityproducts over a large range of the and despatch. We recommend all users of LED based products follow the guidelines of BS 100015. Note: All luminous intensity figures refer to the unmodified discrete LED.
wavelength spectrum have changed this. Marl has an approved system of ESD control from goods in, through production and into final packing
How to Order:
website: www.marl.co.uk * email: sales@marl.co.uk * *
T elephone +44 (0)1229 582430
*
Fax: +44 (0)1229 585155
relating to either products or service. for products or service.
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation Marl International reserve the right to alter without notice the specification or any conditions of supply
Approved Manufacturer
BS EN ISO 9001:2000
(c) MARL INTERNATIONAL LTD 2007 : DS 048/07
Issue 2
SAMPLES AVAILABLE
Page 2 of
3
109 Series
Part numbers also available in the 109 Series:
PART NO.
COLOUR (Vdc) Vopr
VOLTAGE DC
PART NO.
COLOUR (Vdc) Vopr
VOLTAGE DC
109-000-01-50 109-000-01-51 109-000-01-53 109-000-01-54 109-000-01-57 109-000-01-58 109-000-02-50 109-000-04-50 109-000-04-51 109-000-04-52 109-000-04-53 109-000-04-54 109-000-04-56 109-000-04-57 109-000-04-58 109-000-04-60 109-000-04-61 109-000-04-62 109-000-04-63 109-000-04-65 109-000-04-66 109-000-13-50 109-000-20-50 109-000-20-51 109-000-20-52 109-000-20-53 UNITS
Red over Green Green over Red Red over Yellow Green over Yellow Red over Green Yellow over Green Red over Green Red over Green Yellow over Red Green over Yellow Yellow over Green Green over Red Red over Yellow Yellow over Blue Yellow over Red/Green Red over Yellow Yellow over Blue Red/Yellow over Green Red/Green over Blank Green over Yellow Green over Yellow Yellow over Green Yellow over Red Green over Red Red over Green Yellow over Green
2mA 2mA 2mA 2mA 2mA 2mA 10mA 20mA 20mA 20mA 20mA 20mA 20mA 20mA 20mA 20mA 20mA 20mA 20mA 20mA 20mA 20mA RP 5/6Vdc 5/6Vdc 5/6Vdc 5/6Vdc VDC
109-301-04 109-305-01 109-305-01-24 109-305-04-24 109-305-13 109-311-01 109-311-01-24 109-311-04-24 109-314-01 109-314-01-24 109-314-01-50 109-314-01-51 109-314-04-24 109-314-04-26 109-320-04-50 109-330-01 109-330-01-24 109-330-04-24 109-330-13 109-332-04 109-332-13 UNITS
Red Red Red Red Red Yellow Yellow Yellow Green Green Green Green Green Green Blue over Blank Red/Green Red/Green Red/Green Red/Green Grn/Ylw Bi-colour Grn/Ylw Bi-colour
20mA 2mA 2mA 20mA 20mA RP 2mA 2mA 20mA 2mA 2mA 2mA 2mA 20mA 20mA 20mA 2mA 2mA 20mA 20mA RP 20mA 20mA RP VDC
The products listed above illustrate all of the options available to order. These products may have custom modifications that alter their operation beyond the generic information contained within this datasheet. Please contact sales for further information.
How to Order:
website: www.marl.co.uk * email: sales@marl.co.uk * *
T elephone +44 (0)1229 582430
*
Fax: +44 (0)1229 585155
relating to either products or service. for products or service.
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation Marl International reserve the right to alter without notice the specification or any conditions of supply
Approved Manufacturer
BS EN ISO 9001:2000
(c) MARL INTERNATIONAL LTD 2007 : DS 048/07
Issue 2
SAMPLES AVAILABLE
Page 3 of
3


▲Up To Search▲   

 
Price & Availability of 109-330-01-24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X