Part Number Hot Search : 
RP310012 AM4922N 10C60 C552L CTQ080 SR280 RDT00 LC121
Product Description
Full Text Search
 

To Download 057PSM-SI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 056/057 PSM-SI
Vishay BCcomponents
Aluminum Capacitors Power Standard Miniature Snap-In
FEATURES
* Polarized aluminum electrolytic capacitors, non-solid electrolyte * Large types, minimized dimensions, cylindrical aluminum case, insulated with a blue sleeve * Pressure relief on the top of the aluminum case
Fig. 1 Component outlines
156/157 PUM-SI
Pb-free Available
RoHS
COMPLIANT
* Charge and discharge proof * Long useful life: 12 000 hours at 85 C * High ripple current capability * Keyed polarity version available
smaller dimensions 056/057 PSM-SI long life 105 C 058/059 PLL-SI
APPLICATIONS
* General purpose, industrial and audio/video systems * Smoothing and filtering * Standard and switched mode power supplies
QUICK REFERENCE DATA
DESCRIPTION Nominal case size (O D x L in mm) Rated capacitance range (E6 series), CR Tolerance on CR Rated voltage range, UR (1) Category temperature range Endurance test at 85 C Useful life at 85 C Useful life at 40 C and 1.4 x IR applied Shelf life at 0 V, 85 C Based on sectional specification Climatic category IEC 60068 VALUE 056 057
* Energy storage in pulse systems
22 x 25 to 35 x 50 470 to 68 000 F 20 % 10 to 100 V 200 to 450 V - 40 to + 85 C - 25 to + 85 C 5000 hours (450 V: 2000 hours) 12 000 hours (450 V: 5000 hours) 210 000 hours (450 V: 90 000 hours) 500 hours IEC 60384-4/EN130300 40/085/056 25/085/56 47 to 1500 F
MARKING
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance code on rated capacitance, code letter in accordance with IEC 60062 (M for 20 %) * Rated voltage (in V) * Date code (YYMM) * Name of manufacturer * Code for factory of origin * `-' sign to identify the negative terminal, visible from the top and side of the capacitor * Code number * Climatic category in accordance with IEC 60068
Note (1) A 420 V range is available on request
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES FOR 056 SERIES (O D x L in mm)
CR (F) 470 680 1000 1500 2200 3300 UR (V) 10 16 25 22 x 25 40 22 x 25 22 x 30 50 22 x 25 22 x 30 25 x 30 22 x 40 63 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 100 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 www.vishay.com 1
Document Number: 28340 Revision: 18-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
056/057 PSM-SI
Vishay BCcomponents
Aluminum Capacitors Power Standard Miniature Snap-In
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES FOR 056 SERIES (O D x L in mm)
CR (F) 4700 6800 10 000 15 000 22 000 33 000 47 000 68 000 UR (V) 10 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 16 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 40 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 50 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 63 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 100 35 x 50 -
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES FOR 057 SERIES (O D x L in mm)
CR (F) 47 68 100 UR (V) 200 22 x 25 150 22 x 30 220 330 470 680 1000 1500 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 250 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 385 22 x 25 22 x 30 25 x 30 22 x 40 22 x 35 30 x 30 25 x 40 30 x 45 30 x 40 30 x 35 25 x 50 35 x 35 35 x 50 35 x 45 400 22 x 25 22 x 30 25 x 30 22 x 35 30 x 30 25 x 40 30 x 35 25 x 40 35 x 40 35 x 50 35 x 50 450 22 x 30 22 x 30 30 x 30 25 x 35 25 x 50 30 x 35 35 x 40 30 x 45 35 x 50 35 x 45 -
www.vishay.com 2
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28340 Revision: 18-Aug-08
056/057 PSM-SI
Aluminum Capacitors Power Standard Miniature Snap-In
DIMENSIONS in millimeters AND AVAILABLE FORMS TWO TERMINALS SNAP-IN
OD
Vishay BCcomponents
THREE TERMINAL SNAP-IN
OD
+ TERMINAL L - TERMINAL L + 2 max.
+ TERMINAL - TERMINAL minus pole marking Bottom view 5.8 + 0 mm -1 Bottom view
L
L 2 max.
4 0.5
The minus terminal can be marked with a black dot or with an imprinted `-' sign.
Fig.2 Two terminal snap-in
The negative terminal has TWO pins which are BOTH electrically connected.
Fig.4 Three terminal snap-in
O 2 0.1 (2 x) O 2.5 0.1
10 0.1 3.3 0.1
10 0.1
O 2 0.1 (2 x)
4.75 0.1
The 10 mm spacing of the 2 pin snap-in is used as the base layout and a third hole is added. The third hole is closer to the negative primary hole so that polarization is always maintained, together with added mechanical stability.
Fig.3 Mounting hole diagram Table 1 Fig.5 Mounting hole diagram
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODxL 22 x 25 22 x 30 22 x 35 22 x 40 25 x 30 25 x 35 25 x 40 25 x 50 30 x 30 30 x 35 30 x 40 30 x 45 30 x 50 35 x 35 35 x 40 35 x 45 35 x 50 Document Number: 28340 Revision: 18-Aug-08 O Dmax. 23 23 23 23 26 26 26 26 31 31 31 31 31 36 36 36 36 Lmax. 27 32 37 42 32 37 42 52 32 37 42 47 52 37 42 47 52 MASS (g) 12 16 20 23 22 24 27 38 30 35 40 45 50 48 55 63 72 PACKAGING QUANTITIES (units per box) 100 100 100 100 100 100 100 100 100 100 100 100 100 50 50 50 50 CARDBOARD BOX DIMENSIONS LxWxH (mm) 260 x 250 x 39 260 x 250 x 44 260 x 250 x 49 260 x 250 x 54 290 x 280 x 44 290 x 280 x 49 290 x 280 x 54 290 x 280 x 64 340 x 330 x 44 340 x 330 x 49 340 x 330 x 54 340 x 330 x 59 340 x 330 x 64 390 x 198 x 49 390 x 198 x 54 390 x 198 x 59 390 x 198 x 64 www.vishay.com 3
For technical questions, contact: aluminumcaps2@vishay.com
056/057 PSM-SI
Vishay BCcomponents
Aluminum Capacitors Power Standard Miniature Snap-In
ORDERING EXAMPLE
DESCRIPTION rated capacitance at 100 Hz rated RMS ripple current at 100 Hz or 10 kHz and 85 C max. leakage current after 1 minute at UR max. leakage current after 5 minutes at UR max. equivalent series resistance at 100 Hz max. impedance at 10 kHz
ELECTRICAL DATA
SYMBOL CR IR IL1 IL5 ESR Z
Electrolytic capacitor 056 series 10 000 F/25 V; 20 % Nominal case size: O 25 x 40 mm 2-terminal snap-in Ordering code: MAL2 056 46103 E3 Former 12NC: 2222 056 46103 3-terminal snap-in Ordering code: MAL2 056 26103 E3 Former 12NC: 2222 056 26103
Note * Unless otherwise specified, all electrical values in Tables 2 and 3 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 % Table 2
ELECTRICAL DATA AND ORDERING INFORMATION FOR 056 SERIES
UR (V) CR 100 Hz (F) 6800 10 000 15 000 15 000 22 000 10 22 000 33 000 33 000 47 000 47 000 68 000 4700 6800 10 000 10 000 15 000 16 15 000 22 000 22 000 33 000 33 000 47 000 3300 4700 6800 6800 10 000 25 10 000 15 000 15 000 22 000 22 000 33 000 NOMINAL CASE SIZE ODxL (mm) 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 IR 100 Hz 85 C (A) 2.04 2.56 3.12 3.39 3.47 4.12 4.58 4.70 5.10 5.39 5.88 2.01 2.54 3.02 3.28 3.36 4.00 4.51 3.97 5.02 4.75 5.34 1.88 2.37 2.81 3.16 3.25 3.73 4.73 3.92 4.48 4.96 4.98 IR 10 kHz 85 C (A) 2.40 3.02 3.68 4.00 4.09 4.86 5.40 5.55 6.02 6.36 6.94 2.37 3.00 3.56 3.87 3.96 4.72 5.32 4.68 5.92 5.61 6.30 2.22 2.80 3.32 3.73 3.84 4.40 5.58 4.63 5.29 5.85 5.88 IL1 1 min (A) 412 608 904 904 1324 1324 1984 1984 2824 2824 4084 455 657 964 964 1444 1444 2116 2116 3172 3172 4516 499 709 1024 1024 1504 1504 2254 2254 3304 3304 4954 IL5 5 min (A) 140 205 304 304 444 444 664 664 944 944 1364 154 222 324 324 484 484 708 708 1060 1060 1508 169 239 344 344 504 504 754 754 1104 1104 1654 ESR 100 Hz (m) 76 56 44 41 44 34 32 30 31 28 28 79 57 47 44 47 34 33 42 32 36 34 89 65 54 47 50 39 30 43 40 36 39 Z 10 kHz (m) 62 45 39 34 37 28 28 27 26 24 23 62 45 39 34 37 28 28 41 28 34 32 61 45 41 38 38 30 28 39 28 23 33 ORDERING CODE MAL2056....... 2-TERM. 54682E3 54103E3 54153E3 44153E3 54223E3 44223E3 54333E3 44333E3 54473E3 44473E3 54683E3 55472E3 55682E3 55103E3 45103E3 55153E3 45153E3 55223E3 45223E3 55333E3 45333E3 55473E3 56332E3 56472E3 56682E3 46682E3 56103E3 46103E3 56153E3 46153E3 56223E3 46223E3 56333E3 3-TERM. 74682E3 74103E3 74153E3 24153E3 74223E3 24223E3 74333E3 24333E3 74473E3 24473E3 74683E3 75472E3 75682E3 75103E3 25103E3 75153E3 25153E3 75223E3 25223E3 75333E3 25333E3 75473E3 76332E3 76472E3 76682E3 26682E3 76103E3 26103E3 76153E3 26153E3 76223E3 26223E3 76333E3
www.vishay.com 4
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28340 Revision: 18-Aug-08
056/057 PSM-SI
Aluminum Capacitors Power Standard Miniature Snap-In
Vishay BCcomponents
ELECTRICAL DATA AND ORDERING INFORMATION FOR 056 SERIES
UR (V) CR 100 Hz (F) 2200 3300 4700 4700 6800 40 6800 10 000 10 000 15 000 15 000 22 000 1500 2200 3300 3300 4700 50 4700 6800 6800 10 000 10 000 15 000 1000 1500 2200 2200 3300 63 3300 4700 4700 6800 6800 10 000 470 680 1000 1000 1500 100 1500 2200 2200 3300 3300 4700 NOMINAL CASE SIZE ODxL (mm) 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 IR 100 Hz 85 C (A) 1.85 2.09 2.28 3.10 3.16 3.06 4.20 3.88 4.05 4.45 4.86 1.36 1.75 2.17 2.42 2.65 2.89 3.56 3.75 4.05 4.50 4.98 1.46 1.87 2.32 2.54 2.87 3.14 3.67 3.71 4.33 4.75 5.26 0.77 0.99 1.27 1.35 1.67 1.75 2.27 2.30 2.84 2.97 3.59 IR 10 kHz 85 C (A) 2.26 2.55 2.78 3.78 3.85 3.73 5.12 4.73 4.94 5.43 5.93 1.66 2.14 2.65 2.95 3.23 3.53 4.34 4.58 4.94 5.49 6.08 1.78 2.28 2.83 3.10 3.50 3.83 4.48 4.53 5.28 5.80 6.42 0.94 1.21 1.55 1.65 2.04 2.14 2.77 2.80 3.46 3.62 4.38 IL1 1 min (A) 532 796 1132 1132 1636 1636 2404 2404 3604 3604 5284 454 664 994 994 1414 1414 2044 2044 3004 3004 4504 382 571 836 836 1251 1251 1780 1780 2574 2574 3784 286 412 604 604 904 904 1324 1324 1984 1984 2824 IL5 5 min (A) 180 260 380 380 548 548 804 804 1204 1204 1764 154 224 334 334 474 474 684 684 1004 1004 1504 130 193 281 281 420 420 596 596 861 861 1264 98 160 204 204 304 304 444 444 664 664 677 ESR 100 Hz (m) 92 67 82 49 53 58 38 44 49 41 40 170 120 90 80 75 65 53 50 49 40 39 148 105 79 73 64 55 50 48 43 42 35 535 375 265 260 190 180 130 125 100 92 75 Z 10 kHz (m) 61 45 70 38 38 50 28 39 41 34 33 130 91 72 63 63 52 45 43 42 35 33 104 72 59 53 50 44 38 38 38 37 30 470 328 235 225 170 160 120 110 95 85 70 ORDERING CODE MAL2056....... 2-TERM. 57222E3 57332E3 57472E3 47472E3 57682E3 47682E3 57103E3 47103E3 57153E3 47153E3 57223E3 51152E3 51222E3 51332E3 41332E3 51472E3 41472E3 51682E3 41682E3 51103E3 41103E3 51153E3 58102E3 58152E3 58222E3 48222E3 58332E3 48332E3 58472E3 48472E3 58682E3 48682E3 58103E3 59471E3 59681E3 59102E3 49102E3 59152E3 49152E3 59222E3 49222E3 59332E3 49332E3 59472E3 3-TERM. 77222E3 77332E3 77472E3 27472E3 77682E3 27682E3 77103E3 27103E3 77153E3 27153E3 77223E3 71152E3 71222E3 71332E3 21332E3 71472E3 21472E3 71682E3 21682E3 71103E3 21103E3 71153E3 78102E3 78152E3 78222E3 28222E3 78332E3 28332E3 78472E3 28472E3 78682E3 28682E3 78103E3 79471E3 79681E3 79102E3 29102E3 79152E3 29152E3 79222E3 29222E3 79332E3 29332E3 79472E3
Document Number: 28340 Revision: 18-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 5
056/057 PSM-SI
Vishay BCcomponents
Table 3
Aluminum Capacitors Power Standard Miniature Snap-In
ELECTRICAL DATA AND ORDERING INFORMATION FOR 057 SERIES
UR (V) CR 100 Hz (F) 150 220 330 330 470 470 680 680 1000 1000 1500 100 150 220 220 330 330 470 470 680 680 1000 47 68 100 100 100 150 150 220 220 220 330 330 470 470 47 68 100 100 150 150 220 220 330 330 470 47 68 100 100 150 150 220 220 330 330 NOMINAL CASE SIZE ODxL (mm) 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 22 x 25 22 x 30 25 x 30 22 x 40 30 x 30 25 x 40 30 x 40 25 x 50 35 x 40 30 x 50 35 x 50 22 x 25 22 x 30 25 x 30 22 x 40 22 x 35 30 x 30 25 x 40 30 x 40 30 x 35 25 x 50 35 x 35 30 x 45 35 x 50 35 x 45 22 x 25 22 x 30 25 x 30 22 x 35 30 x 30 25 x 40 30 x 35 25 x 50 35 x 40 30 x 50 35 x 50 22 x 30 22 x 30 30 x 30 25 x 35 30 x 35 25 x 50 35 x 40 30 x 45 35 x 50 35 x 45 IR 100 Hz 85 C (A) 0.77 1.00 1.36 1.36 1.80 1.80 2.39 2.39 2.85 2.85 3.66 0.63 0.83 1.10 1.10 1.49 1.49 1.98 1.98 2.60 2.60 3.12 0.50 0.63 0.86 0.86 0.84 1.16 1.16 1.57 1.50 1.57 1.73 1.75 2.40 2.29 0.50 0.63 0.86 0.84 1.16 1.16 1.50 1.57 1.85 1.85 2.40 0.26 0.33 0.48 0.46 0.66 0.70 0.92 0.73 1.26 1.20 IL1 1 min (A) 184 268 400 400 568 568 820 820 1204 1204 1804 154 229 334 334 499 499 709 709 1024 1024 1504 112 161 235 235 235 350 350 512 512 512 766 766 1089 1089 117 167 244 240 364 364 532 532 796 796 1132 131 188 274 274 409 409 598 598 895 895 IL5 5 min (A) 64 92 136 136 192 192 276 276 404 404 604 54 79 114 114 169 169 239 239 344 344 504 40 56 81 81 81 119 119 173 173 173 258 258 366 366 42 58 84 84 124 124 180 180 268 268 380 45 65 94 94 140 140 202 202 301 301 ESR 100 Hz (m) 950 650 430 430 310 310 210 210 160 160 120 1440 960 660 660 440 440 310 310 240 240 160 3000 2100 1400 1400 1400 950 950 650 650 650 480 480 340 340 3000 2100 1400 1400 950 950 650 650 480 480 340 5600 3900 2600 2600 1600 1600 1100 1100 700 700 Z 10 kHz (m) 620 435 310 310 230 230 180 180 135 135 105 770 520 365 365 265 265 185 185 145 145 105 1400 1000 780 780 780 520 520 400 400 400 280 280 220 220 1400 1000 780 780 520 520 400 400 280 280 220 4400 3100 2100 2100 1300 1300 900 900 600 600 ORDERING CODE MAL2057....... 2-TERM. 52151E3 52221E3 52331E3 42331E3 52471E3 42471E3 52681E3 42681E3 52102E3 42102E3 52152E3 53101E3 53151E3 53221E3 43221E3 53331E3 43331E3 53471E3 43471E3 53681E3 43681E3 53102E3 58479E3 58689E3 58101E3 48101E3 38101E3 58151E3 48151E3 58221E3 38221E3 48221E3 68331E3 38331E3 58471E3 48471E3 56479E3 56689E3 56101E3 36101E3 56151E3 46151E3 36221E3 46221E3 56331E3 46331E3 56471E3 67479E3 57689E3 57101E3 37101E3 37151E3 47151E3 57221E3 37221E3 57331E3 47331E3 3-TERM. 72151E3 72221E3 72331E3 22331E3 72471E3 22471E3 72681E3 22681E3 72102E3 22102E3 72152E3 73101E3 73151E3 73221E3 23221E3 73331E3 23331E3 73471E3 23471E3 73681E3 23681E3 73102E3 78479E3 68689E3 78101E3 68101E3 88101E3 78151E3 68151E3 78221E3 90051E3 68221E3 88331E3 78331E3 78471E3 28471E3 76479E3 76689E3 76101E3 66101E3 90054E3 86151E3 90055E3 86221E3 76331E3 26331E3 76471E3 87479E3 77689E3 77101E3 17101E3 17151E3 27151E3 77221E3 17221E3 77331E3 27331E3
200
250
385
400
450
www.vishay.com 6
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28340 Revision: 18-Aug-08
056/057 PSM-SI
Aluminum Capacitors Power Standard Miniature Snap-In
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current Inductance Equivalent series inductance (ESL) All case sizes typ. 19 nH max. 25 nH After 1 minute at UR After 5 minutes at UR IL1 0.006 CR x UR + 4 A IL5 0.002 CR x UR + 4 A 250 V versions 385 V versions Us = 1.15 x UR Us = 1.1 x UR Urev 1 V CONDITIONS VALUE
Vishay BCcomponents
CAPACITANCE (C)
1.2
EQUIVALENT SERIES RESISTANCE (ESR)
ESR ESR0
101 2
C C0
1.1
1
Curve 1: UR 250 V Curve 2: UR = 200 V Curve 3: UR 100 V
1.0
3
0.9 1 2 0.8 3 Curve 1: UR = 100 V Curve 2: UR = 200 V Curve 3: UR 250 V and 40 V
1 2, 3 1 ESR0 = typical at 20 C and 100 Hz
0.7
C0 = capacitance at 20 C and 100 Hz 0.6 - 100 - 50 0
50
Tamb (C)
100
- 100
- 50
0
50
100
150
Tamb (C)
Fig.6 Typical multiplier of capacitance as a function of ambient temperature
Fig.8 Typical multiplier of ESR as a function of ambient temperature
1.1
1.5
C C0
1.0
ESR ESR0
1.0
0.9
3 2
2
0.8 Curve 1: UR = 10 V and 16 V Curve 2: UR = 25 V, 35 V and 40 V Curve 3: UR 40 V 0.5 1 Curve 1: UR > 100 V Curve 2: UR 100 V ESR0 = typical at 20 C and 100 Hz 10
3
1
0.7
C0 = capacitance at 20 C and 100 Hz 0.6 101 10
2
f (Hz)
10
4
0 101
10
2
10
3
f (Hz)
10
4
Fig.7 Typical multiplier of capacitance as a function of frequency
Fig.9 Typical multiplier of ESR as a function of frequency
Document Number: 28340 Revision: 18-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 7
056/057 PSM-SI
Vishay BCcomponents
IMPEDANCE (Z)
10
5
Aluminum Capacitors Power Standard Miniature Snap-In
ESR ESR0
101 1 2 3
Curve 1: UR 250 V Curve 2: UR = 200 V Curve 3: UR 100 V
Z (m)
10
4
1 2 3 4 5
Curve 1: 47 F Curve 2: 100 F Curve 3: 150 F Curve 4: 220 F Curve 5: 470 F Curve 6: 1000 F
Curve 7: 1500 F Curve 8: 2200 F Curve 9: 3300 F Curve 10: 4700 F Curve 11: 6800 F
103
6 7 8 9 10 11
1
2, 3 1 Z0 = typical impedance at 20 C and 10 kHz
10
2
Case O D x L = 22 x 25 mm
- 100
- 50
0
50
100
150
10
1
Tamb = 20 C 104 105 106
101
102
103
Tamb (C)
f (Hz)
107
Fig.10 Typical multiplier of impedance as a function of ambient temperature
10
5
Fig.11 Typical impedance as a function of frequency
10 Curve 1: 68 F Curve 2: 150 F Curve 3: 220 F Curve 4: 330 F Curve 5: 680 F Curve 6: 1500 F Curve 7: 2200 F Curve 8: 3300 F Curve 9: 4700 F Curve 10: 6800 F Curve 11: 10 000 F
5
Z (m)
10
4
1 2 3 4 5
Z (m)
1
10
4
2 3 4 5
Curve 1: 100 F Curve 2: 220 F Curve 3: 330 F Curve 4: 470 F Curve 5: 1000 F Curve 6: 2200 F
Curve 7: 3300 F Curve 8: 4700 F Curve 9: 6800 F Curve 10: 10 000 F Curve 11: 15 000 F
10
3
6 7 8 9 10 11
103
6 7 8 9 10 11
10
2
10
2
Case O D x L = 22 x 30 mm 101 1 10 10
2
Tamb = 20 C 10
4
Case O D x L = 25 x 30 mm and 22 x 40 mm
7
10
3
10
5
10
6
f (Hz)
10
101 1 10
Tamb = 20 C
5
10
2
10
3
10
4
10
106
f (Hz)
107
Fig.12 Typical impedance as a function of frequency
Fig.13 Typical impedance as a function of frequency
105
105 Curve 1: 150 F Curve 2: 330 F Curve 3: 470 F Curve 4: 680 F Curve 5: 1500 F Curve 6: 3300 F Curve 7: 4700 F Curve 8: 6800 F Curve 9: 10 000 F Curve 10: 15 000 F Curve 11: 22 000 F
Z (m)
10
4
Z (m)
10
4
1 2 3 4
1 2 3 4
Curve 1: 220 F Curve 2: 470 F Curve 3: 680 F Curve 4: 1000 F Curve 5: 2200 F Curve 6: 4700 F
Curve 7: 6800 F Curve 8: 10 000 F Curve 9: 15 000 F Curve 10: 22 000 F Curve 11: 33 000 F
Case O D x L = 30 x 40 mm and 25 x 50 mm
103
5 6 7 8 9 10 11
103
5 6 7 8 9 10 11
102
102
Case O D x L = 30 x 30 mm and 25 x 40 mm 101 1 10 10
2
Tamb = 20 C
5
10
3
10
4
10
10
6
f (Hz)
10
7
101 1 10
Tamb = 20 C 10
2
10
3
10
4
10
5
106
f (Hz)
107
Fig.14 Typical impedance as a function of frequency
Fig.15 Typical impedance as a function of frequency
www.vishay.com 8
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28340 Revision: 18-Aug-08
056/057 PSM-SI
Aluminum Capacitors Power Standard Miniature Snap-In
IMPEDANCE (Z)
10
5
Vishay BCcomponents
10 Curve 1: 330 F Curve 2: 680 F Curve 3: 1000 F Curve 4: 1500 F Curve 5: 3300 F Curve 6: 6800 F
1 2 3 4 5
5
Z (m)
10
4
Curve 7: 10 000 F Curve 8: 15 000 F Curve 9: 22 000 F Curve 10: 33 000 F Curve 11: 47 000 F
Z (m)
10
4
Curve 1: 470 F Curve 2: 1000 F Curve 3: 1500 F Curve 4: 2200 F Curve 5: 4700 F Curve 6: 10 000 F
1
Curve 7: 15 000 F Curve 8: 22 000 F Curve 9: 33 000 F Curve 10: 47 000 F Curve 11: 68 000 F
Case O D x L = 35 x 40 mm and 30 x 50 mm 103
103
2 3 4 5
Case O D x L = 35 x 50 mm
102
6 7 8 9 10 11
102
6 7 8 9 10 11
10
1
Tamb = 20 C 102 103 104 105 106
101
f (Hz)
107
10
1
Tamb = 20 C 102 103 104 105 106
101
f (Hz)
107
Fig.16 Typical impedance as a function of frequency
Fig.17 Typical impedance as a function of frequency
RIPPLE CURRENT AND USEFUL LIFE
2.4
2.3 IA IR 2.2
2.1
2.0
1.9 1.8 1.7
life multiplier
1
1.6
1. 2 1. 5
1.5 1.4
2 2. 5 3 4
1.3
5 8
1.2
10 15
IA = actual ripple current at 100 Hz and 85 C IR = rated ripple current at 100 Hz and 85 C
(1)
1.1 1.0 0.8 0.5 0.0 40
20 30
(1)
Useful life at 85 C and IR applied: 12 000 hours (450 V types: 5000 hours)
Fig.18 Multiplier of useful life as a function of ambient temperature and ripple current load
45 60
50 60 70 80 Tamb (C) 90
Document Number: 28340 Revision: 18-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com 9
056/057 PSM-SI
Vishay BCcomponents
Table 4
Aluminum Capacitors Power Standard Miniature Snap-In
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 100 200 400 1000 2000 4000 10 000 IR MULTIPLIER UR = 10 to 25 V 0.93 1.00 1.04 1.07 1.11 1.13 1.15 1.18 UR = 40 to 100 V 0.91 1.00 1.05 1.09 1.13 1.15 1.18 1.22 UR > 100 V 0.86 1.00 1.13 1.21 1.29 1.32 1.35 1.40
Table 5
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 PROCEDURE (quick reference) Tamb = 85 C; UR applied; 5000 hours (450 V types: 2000 hours) REQUIREMENTS UR 100 V; C/C: 15 % UR > 100 V; C/C: 10 % ESR 1.3 x spec. limit Z 2 x spec. limit IL5 spec. limit Useful life CECC 30301 subclause 1.8.1 Tamb = 85 C; UR and IR applied; 12 000 hours (450 V types: 5000 hours) UR 100 V; C/C: 45 % UR > 100 V; C/C: 30 % ESR 3 x spec. limit Z 3 x spec. limit IL5 spec. limit no short or open circuit, no visible damage total failure percentage: UR 100 V: 1 %; UR > 100 V: 3 % Shelf life (storage at high temperature) IEC 60384-4/ EN130300 subclause 4.17 Tamb = 85 C; no voltage applied; 500 hours After test: UR to be applied for 30 minutes 24 hours to 48 hours before measurement C/C: 10 % ESR 1.2 x spec. limit IL5 2 x spec. limit
www.vishay.com 10
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28340 Revision: 18-Aug-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 057PSM-SI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X