Part Number Hot Search : 
53200 SMBJ75A 1431C SMBJ75A 00SERI S1033 NCV2901 TC153
Product Description
Full Text Search
 

To Download WSSMC100P91V00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AGILE OPTICAL SWITCHES
Wavelength Selective Switch (WSS) 1x9
Key Features
* 100 GHz 1x9 * Free space optics and MEMS technology * Optional integrated PLC based OCM providing per channel power control * Equalize, attenuate, block, switch/route any or all wavelengths * Flat wide pass bands, low dispersion- cascadability * Colorless solution - Any wavelength/any port * Telcordia qualified * RoHS Compliant * High volume manufacturing - Automated optics alignment and assembly (high throughput, multi-parameter optimization, high precision/repeatability, operator independent)
Applications
* Wavelength routing/grooming - Ring inter-connect/optical hubbing and add/drop capability - 2D to 8D nodes * Dynamic bandwidth management and per channel output power control with OCM option
- Fully automated test and calibration facility (auto data logging and monitoring, networked access to data and test status) * 40 Gb/s compatible with high cascadability * CAPEX - eliminates O-E-O conversions * OPEX - remote planning and re-configuration * Faster time to revenue
JDSU's Agile Optical Switch family provides the broadest portfolio of ROADM solutions designed to match the requirements of major market segments. They are the building blocks of Agile Optical Networks and provide the flexibility to remotely reconfigure any or all wavelengths, thereby reducing time-to-service, simplifying the network and streamlining planning and management. This results in significant Opex and Capex reductions and faster time to revenue. In addition, they enable the cost effective creation and deployment of more complex network architectures. The Wavelength Selective Switch is an N-port module composed of a hermetically sealed optics block, control electronics and OCM. The optics block is based on the highly successful free space optics platform developed for the Wavelength Blockers, hence maintaining a common platform solution while evolving to the WSS. The OCM is based on JDSU controlled PLC technology providing a secure supply of low cost, per channel power and wavelength monitoring capability which is ideal for channel identification and tracking.
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
WAVELENGTH SELECTIVE SWITCH (WSS) 1X9
2
Continued
The WSS is used to dynamically attenuate, block switch and route wavelengths independently. Any wavelength/wavelengths can be routed from any port/ports to any other port/ports in any order, resulting in a colorless solution, that is highly flexible and requires no pre-planning. With the addition of the OCM functionality the WSS can provide closed loop control using JDSU software or can provide the flexibility for OCM data acquisition by the customer for use in the customer's network management software. The WSS combined with OCM provides higher level integration resulting in lower monitoring cost and reduced space requirements at a system level all within the same form factor as the current 1x9 WSS.
Functional Diagram
(This diagram shows the functionality of the Wavelength Selective Switch only. Diagram does not resemble actual device.)
Common Port 1 Port 2
. . . . . .
WSS
. . DPRAM Interface . & RS232
Port 8 Port 9
3.3V
5VA
15VA
WAVELENGTH SELECTIVE SWITCH (WSS) 1X9
3
Dimensions Diagram (Specifications in mm unless otherwise noted. )
Fiber Output Scheme and Labeling
WAVELENGTH SELECTIVE SWITCH (WSS) 1X9
4
Specifications
Parameter Optical-WSS Number of ports (1 input, 9 outputs, bi-directional) Wavelength spacing Number of controllable channels Spectral range Maximum input power
Condition
Minimum
Typical1
Maximum
50 GHz 0.3 dB 35 dB -5C 5% RH -40C 5% RH Entire module All ports All ports Input fiber Output fiber 3.3 V 5% 5.0 V 5% 15 V 5%
10
-
Insertion loss (IL) 0.5 dB channel bandwidth (0.5 BW) Polarization dependent loss
Insertion loss ripple
Dynamic attenuation range Attenuation step size Extinction ratio Return loss Group delay ripple PMD Environmental and Operational Operating case temperature Operating humidity Storage temperature Storage humidity Mechanical and Fiber Labeling Module dimensions (W x D x H) Fiber type Fiber length Optical connector Electrical interface Connector labeling (see Fiber Output Scheme and Labeling on page 3) Electrical Supply voltage A Supply voltage B Supply voltage C
Aggregate power Single port Single channel Including connectors 0 dB attenuation Over 20 GHz at 0 dB attenuation Over 20 GHz at 10 dB attenuation Over 20 GHz at 15 dB attenuation Over 15 GHz at 0 dB attenuation Over 15 GHz at 10 dB attenuation Over 15 GHz at 15 dB attenuation Relative to channel min IL Over 20 GHz Not including connectors Measured at 0 dB attenuation Measured at 0 dB attenuation
100 GHz 46 196.2 to 191.7 THz 27 dBm 24 dBm 12 dBm 4.0 dB 6.5 dB 0.2 dB 0.5 dB 0.3 dB 0.6 dB 0.6 dB 0.9 dB 0.1 dB 0.4 dB 0.3 dB 0.5 dB 0.4 dB 0.8 dB 0 to 15 dB 0.1 dB 45 dB 40 dB 35 dB 1 ps 3 ps 0.6 ps 1 ps 70C 85% RH 70C 95% RH
220 x 140 x 32 mm 900 m tight buffer SMF-28 1.00.1 m LC/UPC connectors DPRAM and RS232 Common Ports 1, 2, 3, 4, 5, 6, 7, 8, and 9 0.35 A2 0.30 A 0.40 A
Note: Parameters are specified for End-of-Life (EOL), over passband, over all channels, over operating temperature, attenuation range, and all polarization states unless stated otherwise. Typical data is provided for information only; manufacturing tests are done using EOL spec. 1. 90th percentile of population at Beginning-of-Life (BOL) 2. Suggested minimum 2.5 W for 3.3V power supply for current transient at startup
WAVELENGTH SELECTIVE SWITCH (WSS) 1X9
5
Optional Integrated OCM Specifications
Parameter
Condition
Minimum
Typical1
Maximum
OCM Number of channels Spectral range Insertion loss (WSS IL) Including 5% OCM tap Input power dynamic range At common Maximum channel dynamic range Optical power reading resolution Absolute wavelength error Polarization dependent error Over 10 GHz from ITU frequency Absolute channel power Over 10 GHz from ITU frequency Total band power Includes power within 25 GHz of ITU Electrical noise Noise equivalent power at common Acquisition interval power Acquisition interval wavelength Optional Closed Loop Control of WSS Optical power setting resolution Closed loop time (user controllable) Attenuation maximum increment (user controllable) Minimum controllable output power Electrical - WSS with optional OCM Supply voltage A 3.3 V 5% Supply voltage B 5.0 V 5% Supply voltage C 15 V 5%
-40 dBm 0.1 dB -50 pm -1.5 dB 0.3 dB 100 ms 0.1 dB -
44 196.2 to 191.7 THz 5.0 dB 6.9 dB +3 dBm 20 dB +50 pm 0.4 dB 1.0 dB +1.5 dB -47 dBm 20 ms 60 s 0.1 dB 0.7 A1 3.5 A2 0.4 A3 30 s 20 dB -32 dBm -
Note: Parameters are specified for End-of-Life (EOL), over passband, over all channels, over operating temperature, attenuation range, and all polarization states unless stated otherwise. Typical data is provided for information only; manufacturing tests are done using EOL spec. 1. Suggested minimum 2.5 W for 3.3 V power supply for current transient at startup 2. Suggested minimum 2 W for 5.0 V power supply for current transient at startup 3. Suggested minimum 4 W for 15.0 V power supply for current transient at startup
WAVELENGTH SELECTIVE SWITCH (WSS) 1X9
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com.
Sample: MWSWC19100J501
Product Code MWSWC19100J501 WSSMC100P91V00
Description Wavelength Selective Switch 1x9 (WSS) Wavelength Selective Switch with Monitor 1X9 (WSSM)
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. (c)2006 JDS Uniphase Corporation. All rights reserved. 10143153 Rev. 002 WSS1X9.DS.CMS.AE
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
November 2006


▲Up To Search▲   

 
Price & Availability of WSSMC100P91V00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X