|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
VX-701 Voltage Controlled Crystal Oscillator VX-701 Features * * * * * * * * * AT-Cut Crystal Surface Mount FR4 based package Reflow Process Compatible Low Phase Noise Tight Stabilities Frequency Range 1 - 700MHz Standard Frequencies 16,384; 30,72; 32,768; 38,88; 52; 77,76; 100; 122,88; 153,6; 155,52; 175; 184,32MHz Previous Model Number: C5260 * * * * Applications Base Stations Test Equipment Synthesizers Switching Performance Specifications Frequency Stabilities1 Parameter vs. operating temperature range (referenced to +25C) Initial tolerance vs. supply voltage change vs. load change vs. aging / 1 Year vs. aging (following years) vs. operating temperature range (referenced to +25C) Initial tolerance vs. supply voltage change vs. load change vs. aging / 1 Year vs. aging (following years) Min -15 -10 -3 -1 -3 -1 -30 -15 -3 -2 -3 -1 Typical Max +15 +10 +3 +1 +3 +1 +30 +15 +3 +2 +3 +1 Units ppm ppm ppm ppm ppm ppm ppm ppm ppm ppm ppm ppm Condition -20 to +70C @Vc=Vs/2 VS 5% Load 10% -40 to +85C @Vc=Vs/2 VS 5% Load 10% Page 1 of 5 Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com Performance Specifications Supply Voltage (Vs) Parameter Supply voltage (standard) Current consumption Current consumption Supply voltage Current consumption Current consumption Signal Load Rise and Fall time Duty cycle Signal Load Rise and Fall time Duty cycle Signal Load Rise and Fall time Duty cycle Tuning Range ng Linearity Tuning Slope Control Voltage Range Frequency Control Input Impedance Phase Noise 0 0.5 10 1.65 2.5 40 100 1 60 45 LVDS ns % 10 to 90% 50 1 55 40 PECL ns % 20 to 80% Options with Vs = 3.3V with Vs = 5V @52MHz HCMOS 3.3V @ 155.52 MHz PECL 3.3V 15 5 60 HCMOS pF ns % @ 15 pF 10 to 90% @ Vs / 2 4.75 5 Min 3.135 Typical 3.3 Max 3.465 40 90 5.25 30 80 Units VDC mA mA VDC mA mA @ HCMOS @ PECL, LVDS @ HCMOS @ PECL, LVDS Condition RF Output Frequency Tuning (EFC) 75.0 140 200.0 10 % Positive 3.3 4.5 VDC VDC k Additional Parameters -85 -115 -135 -150 -153 0.2 -80 -105 -135 -145 -145 0.6 -40 2.0 g Handling & Processing Note dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz ps RMS dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz ps RMS dBc 10 Hz 100 Hz 1 kHz 10 kHz 100 kHz @ 12kHz .. 20MHz 10 Hz 100 Hz 1 kHz 10 kHz 100 kHz @ 12kHz .. 20MHz For >160 MHz only Jitter Phase Noise Jitter Subharmonics Weight Processing & Packing Supply voltage (Vs) Operable Temperature Range Storage Temperature Range -40 -55 Absolute Maximum Ratings 6.0 +85 +125 V C C Page 2 of 5 Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com Options Standard Shipping List Cross Reference Method Lage im Gurt Position in tape Pin 1 A X B K P Enclosure Type G284/G283 *bei W 24 mm nur untere Lochreihe by W 24 mm only lower hole line Abwickelrichtun Unwinding direc Gurtunterseite Tape buttom side Gurtoberseite Tape upper side Tape Width W (mm) 12 Quantity per meter 150. Quantity per reel 750. Dimension P 8 Enclosure Package Codes Type G284 Height "H" 2.3 Pin Length "L" NA Type G283 Package Codes Height "H" 3.0 Pin Connections 1 2 3 4 5 6 Control Voltage (Vc) N.C. / Enable (Option) Ground RF Output RF Output complementary (PECL / LVDS) N.C. (CMOS) Supply Voltage Input (Vs) Pin 2 High Open Low Enable true table (optional) HCMOS Pin 4 Data Data High Tristate Pin 5 N.C. N.C. N.C. LVPECL / LVDS Pin 4 No Data Data Data Pin 5 No Data Compl. Data Compl. Data Marking VX-701-xxxx Frequency AYYWW Page 3 of 5 Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com Standard Shipping Method Phase Noise VX-701 @ 52 MHz HCMOS Phase Noise VX-701 @ 155.52 MHz LVPECL Recommended Reflow Profile Profile Feature Average ramp-up rate (TL to TP) Preheat -Temperature Min TSmin -Temperature Min TSmax -Time (min to max) tS Pb-Free Assembly/ Sn-Pb Assembly 3C/second max. 150C 200C 60-180 seconds 3C/second max 217C 60-150 seconds max 260C Profile Feature Time 25C to Peak Temperature Time maintained above -Temperature (TL) -Time (tL) Pb-Free Assembly/ Sn-Pb Assembly 8 minutes max. 217C 60-150 seconds TSmax to TL -Ramp-up Rate Time maintained above -Temperature (TL) -Time (tL) Peak Temperature (TP) Time within 5C of actual Peak Temperature (tP) Ramp-down Rate 20-40 seconds 6C/ second max Note: All temperatures refer to topside of the package, measured on the package body surface. Page 4 of 5 Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com Ordering Information VX-701 0 - E A J - 105 0 - 52M0000000 Model Code Enable 0: No Enable 1: Enable Height 0: 2.3mm (G284) 1: 3.0 mm (G283) Supply Voltage D: 5V E: 3.3V RF Output Code A: HCMOS C: PECL D: LVDS Temperature Range E: -40C to +85C J: -20C to +70C Frequency Stability Code E-305: 30ppm J-105: 15ppm Notes: 1. Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies. 2. Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25C). 3. Phase noise degrades with increasing output frequency. 4. Subject to technical modification. 5. Contact factory for availability. For Additional Information, Please Contact USA: Vectron International 267 Lowell Road Hudson, NH 03051 Tel: 1.888.328.7661 Fax: 1.888.329.8328 Europe: Vectron International Landstrasse, D-74924 Neckarbischofsheim, Germany Tel: +49 (0) 7268-801-0 Fax: +49 (0) 7268-801-281 Asia: Vectron International 1F-2F, No 8 Workshop, No 308 Fenju Road WaiGaoQiao Free Trade Zone Pudong, Shanghai, China 200131 Tel: 86.21.5048.0777 Fax: 86.21.5048.1881 Disclaimer Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. Rev: 8/2008 Page 5 of 5 Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com |
Price & Availability of VX-7011-ECJ-105 |