|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
VP-700 CMOS Crystal Oscillator Previous Vectron Model VPC1 VP-700 Description Vectron's VP-700 Crystal Oscillator (XO) is a quartz stabilized square wave generator with a CMOS output. The VP-700 utilized a high performance, low frequency quartz resonator followed by a custom ASIC to synthesize the output frequency. Features * * * * * * Quick Delivery Wide output Frequency range up to 160 MHz Stabilities of 50, 100 PPM 5.0, 3.3 V Operation HCMOS/TTL Compatible Product is free of lead and compliant to EC RoHS Directive * Applications Proto-type delivery Block Diagram VDD Crystal Output Osc PLL E/D Gnd Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com Page1 Performance Specifications Table 1. Electrical Performance, 5V Option Parameter Voltage1 Current 2 Symbol VCC ICC Min Supply 4.5 Frequency Typical 5.0 Maximum 5.5 45 Units V mA MHz ppm Nominal Frequency Stability , (Ordering Option) 4 fN 1.544 25, 50, 100 Outputs 160.000 Output Logic Levels2 Output Logic High Output Logic Low Load Output Rise /Fall Time <20.000MHz 20.001 to 160.000MHz Duty Cycle2,5 Output Enable/Disable Output Enable Output Disable Start-Up Time Operating Temp, (Ordering Option) 1] 2] 3] 4] 5] 6] 2,4 VOH VOL IOUT tR/tF 0.9*VDD 0.1*VDD 15 8 4 45 Enable/Disable 50 55 V V pF ns % VE VD tSU TOP 4.0 0.8 10 -10/70 or -40/85 V V ms C The power supply should have by-pass capacitors as close to the supply and to ground as possible, for example 0.1 and 0.01uF Parameters are tested with production test circuit below , Figure 1. See Standard Frequencies and Ordering Information tables for more specific information Includes initial accuracy, operating temperature, supply voltage, shock and vibration (not under operation) and aging for 50 and 100ppm options. Duty Cycle is measured as On Time/Period (Fig 2). The Output is Enabled if the Enable/Disable is left open. tR IDD + VDD 4 .1F .01F 1 + Period Fig 1: Test Circuit Fig 2: Waveform tF VOH 3 2 15pF 50% VOL On Time Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com Page2 Performance Specifications Table 2. Electrical Performance, 3.3V Option Parameter Voltage1 Current 2 Symbol VCC ICC Min Supply 2.97 Frequency Typical 3.3 Maximum 3.63 28 Units V mA MHz ppm Nominal Frequency Stability , (Ordering Option) 2 fN 1.544 25, 50, 100 Outputs 125.000 Output Logic Levels2 Output Logic High Output Logic Low Load Output Rise /Fall Time <20.000MHz 20.000 to 125.000MHz Duty Cycle Output Enable/Disable Output Enable Output Disable Start-Up Time Operating Temp, (Ordering Option) 1] 2] 3] 4] 5] 6] 7 2 VOH VOL IOUT tR/tF 0.9*VDD 0.1*VDD 15 10 6 45 Enable/Disable 50 55 V V pF ns % VE VD tSU TOP 2.0 0.5 10 -10/70 or -40/85 V V ms C The power supply should have by-pass capacitors as close to the supply and to ground as possible, for example 0.1 and 0.01uF Parameters are tested with production test circuit below , Figure 1. See Standard Frequencies and Ordering Information tables for more specific information Includes initial accuracy, operating temperature, supply voltage, shock and vibration (not under operation) and aging for 50 and 100ppm options. Duty Cycle is measured as On Time/Period (Fig 2). The Output is Enabled if the Enable/Disable is left open. tR IDD + VDD 4 .1F .01F 1 + Period Fig 1: Test Circuit Fig 2: Waveform tF VOH 3 2 15pF 50% VOL On Time Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com Page3 Outline Drawing & Pad Layout Table 3. Pin Out Pin 1 2 3 4 Symbol E/D GND Output Function Enable Disable Case and Electrical Ground Output Power Supply Voltage VDD Reliability VI qualification includes aging at various extreme temperatures, shock and vibration, temperature cycling, and IR reflow simulation. The VP-700 family is capable of meeting the following qualification tests: Table 4. Environmental Compliance Parameter Mechanical Shock Mechanical Vibration Solderability Gross and Fine Leak Resistance to Solvents Moisture Sensitivity Level Contact Pads Conditions MIL-STD-883, Method 2002 MIL-STD-883, Method 2007 MIL-STD-883, Method 2003 MIL-STD-883, Method 1014 MIL-STD-883, Method 2015 MSL 1 Gold over Nickel Typical Characteristics - Phase Noise and Gain Curve Although ESD protection circuitry has been designed into the VP-700 proper precautions should be taken when handling and mounting. VI employs a human body model (HBM) and a charged device model (CDM) for ESD susceptibility testing and design protection evaluation. Table 5. ESD Ratings Model Human Body Model Charged Device Model Minimum 1500V 1000V Conditions MIL-STD-883, Method 3015 JESD22-C101 Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied at these or any other conditions in excess of conditions represented in the operational sections of this data sheet. Exposure to absolute maximum ratings for extended periods may adversely affect device reliability. Permanent damage is also possible if E/D is applied before Vcc. Table 6. Absolute Maximum Ratings Parameter Storage Temperature Soldering Temp/Time Symbol TS TLS Ratings -55 to 125 260 / 10 Unit C C / sec Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com Page4 IR Reflow The VP-700 is qualified to meet the JEDEC standard for Pb-Free assembly. The temperatures and time intervals listed are based on the Pb-Free small body requirements. The VP-700 device is hermetically sealed so an aqueous wash is not an issue. Table 7. Reflow Profile Parameter PreHeat Time Ts-min Ts-max Ramp Up Time Above 217 C Time To Peak Temperature Time at 260 C Ramp Down Symbol tS Value 60 sec Min, 260 sec Max 150C 200C 3 C/sec Max 60 sec Min, 150 sec Max 480 sec Max 10 sec Max 6 C/sec Max RUP tL TAMB-P tP RDN Tape and Reel Tape & Reel (EIA-481-2-A) Table 8. Tape and Reel Information Tape Dimensions (mm) Dimension Tolerance VP-700 Reel Dimensions (mm) Po Typ 4 W Typ 16 F Typ 7.5 Do Typ 1.5 P1 Typ 8 A Typ 180 B Min 2 C Typ 13 D Min 21 N Min 60 W1 Typ 17 W2 Max 21 # Per Reel 1000 Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com Page5 Ordering Information VP-700- E A W- K A A N- xxMxxxxxxx Frequency in MHz Product Crystal Oscillator Package 7x5 Ceramic Power Supply D: +5.0Vdc E: +3.3Vdc Output A: CMOS Temp Range W: -10/70C E: -40/85C *Note: not all combination of options are available. Other specifications may be available upon request. Custom Options N: Standard Option Load A: 15pF C: 50pF (5V option only) Enable/Disable A: Enable/Disable, Enable High Stability K: 50ppm S: 100ppm Example: VP-700-DAW-KAAN-125M000000 For Additional Information, Please Contact USA: Vectron International 267 Lowell Road Hudson, NH 03051 Tel: 1.888.328.7661 Fax: 1.888.329.8328 Europe: Vectron International Landstrasse, D-74924 Neckarbischofsheim, Germany Tel: +49 (0) 3328.4784.17 Fax: +49 (0) 3328.4784.30 Asia: Vectron International 1F-2F, No 8 Workshop, No 308 Fenju Road WaiGaoQiao Free Trade Zone Pudong, Shanghai, China 200131 Tel: 86.21.5048.0777 Fax: 86.21.5048.1881 Disclaimer Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. Rev: 1/10/2009 Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com Page6 |
Price & Availability of VP-700-DAW-KA |