Part Number Hot Search : 
NYC222 DE09SAM1 LTM9004 RF386 92CPE6 ATA2069 1510G HC451
Product Description
Full Text Search
 

To Download VI-J3Y-IW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
VI-J00, VE-J00
Features
* * * * * * * * * * * *
RoHS compliant (VE versions) Up to 50 Watts per cubic inch cULus, cTUVus CE Marked Up to 90% efficiency Size: 2.28" x 2.4" x 0.5" (57,9 x 61,0 x 12,7) Remote sense and current limit Logic disable Wide range output adjust ZCS power architecture Low noise FM control Isolated output
Half Brick DC-DC Converters 25 to 100 Watts
Product Highlights
The VI-J00 MiniMod family established a new standard in component-level DC-DC converters. This "junior" size complement to the higher power VI-200 family offers up to 100 W of isolated and regulated power in a board mounted package. With thousands of input/output/power combinations, and with a maximum operating temperature rating of 100C, the MiniMod provides nearly unlimited flexibiliy for power system designers to meet demanding time to market requirements. Utilizing Vicor's "zero-current-switching" forward converter technology, proven by an installed base of over 8 million units, the MiniMod family combines state of the art power density with the efficiency, low noise and reliability required by next generation power systems.
Part Numbering
VI -- J 6 1 -- C W
Family VI = Non-RoHS VE = RoHS
Series J = J00 V = 24 V 1 = 24 V W = 24 V 2 = 36 V 3 = 48 V
Input 0 = 12 V N = 48 V 4 = 72 V T = 110 V 5 = 150 V 6 = 300 V 7 = 150/300 V Z = 2V Y = 3.3 V 0 = 5V X = 5.2 V W = 5.5 V V = 5.8 V T = 6.5 V R = 7.5 V
Output M = 10 V 1 = 12 V P = 13.8 V 2 = 15 V N = 18.5 V 3 = 24 V L = 28 V J = 36 V K = 40 V 4 = 48 V H = 52 V F = 72 V D = 85 V B = 95 V
Grade E = -10 to 100C C = -25 to 100C I = - 40 to 100C M = -55 to 100C 5V
Power <5 W = 20 A X = 15 A Y = 10 A Z=5A W = 100 W X = 75 W Y = 50 W Z = 25 W
Note: For additional packaging options, please see page 4.
Maximum Power Available for VI-Jxx-xx
Input
Voltage Nom. (Range) 12 (10-20) 24 (10-36) 24 (21-32) 24 (18-36) 36 (21-56) 48 (42-60) 48 (36-76) 72 (55-100) 110 (66-160) 150 (100-200) 150 (100-375) 300 (200-400)
[a]
Output
Vin Transient[a] Designators 2 Z 22 n/a 36 n/a 60 72 n/a 110 n/a 215 n/a 425 0 V 1 W 2 3 N 4 T 5 7 6 X -W W Y W W W W W Y W 3.3 Y X Y W W Y W W W W W Y W 5 0 Y Y W W Y W X W X W Y W Vout Designators 5.2 5.5 5.8 6.5 7.5 10 12 13.8 15 18.5 24 28 XWVT RM1 P 2N 3L Y Y W W Y W X W X W Y W Y Y W W Y W X W X W Y W Y Y W W Y W X W X W Y W Y Y X X Y X X X X X Y X Y Y X X Y X X X X X Y X X Y W W X W W W W W X W X Y W W X W W W W W X W X Y W W X W W W W W X W X Y W W X W W W W W X W X Y W W X W W W W W X W X Y W W X W W W W W X W X Y W W X W W W W W X W 36 40 JK X Y W W X W W W W W X W X Y W W X W W W W W X W 48 4 X Y W W X W W W W W X W 52 H X -W W X W W W W W X W 72 85 FD X -W W -W W W W W -W X -W W -W W W -W -W 95 B X -W W -W W W -W -W
Low Line 75% Max Power n/a n/a 18 n/a 18 36 n/a 45 n/a 85 90 170
Transient voltage for 1 second.
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
VI-J00 MiniMod DC-DC Converters 25 to 100 Watts
Rev. 2.3
Page 1 of 5
Set your site on VICOR at vicorpower.com
CONVERTER SPECIFICATIONS
(typical at TBP = 25C, nominal line and 75% load, unless otherwise specified)
INPUT SPECIFICATIONS VI-J00 E-Grade
Parameter Inrush charge Input reflected ripple current - pp Min Typ 60x 10 10% 25+ 20 Log Vin Input ripple rejection
-6
VI-J00 C-, I-, M-Grade
Max Min Typ 60x 10 10%
-6
Max 100 x 10
-6
Units Coulombs IIN
Test Conditions Nominal line Nominal line, full load 120 Hz, nominal line 2400 Hz, nominal line
()
Vout
() 20+ 20 Log ( Vin )
30+ 20 Log Vin
Vout Vout
dB dB 2 Watts
No load power dissipation
1.35
2
1.35
OUTPUT CHARACTERISTICS VI-J00 E-Grade
Parameter Setpoint accuracy Load/line regulation Output temperature drift Long term drift Output ripple - pp: 2 V, 3.3 V 5V 10 - 95 V Trim range
[a]
VI-J00 C-, I-, M-Grade
Max 2% 0.5% 1% Min Typ 0.5% 0.05% 0.2% 0.01 0.02 200 5% 3% 100 2% 0.75% 50% 0.5 135% 140% 105% 105% 125% 130% 150 3% 1.5% 110% Max 1% 0.2% 0.5% 0.02 Units VNOM VNOM VNOM % / C %/1K hours mV VNOM VNOM VNOM Volts INOM INOM 0.25 V max. neg. leg Automatic restart 20 MHz bandwidth 20 MHz bandwidth 20 MHz bandwidth LL to HL, 10% to Full Load LL to HL, No Load to 10% Over rated temperature Test Conditions
Min
Typ 1%
0.02 0.02
50% 0.5 105% 105%
110%
Total remote sense compensation Current limit Short circuit current
[a] 10 V, 12 V, 13.8 V, 15 V outputs, or "V" input range have standard trim range 10%. Consult factory for wider trim range. 95 V output -50 + 0% trim range.
CONTROL PIN SPECIFICATIONS VI-J00 E-Grade
Parameter Gate out impedance Gate in impedance Gate in high threshold Gate in low threshold Gate in low current 0.65 6 Min Typ 50 1000 6 0.65 6 Max Min
VI-J00 C-, I-, M-Grade
Typ 50 1000 6 Max Units Ohms Ohms Volts Volts mA Use open collector Test Conditions
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
VI-J00 MiniMod DC-DC Converters 25 to 100 Watts
Rev. 2.3
Page 2 of 5
Set your site on VICOR at vicorpower.com
CONVERTER SPECIFICATIONS
(typical at TBP = 25C, nominal line and 75% load, unless otherwise specified)
DIELECTRIC WITHSTAND CHARACTERISTICS VI-J00 E-Grade
Parameter Input to output Output to baseplate Input to baseplate Min 3,000 500 1,500 Typ Max Min 3,000 500 1,500
VI-J00 C-, I-, M-Grade
Typ Max Units VRMS VRMS VRMS Test Conditions Baseplate earthed
THERMAL CHARACTERISTICS VI-J00 E-Grade
Parameter Efficiency Baseplate to sink Min Typ 78 - 88% 0.14 Max Min
VI-J00 C-, I-, M-Grade
Typ 80 - 90% 0.14 C/Watt With Vicor P/N 20267 Max Units Test Conditions
MECHANICAL SPECIFICATIONS VI-J00 E-Grade
Parameter Weight Min 2.9 82.8 Typ 3.2 92 Max 3.6 101.2 Min 3.4 96.3
VI-J00 C-, I-, M-Grade
Typ 3.8 107 Max 4.1 117.7 Units Ounces Grams Test Conditions
PRODUCT GRADE TEMPERATURES Parameter E C I M Storage -20 to +105 -40 to +105 -55 to +105 -65 to +105 Operating -10 to + 100 -25 to + 100 -40 to + 100 -55 to + 100 Units C C C C Notes
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
VI-J00 MiniMod DC-DC Converters 25 to 100 Watts
Rev. 2.3
Page 3 of 5
Set your site on VICOR at vicorpower.com
MECHANICAL DRAWING
.49 (12,4)
.30.015 (7,6)(0,38)
.65 (16,5)
2.28 (57,9) 1.30 (33,0)
Standard 0.080 Dia (2) places Solder plate over copper alloy
RoHS 0.080 Dia (2) places Matte tin over copper alloy
Pin # 1 4 3 2.10 (53,4) 2 1 9 8 2 3 1.40 1.00 (35,6) .70 (25,4) .40 (17,8) (10,2) .35 .015 (8,9)(0,38) Standard 0.040 (1,0) Dia (7) places Solder plate over copper alloy Product ID this surface .22 (5,6) Min. .30 (7,6) Min. 4 5 6 7 8 9 .15 (3,8) FULL R .15 (3,8) RoHS 0.040 Dia (7) places Matte tin over copper alloy
Function +In Gate In Gate Out -In +Out +Sense Trim -Sense -Out
VI-J00
7 6 5
2.40 (61,0) 1.75 (44,4) Max.
1.90 (48,3)
.50 (12,7) .12 (3,0)
+.030 (0,76) -.000 (0)
.01 Aluminum Base
PACKAGING OPTIONS
Flangeless package Flangeless package with integral heat sink
MegaMod Jr.
Chassis mount alternatives, one, two, or three outputs: up to 300 W
2.28"L x 1.80"W x 0.50"H (57,9 x 45,7 x 12,7 mm)
To order the SlimMod configuration add the suffix " - S" to the standard module part number. Qty (2) grounding clips are included with each SlimMod P/N 32187
Longitudinal, 0.25" fins -- add suffix "- F1" Longitudinal, 0.50" fins -- add suffix "- F2"
1 up - 2.58 x 2.5 x 0.62 (65,5 x 63,5 x 15,7 mm) 2 up - 2.58 x 4.9 x 0.62 (65,5 x 124,5 x 15,7 mm) 3 up - 2.58 x 7.3 x 0.62 (65,5 x 185,4 x 15,7 mm)
BusMod
Transverse, 0.25" fins -- add suffix "- F3" Transverse, 0.50" fins -- add suffix "- F4"
Available with longitudinal or transverse fins of 0.25" or 0.50" height. Add the appropriate suffix to the module part number. Qty (4) grounding clips are included with each FinMod F1, F2 P/N 32185 F3, F4 P/N 32186
2.28"L x 2.40"W x 1.08"H (57,9 x 61,0 x 27,4 mm)
To order the BusMod fully assembled, add suffix "-B1" to the standard module part number. To order the BusMod separately: Half-sized BusMod -- P/N 18952
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
VI-J00 MiniMod DC-DC Converters 25 to 100 Watts
Rev. 2.3
Page 4 of 5
Set your site on VICOR at vicorpower.com
Warranty
Vicor products are guaranteed for two years from date of shipment against defects in material or workmanship when in normal use and service. This warranty does not extend to products subjected to misuse, accident, or improper application or maintenance. Vicor shall not be liable for collateral or consequential damage. This warranty is extended to the original purchaser only. EXCEPT FOR THE FOREGOING EXPRESS WARRANTY, VICOR MAKES NO WARRANTY, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, THE WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. Vicor will repair or replace defective products in accordance with its own best judgement. For service under this warranty, the buyer must contact Vicor to obtain a Return Material Authorization (RMA) number and shipping instructions. Products returned without prior authorization will be returned to the buyer. The buyer will pay all charges incurred in returning the product to the factory. Vicor will pay all reshipment charges if the product was defective within the terms of this warranty. Information published by Vicor has been carefully checked and is believed to be accurate; however, no responsibility is assumed for inaccuracies. Vicor reserves the right to make changes to any products without further notice to improve reliability, function, or design. Vicor does not assume any liability arising out of the application or use of any product or circuit; neither does it convey any license under its patent rights nor the rights of others. Vicor general policy does not recommend the use of its components in life support applications wherein a failure or malfunction may directly threaten life or injury. Per Vicor Terms and Conditions of Sale, the user of Vicor components in life support applications assumes all risks of such use and indemnifies Vicor against all damages.
Vicor's comprehensive line of power solutions includes high density AC-DC and DC-DC modules and accessory components, fully configurable AC-DC and DC-DC power supplies, and complete custom power systems.
Information furnished by Vicor is believed to be accurate and reliable. However, no responsibility is assumed by Vicor for its use. Vicor components are not designed to be used in applications, such as life support systems, wherein a failure or malfunction could result in injury or death. All sales are subject to Vicor's Terms and Conditions of Sale, which are available upon request.
Specifications are subject to change without notice.
Intellectual Property Notice
Vicor and its subsidiaries own Intellectual Property (including issued U.S. and Foreign Patents and pending patent applications) relating to the products described in this data sheet. Interested parties should contact Vicor's Intellectual Property Department.
Vicor Corporation 25 Frontage Road Andover, MA, USA 01810 Tel: 800-735-6200 Fax: 978-475-6715 email Customer Service: custserv@vicorpower.com Technical Support: apps@vicorpower.com
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
VI-J00 MiniMod DC-DC Converters 25 to 100 Watts
Rev. 2.3
8/09
Set your site on VICOR at vicorpower.com


▲Up To Search▲   

 
Price & Availability of VI-J3Y-IW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X