Part Number Hot Search : 
00BZXI AN7191Z ETF02S C5571 2SD1511Q SMPA48 DRE3G GR8875L
Product Description
Full Text Search
 

To Download VCXO-5030-ECT-H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VX-503
Voltage Controlled Crystal Oscillator
VX-503
Description
The VX-503 voltage controlled crystal oscillator expands VI's advanced VCXO performance capabilities while adhering to a package footprint compatible with the industry-common J-lead package. The VX-503 VCXO is a quartz stabilized square wave generator with either a CMOS output for driving CMOS/TTL loads or a PECL output. The device is packaged in a 6 pin J-lead ceramic package and is hermetically sealed with a grounded conductive lid.
Features
* * * * Small 14mm x 9mm Low phase noise Frequency Range: 1 MHZ to 800 MHZ Previous Model: J-Type
Applications
* Clock Smoothing * Frequency Translation * SONET, SDH, ATM, DSLAM, ADM
Performance Speci cations
Parameter Pin
Pin 1 Pin 2 Pin 3 Pin 4 Pin 5
Min
Typ
Max Function
Units
Condition
Pin Out Information for the CMOS output Option Symbol
VC Tri-State1 GND Output CMOS/TTL select1,2 VCXO Control Voltage TTL logic low disables output. TTL logic high, or no connect, enables output. Case and Electrical Ground VCXO Output TTL logic low optimizes symmetry for CMOS. TTL logic high, or NC, optimizes symmetry for TTL Power Supply Voltage (5.0 V or 3.3 V 10%)
Pin 6
VCC
1. Standard option. Tri-State can be connected to pin 5 and CMOS/TTL select would be on pin 2. 2. Output is HCMOS. For frequencies >12MHz, this option optimizes symmetry for either CMOS or TTL thresholds. Ground this pin for frequencies < 12MHz.
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Performance Speci cations
Parameter
Supply voltage Current consumption Center Frequency Absolute Pull Range over the operating temperature range, aging and power supply Vc= 0.5 to 4.5 or 0.3 to 3.0 V
Min
4.5 3.0
Typ
5.0 3.3
Max
5.5 3.6
Units
VDC VDC
Condition
Electrical Performance @ 25C for the CMOS output option
10mA + 0.25mA per MHz, typical 1.024 -100 -80 -50 -100 -80 -50 77.760 +100 +80 +50 +100 +80 +50 Positive 0.8 0.1 5 45 40 55 60 1 10 3 <0.5 0 Vdd 7 -55 +125 240/10 V C C/s V V ns % % uA KHz ps ps MHZ ppm ppm ppm ppm ppm ppm -40 ...+85 C -40 ...+85 C -40 ...+85 C 0 ... +70 C 0 ... +70 C 0 ... +70 C
Gain Transfer Output Level High Output Level Low Output Rise/Fall Time Duty Cycle Input Leakage Control Voltage Modulation BW RMS Jitter, 77.760MHz RMS Jitter, 77.760MHz, 12kHz to 20MHZ Maximum Control Voltage Maximum Supply Voltage Storage Temperature Soldering Temp./Time
1. Power supply bypass is required and a 0.1uF in parallel with a 0.01uF high frequency capacitor is recommended. 2. Figure 1 de nes these parameters. Figure 2 illustrates the load used to test devices. 3. Duty cycle is de ned as on-time versus period at 1.4 V for TTL, and 2.5 V for CMOS (5volt supply) and at 1.65 V for CMOS (3.3 volt operation)
Output Waveform
Output Test Conditions (255C) for 5 volt devices, 15pF cap only for 3.3V.
Environmental Compliance
Mechanical Shock Mechanical Vibration Solderability Gross and Fine Leak Resistance to Solvents MIL-STD-883, Method 2002 MIL-STD-883, Method 2007 MIL-STD-883, Method 2003 MIL-STD-883, Method 1014 MIL-STD-883, Method 2015
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Performance Speci cations
Parameter
PreHeat Time Ramp Up Time Above 217 C Time To Peak Temperature Time At 260 C Ramp Down
Min
Typ
Max
Units
Condition
60 sec Min, 180 sec Max 3 C /sec Max 60 sec Min, 150 sec Max 480 sec Max 20 sec Min, 40 sec Max 6 C /sec Max
Re ow Pro le (IPC/JEDEC J-STD-020C)
PECL Output Options Pin
Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 Pin 6
Symbol
VC N/C or E/D2 GND Output COutput VCC
Function
VCXO Control Voltage No Connect or Output Disable Case and Electrical Ground VCXO Output VCXO Complementary Output Power Supply Voltage (5.0 V or 3.3 V 10%)
1. By setting OD high, the outputs are disabled and OUT is held low while Complementary OUT is held high. Output is enabled if E/D < VCC-1.6V. 2. See ordering information for enable/disable option. Electrical Performance @ 25C for the PECL output option Supply voltage Current consumption Center Frequency Absolute Pull Range over the operating temperature range, aging and power supply Vc= 0.5 to 4.5 or 0.3 to 3.0 V 15 -50 -32 -50 -32 4.5 3.0 5.0 3.3 5.5 3.6 VDC VDC
frequency dependent 170 +50 +32 +50 +32 MHZ ppm ppm ppm ppm -40 ...+85 C -40 ...+85 C 0 ... +70 C 0 ... +70 C
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Performance Speci cations
Parameter
Gain Transfer Output Level High Output Level Low -1.025 -1.810
Min
Typ
Max
Positive -0.880 -1.620
Units
V V
Condition
Output Logic Levels for -40 to 85 C Operation Output Level High Output Level Low Output Rise/Fall Time Duty Cycle Input Leakage Control Voltage Modulation BW RMS Jitter, 77.760MHz, 12kHz to 20MHZ Maximum Control Voltage Maximum Supply Voltage Storage Temperature Soldering Temp./Time -55 0 10 <1 Vdd 7 +125 240/10 45 -1.085 -1.830 -0.880 -1.555 1 55 1 V V ns % mA KHz ps V V C C/s
1. Power supply bypass is required and a 0.1uF in parallel with a 0.01uF high frequency capacitor is recommended. 2. Transition times are measured from 20% to 80% of a full 10K ECL level swing.
Output Waveform
Output Test Conditions (255C)
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Performance Speci cations
Parameter Min Typ Max Units Condition
Tape and Reel Dimensions (mm) Tape Dimensions
Product J-Type A 24 B 11.5 C 1.5 D 4 E 12
Reel Dimensions
F 1.78 G 21 H 13 I 100 J 5 K 25 L 330 # Per Reel 200
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Outline Drawing / Enclosure
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Ordering Information
VX - 503 0 - D A T - K X X 2 - 10M0000000
Frequency Product Family VX: VCXO Package 9 x 14 mm Height 0: B 4.5mm Supply Voltage D: 5 Vdc E: 3.3 Vdc RF Output Code A: ACMOS B: TTL C: PECL Temperature Range E: -40... +85C T: 0... +70C Option Code 0: 6ps rms jitter 1: 12ps rms jitter 2: 20ps rms jitter Screening Code X: No Screening Enable Code A: Enable Hi, Tristate X: No Enable
Pullability Code H: 32ppm K: 50ppm P: 80ppm S: 100ppm
Notes: 1. Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies. 2. Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25C). 3. Phase noise degrades with increasing output frequency. 4. Subject to technical modi cation. 5. Contact factory for availability.
For Additional Information, Please Contact
USA:
Vectron International 267 Lowell Road Hudson, NH 03051 Tel: 1.888.328.7661 Fax: 1.888.329.8328
Europe:
Vectron International Landstrasse, D-74924 Neckarbischofsheim, Germany Tel: +49 (0) 3328.4784.17 Fax: +49 (0) 3328.4784.30
Asia:
Vectron International 1F-2F, No 8 Workshop, No 308 Fenju Road WaiGaoQiao Free Trade Zone Pudong, Shanghai, China 200131 Tel: 86.21.5048.0777 Fax: 86.21.5048.1881
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Rev: 3/2/2009 daf Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com


▲Up To Search▲   

 
Price & Availability of VCXO-5030-ECT-H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X