|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
VC-706 LVPECL, LVDS Crystal Oscillator Data Sheet Previous Vectron Model VCC6 VC-706 Description Vectron's VC-706 Crystal Oscillator is a quartz stabilized, differential output oscillator, operating off either 2.5 or 3.3 volt supply, hermetically sealed 5x7 ceramic package. Features * * * * * * * Ultra Low Jitter Performance, Fundamental or 3rd OT Crystal Design Output Frequencies to 312.500MHz <0.7 ps RMS jitter, 12k-20M Differential Output Enable/Disable -10/70C or -40/85C Operation Hermetically Sealed 5x7 Ceramic Package * * * * * * * * * Applications Storage Area Networking Telecom Ethernet, GE, SynchE Fiber Channel PON Driving A/D's, D/A's, FPGA's Test and Measurement Medical COTS * Product is compliant to RoHS directive and fully compatible with lead free assembly Block Diagram VDD Complementary Output Output Crystal Oscillator E/D or NC E/D or NC Gnd Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com Page1 Performance Specifications Table 1. Electrical Performance, LVPECL Option Parameter Voltage1 Current (No Load) Nominal Frequency2 Stability (Ordering Options) Outputs Output Logic Levels4, -10/70C Output Logic High Output Logic Low Output Logic Levels4, -40/85C Output Logic High Output Logic Low Output Rise and Fall Time4 Rise Time Fall Time Load Duty Cycle 5 6 2,3 Symbol VDD IDD Min Supply 3.135 2.375 Frequency Typical 3.3 2.5 50 Maximum 3.465 2.625 98 312.500 Units V mA MHz ppm V fN 10 20, 25, 32, 50, 100 VOH VOL VOH VOL tR/tF VDD-1.025 VDD-1.810 VDD-1.085 VDD-1.830 VDD-0.880 VDD-1.620 V VDD-0.880 VDD-1.555 600 600 50 ohms into VDD-1.3V ps ps % ps ps ps V V ns uA KOhm MOhm 10 -10/70 or -40/85 ms C 45 J J 7 50 0.3 2.7 23 55 0.7 Jitter (12 kHz - 20 MHz BW)155.52MHz Period Jitter RMS P/P Enable/Disable Output Enabled8 Output Disabled Enable/Disable Time Enable/Disable Leakage Current Enable Pull-Up Resistor Output Enabled Output Disabled Start-Up Time Operating Temp. (Ordering Option) tSU TOP 33 1 VIH VIL tD 0.7*VDD 0.3*VDD 200 200 Package Size 5.0 x 7.0 x 1.8 or 5.08x7.5x2.2 mm 1. The VC-706 power supply pin should be filtered, eg, a 0.1 and 0.01uf capacitor. 2. See Standard Frequencies and Ordering Information for more information. 3. Includes calibration tolerance, operating temperature, supply voltage variations,, aging and IR reflow. 4. Figure 2 defines these parameters and Figure 1 defines the test circuit. 5. Duty Cycle is defines as the On/Time Period. 6. Measured using an Agilent E5052, 155.520MHz. Please see "Typical Phase Noise and Jitter Report for the VC-706 series". 7. Measured using a LeCroy 8600, 25K samples. 8. Outputs will be Enabled if Enable/Disable is left open. VDD -1.3V tR tF 1 NC 2 NC 3 6 5 4 50 50 VOH 50% VOL On Time -1.3V Period Figure 1 Figure 2 Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com Page2 Performance Specifications Table 2. Electrical Performance, LVDS Option Parameter Voltage 1 Symbol VDD IDD Min Supply 3.135 2.375 Frequency Typical 3.3 2.5 Maximum 3.465 2.625 60 Units V mA MHz ppm V Current (No Load) Nominal Frequency 2 fN 10 Outputs 312.500 20, 25, 32, 50, 100 Stability2,3, (Ordering Options) Output Logic Levels Output Logic High Output Logic Low Differential Output Differential Output Error Offset Voltage Offset Voltage Error Output Leakage Current Output Rise and Fall Time4 Rise Time Fall Time Load Duty Cycle 5 6 4 VOH VOL 0.9 247 1.125 1.43 1.10 330 1.25 1.6 454 50 1.375 50 10 V mV uA ps ps % ps ps ps V V ns uA KOhm MOhm 10 ms C mm mV tR/tF 600 600 100 ohms differential 45 J J 2.7 23 Enable/Disable VIH VIL tD 0.7*VDD 0.3*VDD 200 200 33 1 tSU TOP -10/70 or -40/85 5.0 x 7.0 x 1.8 or 5.08x7.5x2.2 50 0.3 55 0.7 Jitter (12 kHz - 20 MHz BW)155.52MHz Period Jitter7 RMS P/P Output Enabled8 Output Disabled Enable/Disable Time Enable/Disable Leakage Current Enable Pull-Up Resistor Output Enabled Output Disabled Start-Up Time Operating Temp. (Ordering Option) Package Size 1. The VC-706 power supply pin should be filtered, eg, a 0.1 and 0.01uf capacitor. 2. See Standard Frequencies and Ordering Information for more information. 3. Includes calibration tolerance, operating temperature, supply voltage variations,, aging and IR reflow. 4. Figure 2 defines these parameters and Figure 3 defines the test circuit. 5. Duty Cycle is defines as the On/Time Period. 6. Measured using an Agilent E5052, 155.520MHz. Please see "Typical Phase Noise and Jitter Report for the VCC6 series". 7. Measured using a LeCroy 8600, 25K samples. 8. Outputs will be Enabled if Enable/Disable is left open. 50 50 Out Out 0.01 uF DC 6 1 5 2 4 3 Figure 3 Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com Page3 Package and Pinout Table 3. Pinout Pin # 1 2 3 4 5 6 Symbol E/D or NC E/D or NC GND fO CfO VDD Function Enable Disable or No Connection Enable Disable or No Connection Electrical and Lid Ground Output Frequency Complementary Output Frequency Supply Voltage The Enable/Disable function is set at the factory on either pin 1 or pin 2 and is an ordering option 6 7.00.15 5 Part Number Frequency Date Code 4 6 7.490.15 5 Part Number Frequency Date Code 4 5.00.15 5.080.15 1 2 1.397 3 1.6 max 1.27 1 2 1.397 3 2.16 max 1.27 1 6 2 Bottom View 5 3 3.57 4 1 6 2 Bottom View 5 3 3.57 4 2.54 5.08 5.08 2.54 Figure 4 Package A Outline Drawing Figure 5 Optional Package Outline Drawing The VC-706 can be supplied in one of two package options and Figure 4 shows the primary package used. The pad layout and dimesnions are identical and a reel would include only 1 of the two options 1.78 1.96 3.66 2.54 5.08 Figure 6 Pad Layout Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com Page4 LVPECL Application Diagrams Figure 7 Standard PECL Output Configuration Figure 8 Single Resistor Termination Scheme Resistor values are typically 120 to 240 ohms for 3.3V operation. Resistor values are typically 82 to 120 ohms for 2.5V operation. Figure 9 Pull-Up Pull Down Termination Resistor values are typically for 3.3V operation For 2.5V operation, the resistor to ground is 62 ohms and the resistor to supply is 240 ohms The VC-706 incorporates a standard PECL output scheme, which are un-terminated emitters as shown in Figure 7. There are numerous application notes on terminating and interfacing PECL logic and the two most common methods are a single resistor to ground, Figure 8, and a pull-up/pull-down scheme as shown in Figure 9. An AC coupling capacitor is optional, depending on the application and the input logic requirements of the next stage. LVDS Application Diagrams VCC LVDS Driver 100 LVDS Receiver LVDS Driver 100 Receiver OUT+ OUT- Figure 11 LVDS to LVDS Connection, Internal 100ohm Some LVDS structures have an internal 100 ohm resistor on the input and do not need additional components. Figure 10 Standard LVDS Output Configuration Figure 12 LVDS to LVDS Connection External 100ohm and AC blocking caps Some input structures may not have an internal 100 ohm resistor on the input and will need an external 100ohm resistor for impedance matching. Also, the input may have an internal DC bias which may not be compatible with LVDS levels, AC blocking capacitors can be used. One of the most important considerations is terminating the Output and Complementary Outputs equally. An unused output should not be left un-terminated, and if it one of the two outputs is left open it will result in excessive jitter on both. PC board layout must take this and 50 ohm impedance matching into account. Load matching and power supply noise are the main contributors to jitter related problems. Environmental and IR Compliance Table 4. Environmental Compliance Parameter Mechanical Shock Mechanical Vibration Temperature Cycle Solderability Fine and Gross Leak Resistance to Solvents Moisture Sensitivity Level Contact Pads Condition MIL-STD-883 Method 2002 MIL-STD-883 Method 2007 MIL-STD-883 Method 1010 MIL-STD-883 Method 2003 MIL-STD-883 Method 1014 MIL-STD-883 Method 2015 MSL1 Gold over Nickel Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com Page5 IR Compliance S Suggested IR Profile Devices are built using lead free epoxy and can be subjected to standard lead free IR reflow conditions shown in Table 5. Contact pads are gold over nickel and lower maximum temperatures can also be used, such as 220C. Table 5. Reflow Profile Parameter PreHeat Time Ramp Up Time above 217C Time to Peak Temperature Time at 260C Time at 240C Ramp down 260 tL RUP tP RDN tS tAMB-P Temperature (DegC) 217 200 150 Symbol ts RUP tL tAMB-P tP tP2 RDN Value 200 sec Max 3C/sec Max 150 sec Max 10 sec Max 60 sec Max 6C/sec Max 480 sec Max Reliability 25 Time (sec) Maximum Ratings, Tape & Reel S Absolute Maximum Ratings and Handling Precautions Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied or any other excess of conditions represented in the operational sections of this data sheet. Exposure to absolute maximum ratings for extended periods may adversely affect device reliability. Although ESD protection circuitry has been designed into the VC-706, proper precautions should be taken when handling and mounting, VI employs a Human Body Model and Charged Device Model for ESD susceptibility testing and design evaluation. ESD thresholds are dependent on the circuit parameters used to define the model. Although no industry standard has been adopted for the CDM a standard resistance of 1.5kOhms and capacitance of 100pF is widely used and therefor can be used for comparison purposes. Table 6. Maximum Ratings Parameter Storage Temperature Supply Voltage Enable Disable Voltage ESD, Human Body Model ESD, Charged Device Model Symbol TSTORE Rating -55/125 -0.5 to 5.0 -0.5 to VDD+0.5 1000 1000 Unit C V V V Table 7. Tape and Reel Information Tape Dimensions (mm) W 16 F 7.5 Do 1.5 Po 4 P1 8 A 180 B 2 Reel Dimensions (mm) C 13 D 21 N 50 W1 17 W2 21 #/Reel 200 Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com Page6 Table 8. Standard Frequencies (MHz) 19.4400 43.7500 71.5000 84.0000 114.2850 136.0000 156.2500 166.0000 173.4380 195.3125 25.0000 50.0000 74.1758 86.0000 120.0000 140.0000 156.2539 166.5600 175.0000 200.0000 27.1200 53.1250 74.2500 90.0000 124.4160 142.5408 156.2740 166.6286 176.0950 212.4840 33.0000 56.0000 75.0000 95.0000 125.0000 143.0000 156.2930 166.6667 176.8382 212.5000 33.3330 61.4400 75.4000 100.0000 125.0093 148.7500 159.3750 167.3317 177.3437 225.0000 35.0000 62.2080 77.7600 105.0000 128.0000 150.0000 160.0000 167.4100 180.0000 250.0000 35.5000 62.5000 78.1250 106.2500 130.0000 153.6000 161.1328 168.2009 187.0177 260.0000 38.8800 66.0000 80.0000 110.0000 130.5882 153.8500 162.3250 168.6997 187.5000 312.5000 40.0000 68.0000 81.2500 112.0000 133.0000 155.5200 164.3555 172.6423 190.0000 40.6800 70.0000 83.3330 112.5000 135.0000 156.1734 165.0000 173.3708 192.4560 Ordering Information VC-706- E C E - K A A N - xxxMxxxxxx Frequency in MHz Product XO Package 5x7 Voltage Options E: +3.3 Vdc 5% H: +2.5 Vdc 5% Output C: LVPECL D: LVDS Temp Range W: -10/70C E: -40/85C *Note: not all combination of options are available. Other specifications may be available upon request. Other (Future Use) N: Standard Enable/Disable Pin A: Pin 1 B: Pin 2 Enable/Disable Logic A: Enable High Stability E: 20ppm F: 25ppm K: 50ppm S: 100ppm Example: VC-706-ECE-KAAN-155M520000 For Additional Information, Please Contact USA: Vectron International 267 Lowell Road Hudson, NH 03051 Tel: 1.888.328.7661 Fax: 1.888.329.8328 Europe: Vectron International Landstrasse, D-74924 Neckarbischofsheim, Germany Tel: +49 (0) 3328.4784.17 Fax: +49 (0) 3328.4784.30 Asia: Vectron International 1F-2F, No 8 Workshop, No 308 Fenju Road WaiGaoQiao Free Trade Zone Pudong, Shanghai, China 200131 Tel: 86.21.5048.0777 Fax: 86.21.5048.1881 Disclaimer Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. Rev: 01/10/2009 Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com Page7 |
Price & Availability of VC-706-HDW-SA |