Part Number Hot Search : 
KTC43 APU2470 TMEGA32 BU2730AL K6T1008 KBPC2500 TMG10C80 KTC43
Product Description
Full Text Search
 

To Download UWS1H221MCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
WS
Chip Type, High CV High Temperature (260C) Reflow
series
Corresponding with 260C peak reflow soldering Recomended reflow condition : 260C peak 5 sec. 230C over 60 sec. 2 times (8 x 6.2, 10 x 10 : 1 time) Chip type higher capacitance in large case size. Applicable to automatic mounting machine using carrier tape. Adapted to the RoHS directive (2002/95/EC).
WS
High Temperature
Reflow
UR
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics
- 40 ~ +85C 6.3 ~ 50V 22 ~ 1500F 20% at 120Hz, 20C After 1 minute's application of rated voltage, leakage current is not more than 0.03CV (A) .
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
6.3 0.28
10 0.24 6.3 5 10
16 0.20 10 4 8
25 0.16 16 3 6
35 0.14 25 2 4 35 2 3
50 0.12
Measurement frequency: 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio ZT / Z20 (MAX.) Z- 40C / Z+20C
50 2 3
Endurance
After 2000 hours' application of rated voltage at 85C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life
After storing the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. The capacitors shall be kept on the hot plate maintained at 250C, for 30 seconds. After removing from the hot plate and restored at room temperature, they meet the characteristic requirements listed at right. Black print on the case top.
Capacitance change tan Leakage current
Resistance to soldering heat Marking
Within 10% of initial value Initial specified value or less Initial specified value or less
Chip Type
(6.3, 8 x 6.2)
Voltage (A:10V) C0.2 0.5MAX. Plastic platform 0.3MAX. Positive
Type numbering system (Example : 10V 100F)
1 2 3 4 5 6 7 8 9 10 11 12 13 14
UWS 1 A 1 0 1 M C L 1G S
Package code Configuration Capacitance tolerance (-20%) Rated Capacitance (100F) Rated voltage (10V) Series name Type
Series
N2 100A WS
D0.5
Lot No.
Capacitance
L0.3 H
1 Size 8 x 6.2 only
Negative
A0.2
1 Trade mark
B0.2
E
A0.2
(mm)
(8 x 10, 10 x 10)
Positive Voltage (V:35V) Series C0.2 0.5MAX. Plastic platform 0.3MAX.
DxL
6.3 x 5.8 2.4 6.6 6.6 2.2 5.8 0.5 ~ 0.8
6.3 x 7.7 2.4 6.6 6.6 2.2 7.7 0.5 ~ 0.8
8 x 6.2 3.3 8.3 8.3 2.3 6.2 0.5 ~ 0.8
8 x 10 2.9 8.3 8.3 3.1 10 0.8 ~ 1.1
10 x 10 3.2 10.3 10.3 4.5 10 0.8 ~ 1.1
N2 100V WS
D0.5
B0.2
Lot No.
Capacitance
L0.5 H
Negative
Voltage
V Code 6.3 j 10 A 16 C 25 E 35 V 50 H
Dimension table in next page.
A0.2
Trade mark
E
A0.2
A B C E L H
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
WS
Cap. (F)
series
Dimensions
V Code
6.3 0J
10 1A
16 1C
25 1E 6.3 x 5.8 6.3 x 5.8 65 145 192 250 305 393 8 x 6.2 8 x 10 8 x 10 10 x 10 10 x 10
35 1V 6.3 x 5.8 55 105 175 214 265 324 8 x 6.2 8 x 10 10 x 10 10 x 10 10 x 10
50 1H 45 95 140 195 238 289
22 33 47 100 150 220 330 470 680 1000 1500
220 330 470 101 151 221 331 471 681 102 152 8 x 6.2 8 x 6.2 8 x 10 8 x 10 10 x 10 10 x 10 160 190 265 318 400 489 6.3 x 5.8 6.3 x 5.8 8 x 6.2 8 x 10 8 x 10 10 x 10 10 x 10 70 85 175 240 290 374 454 8 x 6.2 6.3 x 7.7 8 x 10 8 x 10 10 x 10 10 x 10 125 151 215 270 330 396 8 x 6.2 8 x 10 10 x 10 10 x 10 10 x 10
Case size D x L (mm)
Rated ripple
Rated Ripple (mArms) at 85C 120Hz
Frequency coefficient of rated ripple current
Cap.(F) Frequency
00 ~ 47V 100 ~ 1500
50 Hz 0.80 0.85
120 Hz 1.00 1.00
300 Hz 1.15 1.08
1 kHz 1.40 1.20
10 kHz~ 1.67 1.30
Taping specifications are given in page 24. Recommended land size, soldering by reflow are given in page 25, 26. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UWS1H221MCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X