Part Number Hot Search : 
S50085 2SD10 74ALS08D SIR622DP M51923 HD641 CDG00 CR100
Product Description
Full Text Search
 

To Download UF4001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UF4001 thru UF4007
Glass Passivated High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
Features
Plastic package has Underwriters Laboratories Flammability Classification 94V-0 Ideally suited for use in very high frequency switching power supplies, inverters and as free wheeling diodes Ultrafast recovery time for high efficiency Excellent high temperature switching Soft recovery characteristics Glass passivated junction High temperature soldering guaranteed: 250oC/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC DO-204AL(DO-41) molded plastic body over passivated chip Terminals: Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 ounce, 0.34 gram
Maximum Ratings and Electrical Characteristics
Ratings at 25oC ambient temperature unless otherwise specified.
Parameter Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=55oC Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 1.0A (Note 2) Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time IF=0.5A, IR=1.0A, Irr= 0.25A Typical junction capacitance at 4.0V, 1MHz Typical thermal resistance (Note 1) Operating junction temperature range Storage temperature range
Notes:
Symbols VRRM VRMS V DC IF(AV) IFSM VF IR trr CJ RJA RJL TJ TSTG
UF4001 50 35 50
UF4002 100 70 100
UF4003 200 140 200
UF4004 400 280 400 1.0
UF4005 600 420 600
UF4006 800 560 800
UF4007 1000 700 1000
Units Volts Volts Volts Amp
30.0 1.0 10.0 50 50 17 60 15 -55 to +150 -55 to +150 75 1.7
Amps Volts uA nS pF
o
@TA=25oC @TA=100oC
C/W
o
C C
o
1. Thermal resistance from junction to ambient at 0.375"(9.5mm) lead length 2. Pulse test: 300us pulse width, 1% duty cycle
157
RATINGS AND CHARACTERISTIC CURVES
(TA = 25oC unless otherwise noted)
158


▲Up To Search▲   

 
Price & Availability of UF4001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X