Part Number Hot Search : 
G75CA 5370T7LC HMC29006 DD1216 78P0914 ATTINY KYW25K1 54511
Product Description
Full Text Search
 

To Download UF4001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL GALAXY ELECTRICAL
ULTRA FAST RECTIFIER
FEATURES
Low cost Diffusde junction Low leakage Low forward voltage drop High current capability z Easily cleaned with freon, alcohol,Isopropanol and similar solvents The plastic material carries U/L recognition 94V-0
UF4001 - - - UF4007
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 1.0 A
DO - 41
MECHANICAL DATA
Case:JEDEC DO--41,molded plastic Terminals: Axial lead ,solderable per MIL- STD-202,Method 208 Polarity: Color band denotes cathode Weight: 0.012 ounces,0.34 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
UF4001 UF4002 UF4003 UF4004 UF4005 UF4006 UF4007 UNITS
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current 9.5mm lead length, @TA=75
VRRM VRMS VDC IF(AV)
50 35 50
100 70 100
200 140 200
400 280 400 1.0
600 420 600
800 560 800
1000 700 1000
V V V A
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @TJ=125
IFSM
30.0
A
Maximum instantaneous forw ard voltage @ 1.0A Maximum reverse current @TA=25
VF IR trr CJ RJA TJ TSTG
1.0 10.0 100.0 50 17 60 - 55 ----- + 150 - 55 ----- + 150
1.7
V A
at rated DC blocking voltage @TA=100 Maximum reverse recovery time (Note1) Typical junction capacitance Typical thermal resistance (Note2) (Note3)
75
ns pF
Operating junction temperature range Storage temperature range
NOTE: 1. Measured with I F=0.5A, I R=1A, I rr=0.25A.
www.galaxycn.com
2. Measured at 1.0MHZ and applied rev erse v oltage of 4.0V DC. 3.Thermal resistance junction to ambient
Document Number 0264006
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
UF4001 - - - UF4007
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50 N 1. 10 N 1.
trr
+0.5A
D.U.T. (+) 50VDC (approx) (-) 1 NONINDUCTIVE (-) PULSE GENERATOR (NOTE2) OSCILLOSCOPE (NOTE 1) (-)
0 -0.25A
-1.0A
1cm
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE = 1M .22pF. JJJJJ2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50 .
SET TIME BASE FOR 10/20 ns/cm
FIG.2 -- TYPICAL FORW ARD CHARACTERISTIC INSTANTANEOUS FORWARD CURRENT
FIG.3 -- FORW ARD DERATING CURVE
z
UF4001 - UF4004
UF4005 - UF4007
1.0
AVERAGE FORWARD CURRENT
2.0
1.0
AMPERES
AMPERES
0.5
Single Phase Half Wave 60HZ Resistive or Inductive Load 0.375"(95mm)Lead Length
0.1
TJ=25 Pulse Width=300s
0 0 25 50 75 100 125 150 175
0 0 0.4 0.8 1.2 1.6 2.0
2.4
INSTANTANEOUS FORW ARD VOLTAGE, VOLTS
AMBIENT TEMPERATURE,
FIG.4 -- TYPICAL JUNCTION CAPACITANCE PEAK FORWARD SURGE CURRENT
FIG.5 -- PEAK FORW ARD SURGE CURRENT
JUNCTION CAPACITANCE,pF
100 60 40 20 10 6 4 2
TJ=25 f=1MHz
30 25 20
8.3m Single Half s Sine-W ave
AMPERES
15 10 5 0 1 5 10 20 50 100
1 0.1 0.2
0.4
1
2
4
10 20
40
100
REVERSE VOLTAGE,VOLTS
NUMBER OF CYCLES AT 60Hz
www.galaxycn.com
Document Number 0264006
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of UF4001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X