Part Number Hot Search : 
SMAJ13A OMXXX 24305 STF1060 IRD3903 M320X ZM4746A STF1060
Product Description
Full Text Search
 

To Download TX-2800-ECH-287 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TX-280
Temperature Compensated Crystal Oscillator
TX-280
Description
Vectron International has introduced a series of surface mount, Temperature Compensated Crystal Oscillators (TCXO) available in The TX-280 surface mount TCXO's can be mounted using the standard convection re ow process. The units can meet the 0.37
holdover requirement of GR-1244-CORE table 3-1 from 0 C to +70 C temperature range and operate from 3.3V or 5.0V supply.
Features
* * * * * Stratum 3 Compliant Tight Stability Low Aging Frequency Range: 10 MHZ to 622 MHZ Previous Model: MC1200, TC-210 * * * *
Applications
SONET/SDH Synthesizers Optimized for Semtech SONET / SDH Synchronization Sets
Performance Speci cations
Parameter
vs. operating temperature range (referenced to +25C)
Min
-0.8 -0.28 -0.8 -0.28 -0.28 -1.5 -0.1 -0.1 -2.5 -4.6
Typ
Max
+0.8 +0.28 +0.8 +0.28 +0.28 +1.5 +0.1 +0.1 +2.5 +4.6
Units
ppm ppm ppm ppm ppm ppm ppm ppm ppm ppm
Condition
-40... +85C -30... +85C -20... +70C -20... +70C 0... +50C at time of shipment, No EFC Vs 5% Load 10% *Stratum 3 per GR-1244-CORE: <4.6 ppm for all causes and 15 years aging, Holdover: <0.37 ppm over 24 hours
Frequency Stabilities1
Initial Tolerance (w\ xed frequency) vs. supply voltage change vs. load change vs. aging / 15 years Overall Tolerance
Supply Voltage (Vs)
Supply voltage (Standard) Supply voltage (Option) 3.135 4.75 3.3 5.0 3.465 5.25 VDC VDC
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Performance Speci cations
Parameter
Current consumption (depends on frequency and output type)
Min
Typ
Max
15 15 70
Units
mA mA mA
Condition
steady state @ +25C & 3.3VDC steady state @ +25C & 5.0VDC PECL
RF Output
Signal Load Rise/Fall Time Duty cycle Signal Load Output Power (Standard) Harmonics Spurious Signal (custom number required) Load Signal Level (Vol) Signal Level (Voh) Rise & Fall Times (measured @ 20%) Duty cycle 45 Vs -1.025 1000 600 55 0.0 40 13.5 15 HCMOS 16.5 5 60 Sinewave 50 +3.0 +6.0 -30 -30 PECL 50 Vs -1.62 ohm V V ps ps % Into Vcc-2V or there in equivalent -40...+85C operating temp -40...+85C operating temp <100 MHz >= 100 MHz @ 50 % Vcc ohm dBm dBc dBc If applicable pF ns % 10% - 90% @ (Voh-Vol)/2 3.0 to 100 MHz
Frequency Tuning (EFC)
Tuning Range Tuning Range Linearity Tuning Slope Control Voltage Range (nominal frequency to occur at Typ 0.5V) Freq. control input impedance 0.3 0.5 10 1.65 2.5 8.0 Fixed; No adjust 12.0 20.0 20 Positive 3.0 4.5 VDC VDC kohm with Vs=3.3VDC with Vs=5.0VDC ppm %
Additional Parameters1
Phase Noise3 (Stratum 3 TCXO @12.8 MHz) -115 -130 -140 1 9.0 dBc/Hz dBc/Hz dBc/Hz ppb g Handling & processing note 100 Hz 1 kHz 10 kHz Tau= 1 sec
Allan Variance Weight Processing & Packing Supply voltage (Vs) Control Voltage Maximum output load @ CMOS Operable temperature range Storage temperature range -40 -55
Absolute Maximum Ratings
6 6 40 +85 +125 V V pF C C
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Standard Shipping Method
Production tolerance complying DIN IEC 286-3 Enclosure Type Tape width W [mm] Quantity per meter Quantity per reel Dimension P
Recommended Re ow Pro le
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Outline Drawing / Enclosure
Dimensions in mm (inches)
Pin Connections Type C
Code 0 Height "H" 6.8 Pin Length "L" NA 1 2 3 4 5 Output Supply Ground (Case) Freq. Adjust / No Connect Ground
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Ordering Information
TX - 280 0 - D A J - 807
Product Family TX: TCXO Package 20 x 22 mm Height 0: C6.8mm Supply Voltage D: 5 Vdc E: 3.3 Vdc RF Output Code A: HCMOS C: PECL E: Sinewave
0 - 10M0000000
Frequency Tuning Option 0: No Tuning 1: Electrical Adjust (EFC) Stability Code 807: 0.8ppm 287: 0.28ppm 466: 4.6ppm Stratum3
Temperature Range E: -40C to +85C H: -30C to +85C J: -20C to +70C P: 0C to +50C
Notes: 1. Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies. 2. Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25C). 3. Phase noise degrades with increasing output frequency. 4. Subject to technical modi cation. 5. Contact factory for availability.
For Additional Information, Please Contact
USA:
Vectron International 267 Lowell Road Hudson, NH 03051 Tel: 1.888.328.7661 Fax: 1.888.329.8328
Europe:
Vectron International Landstrasse, D-74924 Neckarbischofsheim, Germany Tel: +49 (0) 3328.4784.17 Fax: +49 (0) 3328.4784.30
Asia:
Vectron International 1F-2F, No 8 Workshop, No 308 Fenju Road WaiGaoQiao Free Trade Zone Pudong, Shanghai, China 200131 Tel: 86.21.5048.0777 Fax: 86.21.5048.1881
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Rev: 12/9/2008 daf Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com


▲Up To Search▲   

 
Price & Availability of TX-2800-ECH-287

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X