Part Number Hot Search : 
74LCX540 MSP145 LH1510AT 00A01 SFR152 C1922 BU608D SBL20
Product Description
Full Text Search
 

To Download TX-1900-ECT-416 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TX-190
Temperature Compensated Crystal Oscillator
TX-190
Description
Vectron International has introduced a series of low jitter complementary PECL TCXO's for use in SONET Minimum Clock (SMC) applications and is available in Output frequencies from 311.04 MHz to 777.6 MHz.
Features
* * * * * True SONET Minimum performance Ultra low Jitter Complementary PECL output Frequency Range: 311.04 MHZ to 777.6 MHZ Previous Model: TC-200
Applications
* SONET Minimum Clock
Performance Speci cations
Parameter
vs. operating temperature range (referenced to +25C) Initial Tolerance Total Stability vs. supply voltage change Jitter Generation Aging
Min
-4.1 -4.1 -5.0 -0.2
Typ
Max
+4.1 +4.1 +5.0 <20 +0.2 <1 <10
Units
ppm ppm ppm ppm ppm ps ppm
Condition
-40... +85C 0... +70C @ +25C All Causes Vs 5% 12 kHz to 80 MHz for 10 years
Frequency Stabilities1
Supply Voltage (Vs)
Supply voltage (Standard) Supply voltage (Option) Current 3.135 4.75 3.3 5.0 3.465 5.25 200 VDC VDC mA
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Performance Speci cations
Parameter Min Typ Max RF Output
Signal Load Signal Level (Vol) Signal Level (Voh) Rise/Fall Time Duty cycle 45 Vcc 400 55 Complementary PECL 15 Vcc 1.63 V pF V V ps % (20% to 80%) @ Vcc - 1.3 V 100 k ohm // 10 pF
Units
Condition
Frequency Tuning (EFC)
Tuning Range Tuning Slope 40 Positive ppm 0 to Vcc
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Outline Drawing / Enclosure
Dimensions in inches
Type C
Code 0 Height "H" 0.25 (6.35mm) Pin Length "L" NA
Pin Connections
1 2, 7, 11, 13, 15 3-6 8, 9 10 12 14 16 Electrical Freq. Adjust / No Connect Ground Missing Supply Lock Detect Output Signal - Q Comp Output Signal - Q Enable / Disable Floating = Enabled Logic "0" = Disabled
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Ordering Information
TX - 190 0 - D C E - 416
Product Family TX: TCXO Package 25 x 30 mm Height 0: C0.25" Supply Voltage D: 5 Vdc E: 3.3 Vdc RF Output Code C: PECL
X - 622M080000
Frequency Option X: No Option
Stability Code 416: 4.1ppm
Temperature Range E: -40C to +85C T: 0C to +70C
Notes: 1. Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies. 2. Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25C). 3. Phase noise degrades with increasing output frequency. 4. Subject to technical modi cation. 5. Contact factory for availability.
For Additional Information, Please Contact
USA:
Vectron International 267 Lowell Road Hudson, NH 03051 Tel: 1.888.328.7661 Fax: 1.888.329.8328
Europe:
Vectron International Landstrasse, D-74924 Neckarbischofsheim, Germany Tel: +49 (0) 3328.4784.17 Fax: +49 (0) 3328.4784.30
Asia:
Vectron International 1F-2F, No 8 Workshop, No 308 Fenju Road WaiGaoQiao Free Trade Zone Pudong, Shanghai, China 200131 Tel: 86.21.5048.0777 Fax: 86.21.5048.1881
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Rev: 2/24/2009 daf Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com


▲Up To Search▲   

 
Price & Availability of TX-1900-ECT-416

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X