Part Number Hot Search : 
MAX8790A BC807 AD9814JR 21712 UC2844D C1001 2CSBW24 HCTS74T
Product Description
Full Text Search
 

To Download TSAL760008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSAL7600
Vishay Semiconductors
High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
FEATURES
* Package type: leaded * Package form: T-13/4 * Dimensions (in mm): 5 * Peak wavelength: p = 940 nm * High reliability * High radiant power * High radiant intensity * Angle of half intensity: = 30
94 8389
* Low forward voltage * Suitable for high pulse current operation * Good spectral matching with Si photodetectors
DESCRIPTION
TSAL7600 is an infrared, 940 nm emitting diode in GaAlAs/GaAs technology with high radiant power molded in a clear, untinted plastic package.
* Lead (Pb)-free component in accordance RoHS 2002/95/EC and WEEE 2002/96/EC
with
APPLICATIONS
* Infrared remote control units with high power requirements * Free air transmission systems * Infrared source for optical counters and card readers
PRODUCT SUMMARY
COMPONENT TSAL7600 Ie (mW/sr) 25 (deg) 30 P (nm) 940 tr (ns) 800
Note Test conditions see table "Basic Characteristics"
ORDERING INFORMATION
ORDERING CODE TSAL7600 Note MOQ: minimum order quantity PACKAGING Bulk REMARKS MOQ: 4000 pcs, 4000 pcs/bulk PACKAGE FORM T-13/4
ABSOLUTE MAXIMUM RATINGS
PARAMETER Reverse voltage Forward current Peak forward current Surge forward current Power dissipation Junction temperature Operating temperature range Storage temperature range Soldering temperature Thermal resistance junction/ambient Note Tamb = 25 C, unless otherwise specified t 5 s, 2 mm from case J-STD-051, leads 7 mm soldered on PCB tp/T = 0.5, tp = 100 s tp = 100 s TEST CONDITION SYMBOL VR IF IFM IFSM PV Tj Tamb Tstg Tsd RthJA VALUE 5 100 200 1.5 160 100 - 40 to + 85 - 40 to + 100 260 230 UNIT V mA mA A mW C C C C K/W
Document Number: 81015 Rev. 1.7, 04-Sep-08
For technical questions, contact: emittertechsupport@vishay.com
www.vishay.com 127
TSAL7600
Vishay Semiconductors
High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
180
120 100 80
PV - Power Dissipation (mW)
160 140 120 100 80 60 40 20 0 0 10 20 30 40 50 60 70 80 90 100
21212
IF - Forward Current (mA)
RthJA = 230 K/W
60 40 20 0 0 10 20 30 40 50 60 70 80 90 100
RthJA = 230 K/W
21211
Tamb - Ambient Temperature (C)
Tamb - Ambient Temperature (C)
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Fig. 2 - Forward Current Limit vs. Ambient Temperature
BASIC CHARACTERISTICS
PARAMETER Forward voltage Temperature coefficient of VF Reverse current Junction capacitance Radiant intensity Radiant power Temperature coefficient of e Angle of half intensity Peak wavelength Spectral bandwidth Temperature coefficient of p Rise time Fall time Virtual source diameter Note Tamb = 25 C, unless otherwise specified IF = 100 mA IF = 100 mA IF = 100 mA IF = 100 mA IF = 100 mA TEST CONDITION IF = 100 mA, tp = 20 ms IF = 1 A, tp = 100 s IF = 1 mA VR = 5 V VR = 0 V, f = 1 MHz, E = 0 IF = 100 mA, tp = 20 ms IF = 1 A, tp = 100 s IF = 100 mA, tp = 20 ms IF = 20 mA SYMBOL VF VF TKVF IR Cj Ie Ie e TKe p TKp tr tf d 15 120 25 25 200 35 - 0.6 30 940 50 0.2 800 800 1.8 75 MIN. TYP. 1.35 2.6 - 1.8 10 MAX. 1.6 3 UNIT V V mV/K A pF mW/sr mW/sr mW %/K deg nm nm nm/K ns ns mm
www.vishay.com 128
For technical questions, contact: emittertechsupport@vishay.com
Document Number: 81015 Rev. 1.7, 04-Sep-08
TSAL7600
High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
BASIC CHARACTERISTICS
Tamb = 25 C, unless otherwise specified
Vishay Semiconductors
10 1 I F - Forward Current (A) e - Radiant Power (mW)
1000
I FSM = 1 A (Single Pulse) t p/T = 0.01 10 0 0.05 0.1 0.5 1.0 10 -1 -2 10
100
10
1
96 11987
10 -1 10 0 10 1 t p - Pulse Duration (ms)
10 2
13602
0.1 10 0
10 1 10 2 10 3 I F - Forward Current (mA)
10 4
Fig. 3 - Pulse Forward Current vs. Pulse Duration
Fig. 6 - Radiant Power vs. Forward Current
104 IF - Forward Current (mA)
1.6
103 Ie rel; e rel
1.2 IF = 20 mA 0.8
102 tP = 100 s tP/T = 0.001 101
0.4
100 0
13600
1
2
3
4
0 - 10 0 10
94 7993
50
100
140
VF - Forward Voltage (V)
T amb - Ambient Temperature (C)
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 7 - Relative Radiant Intensity/Power vs. Ambient Temperature
1000 I e - Radiant Intensity (mW/sr) rel - Relative Radiant Power e
1.25
100
1.0
0.75
10
0.5
1
0.25 IF = 100 mA 0 890 940 990
0.1 100
14255
101 102 103 I F - Forward Current (mA)
104
14291
- Wavelength (nm)
Fig. 8 - Relative Radiant Power vs. Wavelength Fig. 5 - Radiant Intensity vs. Forward Current
Document Number: 81015 Rev. 1.7, 04-Sep-08
For technical questions, contact: emittertechsupport@vishay.com
www.vishay.com 129
TSAL7600
Vishay Semiconductors
High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
10 20 30
0 I e rel - Relative Radiant Intensity
40 1.0 0.9 0.8 0.7 50 60 70 80 0.6 0.4 0.2 0 0.2 0.4 0.6
94 8011
Fig. 9 - Relative Radiant Intensity vs. Angular Displacement
PACKAGE DIMENSIONS in millimeters
20327
www.vishay.com 130
For technical questions, contact: emittertechsupport@vishay.com
Document Number: 81015 Rev. 1.7, 04-Sep-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of TSAL760008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X