![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
VOLTAGE CONTROLLED OSCILLATOR TOM9009 100 - 150 MHz Available as: TOM9009, 4 Pin TO-8 (T4) TON9009, 4 Pin Surface Mount (SM3) BXO9009, Connectorized Housing (H1) Features ! ! ! ! Low Noise Bipolar Transistor Broad Tuning Range Operating Case Temp. -20 C to + 60 C Environmental Screening Available Maximum Ratings Ambient Operating Temperature ........... -55C to + 100 C Storage Temperature ............................ -62C to + 125 C Case Temperature .............................................. + 125 C DC Voltage ...................................................... + 20 Volts Maximum DC Tuning Voltage ........................... + 20 Volts Minimum DC Tuning Voltage ................................... 0 Volt MIN/MAX Ta = -20C to +60 C 100 - 150 MHz +7.0 Min. +/-1.0 Max. 1 to 15 4.0 -8 Max. -80 Max. -120 Max. 1.0 Max. 6.0 Max. -0.05 Max. +10 10.0 Max. Specifications CHARACTERISTIC Frequency Output Power (dBm) Power Flatness (dBm) Tuning Voltage Range (V) Tuning Voltage Sensitivity (MHz/V) Harmonics (dBc) Spurious (dBc) Phase Noise @ 100 KHz (dBc/Hz) Pushing (MHz/V) Pulling (MHz); 12 dB RL Frequency Drift (MHz/C) Power Vdc mA TYPICAL Ta = +25 C 100 - 150 MHz +10.0 +/-0.2 2 to 8 7.0 -12 <-80 <125 0.2 3.0 -0.02 +10 9.5 Vt (V) fo (MHz) f Po (MHz) (dBm) 2H 3H (dBc) (dBc) ======================================================= +10.29 -13.31 - 11.87 88.2 0.00 6.4 +10.24 -13.36 - 11.64 94.6 1.00 4.8 +10.24 -13.30 - 11.58 99.4 2.00 4.6 +10.23 -13.34 - 11.63 104.0 3.00 5.3 +10.23 -12.91 - 11.66 109.3 4.00 6.2 +10.22 -12.70 - 11.97 115.5 5.00 7.0 +10.20 -12.77 - 11.98 122.5 6.00 7.1 +10.18 -13.00 - 12.12 129.6 7.00 6.1 +10.16 -13.60 - 12.32 135.7 8.00 5.2 +10.14 -13.96 - 12.35 140.9 9.00 4.2 +10.12 -14.19 - 12.47 145.1 10.00 3.1 +10.11 -14.41 - 12.69 148.2 11.00 2.5 +10.10 -14.69 - 12.83 150.7 12.00 1.8 +10.09 -14.89 - 12.77 152.5 13.00 1.2 +10.09 -14.93 - 12.76 153.7 14.00 0.8 +10.08 -15.11 - 12.70 154.5 15.00 NOTE: Care should always be taken to effectively ground the case of each unit. Typical Performance Data Tuning Voltage (Volts) Output Power (dBm) +13 +11 +9 +7 0 180 160 2 4 6 8 10 12 14 16 18 20 Tuning Voltage (Volts) Frequency (MHz) 140 120 100 80 0 2 4 6 8 10 12 14 16 18 20 Legend +25 C +60 C -20 C Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532 12/17/04 www.SpectrumMicrowave.com Spectrum Microwave (Europe) * 2707 Black Lake Place * Philadelphia, Pa. 19154 * PH (215) 464-4000 * Fax (215) 464-4001 |
Price & Availability of TOM9009
![]() |