Part Number Hot Search : 
1414A E152M 0R12KE3 TDA8296 FIR33 715QNV 100000 ER1001AF
Product Description
Full Text Search
 

To Download TMR2-4810E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
TMR 2E Series, 2 Watt
Features Wide 2:1 input voltage range Compact SIP-8 package Cost optimized design Temperature range -40 to +85C I/O isolation 1000VDC Remote On/Off control Fully RoHS compliant 3-year product warranty
The TMR-2E series is a family of isolated 2W dc-dc converter modules with regulated output, featuring wide 2:1 input voltage ranges. The product comes in a compact SIP-8 plastic package with small footprint occupying only 2.0 cm2 (0.3 square in.) of board space. An excellent efficiency allows -40 to +85C operation temperature. Further features include remote On/Off control and continuous short circuit protection. The compact dimensions and cost optimise design make this converters an ideal solution for applications in communication equipment, instrumentation and industrial electronics.
Models
Order code TMR 2-0510E TMR 2-0511E TMR 2-0512E TMR 2-1210E TMR 2-1211E TMR 2-1212E TMR 2-2410E TMR 2-2411E TMR 2-2412E TMR 2-4810E TMR 2-4811E TMR 2-4812E Input voltage range 4.5 - 9.0 VDC (5 VDC nominal) 9 - 18 VDC (12 VDC nominal) 18 - 36 VDC (24 VDC nominal) 36 - 75 VDC (48 VDC nominal) Output voltage 3.3 VDC 5 VDC 12 VDC 3.3 VDC 5 VDC 12 VDC 3.3 VDC 5 VDC 12 VDC 3.3 VDC 5 VDC 12 VDC Output current max. 500 mA 400 mA 167 mA 500 mA 400 mA 167 mA 500 mA 400 mA 167 mA 500 mA 400 mA 167 mA Efficiency typ. 70 % 73 % 75 % 73 % 77 % 80 % 72 % 77 % 81 % 71 % 73 % 79 %
http://www.tracopower.com
Page 1 of 3
DC/DC Converters
TMR 2E Series Input Specifications
Input current at no load (nominal input voltage) 4.5-9 9--18 18-36 36-75 4.5-9 9--18 18-36 36-75 4.5-9 9--18 18-36 36-75 Vin Vin Vin Vin Vin Vin Vin Vin Vin Vin Vin Vin models: models: models: models: models: models: models: models: models: models: models: models: 40 mA typ. 20 mA typ. 10 mA typ. 8 mA typ. 520 mA typ. 200 mA typ. 100 mA typ. 50 mA typ. 15 V max. 25 V max. 50 V max. 100 V max. 1.0 A max. 5 V/ms, max. (complies with ETS300 132 part 4.4) 4.5-9 9--18 18-36 36-75 Vin Vin Vin Vin models: models: models: models: 400 mA typ. 300 V mA typ. 200 V mA typ. 500 V mA typ. EN 55022 level A, FCC part 15, level A with external capacitor (tba) 2 % max - Input variation Vin min. to Vin max. - Load variation 25 - 100% 0.5 % max. 0.75 % max. 25 % of rated max. load (operation at lower load condition is safe but a higher output ripple will be experienced) 0.1 %/C 50 mVpk-pk max. 100 s typ. >120 % of Iout max. continuous, automatic recovery 3.3 VDC models: 2`200 F max. 5 VDC models: 1`000 F max. 12 VDC models: 170 F max. - Operating - Case temperature - Storage -40C to +85C +90C max. -55C to +105C 3.0 %/K above 65C 95 % rel. H max. >1 Mio h 1'000 VDC 120 pF max. >1 GOhm 100 - 650 kHz (FM) - On: - Off: - Off stand by input current open or short circuit 2.7 to 15 VDC ref. to -Vin 1 mA max. - Input/Output - Input/Output - Input/Output (500 VDC)
2 Watt
Input current at full load (nominal input voltage)
Surge voltage (1000 msec. max.)
Reverse voltage protection Input voltage variation (dv/dt) Reflected input ripple current
Conducted noise (input)
Output Specifications
Voltage set accuracy Regulation Minimum load
Temperature coefficient Ripple and noise (20 MHz bandwidth) Transient response setting time (25% load step change) Current limitation Short circuit protection Capacitive load
General Specifications
Temperature ranges
Load derating Humidity (non condensing) Reliability, calculated MTBF (MIL-HDBK-217F @ 25C, ground benign) Isolation voltage (60 sec) Isolation capacity Isolation resistance Switching frequency Remote On/Off
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2 of 3
DC/DC Converters
TMR 2E Series Physical Specifications
Casing material Potting material Weight Soldering temperature non-conductive plastic silicon, UL 94V-0 rated 4.8g (0.17oz) max. 260C / 10 sec.
2 Watt
Outline Dimensions Pin-Out
Pin
(0.37)
Bottom view
1 2 3 5 6 7 8
0.25 (0.01)
1 2 3 5 6 7 8
-Vin (GND) +Vin (Vcc) Remote On/Off No con. +Vout -Vout No con.
0.5 (0.02)
(0.11)
2.7
9.3
No con. = Pin to be isolated from circuitry
0.5 (0.02) 11.2
(0.44)
2.0 2.54 2.54
(0.08) (0.1) (0.1)
5.08
(0.2)
2.54 2.54 2.54
(0.1) (0.86) (0.1) (0.1)
Dimensions in [mm], () = Inch Tolerances: 0.5 (0.02) Pin pich tolerances: 0.25 (0.005)
21.8
Specifications can be changed any time without notice.
Rev. 09/09
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41 43 311 45 11 * Fax +41 43 311 45 45 * info@traco.ch * www.tracopower.com
(0.13)
3.2
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of TMR2-4810E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X