Part Number Hot Search : 
9318M8 CMX868 D592A 104MPW4 CMX868 BC547C 5KE18CA 284884
Product Description
Full Text Search
 

To Download TCXO-700-FFR-156 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VT-700
Temperature Compensated Crystal Oscillator Previous Vectron Model VTC1
VT-700
Description
Vectron's VT-700 Temperature Compensated Crystal Oscillator (TCXO) is a quartz stabilized, clipped sine wave output or CMOS output, analog temperature compensated oscillator, operating off either a 2.8, 3.0, 3.3 or 5.0 volt supply, hermetically sealed 5x7 ceramic package.
Features
* * * * * * Clipped Sine Wave or CMOS Output Output Frequencies to 40 MHz Fundamental Crystal Design Optional VCXO Function available Gold over nickel contact pads Hermetically Sealed Ceramic SMD package * * * * * *
Applications
Wireless Communications Base Stations Point to point radios Broadband Access Test Equipment Handsets
* Product is compliant to RoHS directive and fully compatible with lead free assembly
Block Diagram
VDD Crystal Output
Analog Temperature Comp.
Vcontrol or NC
Gnd
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Page1
Performance Specifications Specifications
Table 1. Electrical Performance, Clipped Sine Wave Option Parameter
Output Frequency, +5V option +2.8, +3.0, +3.3V options Supply Voltage1 Supply Current, 8 to 14.999MHz 15.000 to 25.9999MHz 26.000 to 40.000MHz Operating Temperature Stability Over Operating Temperature Initial Accuracy, "No Adjust" Option Power Supply Stability Load Stability Aging Pull Range Control Voltage to reach Pull Range Control Voltage Impedance Output Level Output Load Phase Noise, 10.000MHz 10Hz 100Hz 1kHz 10kHz 100kHz Start Up Time 1. The VT-700 power supply pin should be filtered, eg, a 0.1 and 0.01uf capacitor. 2. Initial Accuracy is 2.0ppm after 2 IR Reflows. 3. The Output is AC coupled. -94 -118 -135 -147 -152 2 ms
3 2
Symbol
fO VDD IDD
Min.
10 8
Typ
Max
27 40
Units
MHz V
+2.8, +3.0, +3.3 or +5.0 1.5 2.0 2.5 0/55, -10/60, -20/70, -30/80, -40/85 0.5, 1.0, .5, 2.0, 2.5, 3.0, 4.0, 5.0 1.0 0.2 0.2 1.0
mA
TOP
C ppm ppm ppm ppm ppm/yr ppm V Mohm V
TPR 0.5 1 VO p/p 0.8
5, 8, 10, 12 2.5
10K II 10pF dBc/Hz
Clipped Sine Wave Output
Phase Noise for a Clipped Sinewave Output Description
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Page2
Performance Specifications Specifications
Table 2. Electrical Performance, CMOS Option Parameter
Output Frequency Supply Voltage1 Supply Current Operating Temperature Stability Over Operating Temperature Initial Accuracy, "No Adjust" Option2 Power Supply Stability Load Stability Aging Pull Range Control Voltage to reach Pull Range Control Voltage Impedance Output Level3 Output Logic High Output Logic Low Output Logic High Drive Output Logic Low Drive Rise and Fall Time Output Load Phase Noise, 10.000MHz 10Hz 100Hz 1kHz 10kHz 100kHz Start Up Time 1. The VT-700 power supply pin should be filtered, eg, a 0.1 and 0.01uf capacitor. 2. Initial Accuracy is 2.0ppm after 2 IR Reflows. 3. The Output is DC coupled. 4. Rise and Fall time are measured at 20/80% levels. -95 -121 -143 -154 -155 2 ms
4
Symbol
fO VDD IDD TOP
Min.
10 3.135
Typ
3.3
Max
40 3.465 10
Units
MHz V mA C ppm ppm ppm ppm ppm/yr ppm V Mohm V V mA mA ns pF dBc/Hz
0/55, -10/60, -20/70, -30/80, -40/85 0.5, 1.0, .5, 2.0, 2.5, 3.0, 4.0, 5.0 1.0 0.3 0.2 1.0
TPR 0.5 1 VOH VOL IOH IOL tR/tF 0.9*VDD
5, 8, 10, 12 2.5
0.1*VDD -4 4 3 15
Phase Noise
Description
Allan Deviation
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Page3
Outline Drawing
7.00.2 2.0 max
Recommended Pad Layout
5.7
5.00.2
FREQUENCY Date Code
1.2
Keep Out Area
4.2
1.8 Dimensions in mm 1.40.1 0.80.1 1.90.1
Table 3. Pinout Pin #
1 2 3 4
Symbol
VC GND fo VDD
Function
TCXO Control Voltage or Ground Electrical and Lid Ground Output Frequency Supply Voltage
2.700.1
VCXO Function
S
VCXO Feature: The VT-700 can be ordered with a VCXO function for applications were it will be used in a PLL, or the output frequency needs fine tune or calibration adjustments. This is a high impedance input , 1Mohm, and can be driven with an op-amp or terminated with adjustable resistors etc. Pin 1 should not be left floating on the VCXO optional device.
"No Adjust" Option: In applications were the VT-700 will not be used in a PLL , or the output frequency does not need fine tune adjustments, the best device to use would be a VT-700-xxx-xxx0 By using the "no adjust" option, the circuit is simplified as Vc does not need to be adjusted or set to a predetermined voltage and pin 1 should be grounded (pin 1 can be left open but should not be set to a voltage such as an RF signal or power supply voltage.
Maximum Ratings
S
Absolute Maximum Ratings and Handling Precautions Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied or any other excess of conditions represented in the operational sections of this data sheet. Exposure to absolute maximum ratings for extended periods may adversely affect device reliability.
Although ESD protection circuitry has been designed into the VT-700, proper precautions should be taken when handling and mounting, VI employs a Human Body Model and Charged Device Model for ESD susceptibility testing and design evaluation. ESD thresholds are dependent on the circuit parameters used to define the model. Although no industry standard has been adopted for the CDM a standard resistance of 1.5kOhms and capacitance of 100pF is widely used and therefor can be used for comparison purposes.
Table 4. Maximum Ratings Parameter
Storage Temperature Supply Voltage Control Voltage ESD, Human Body Model ESD, Charged Device Model
Symbol
TSTORE VDD VC
Rating
-55/125 6 0/VDD 1500 1000
Unit
C V V V V
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Page4
Table 5. Environmental Compliance Parameter
Mechanical Shock Mechanical Vibration Temperature Cycle Solderability Fine and Gross Leak Resistance to Solvents Moisture Sensitivity Level Contact Pads
Condition
MIL-STD-883 Method 2002 MIL-STD-883 Method 2007 MIL-STD-883 Method 1010 MIL-STD-883 Method 2003 MIL-STD-883 Method 1014 MIL-STD-883 Method 2015 MSL1 Gold over Nickel
Suggested IR Profile Devices are built using lead free epoxy and can be subjected to standard lead free IR reflow conditions shown in Table 5. Contact pads are gold over nickel and lower maximum temperatures can also be used, such as 220C. Table 6. Reflow Profile Parameter
PreHeat Time Ts-min Ts-max Ramp Up Time above 217C Time to Peak Temperature Time at 260C Time at 240C Ramp down
The
Reliability IR Reflow
S
Symbol
ts
Value
200 sec Max 150C 200C 3C/sec Max 150 sec Max 480 sec Max 10 sec Max 60 sec Max 6C/sec Max
RUP tL tAMB-P tP tP2 RDN
Tape & Reel
Table 7. Tape and Reel Information Tape Dimensions (mm)
W 16 F 7.5 Do 1.5 Po 4 P1 8 A 180 B 1.5
Reel Dimensions (mm)
C 13 D 20.2 N 60 W1 16.4 W2 20.4 #/Reel 1000
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Page5
Table 8. Standard Frequencies (MHz)
8.1920 12.2450 13.000 15.000 16.3840 18.6010 20.750 24.5760 35.3280 10.000 12.2880 13.560 15.3598650 16.3680 19.000 20.916460 24.80640 36.000 10.0001350 12.3520 14.000 15.360 16.580 19.200 21.250 25.000 38.400 10.0013550 12.500 14.3180 16.000 16.58880 19.440 21.94921875 25.488280 38.880 10.080 12.504 14.400 16.034950 16.777216 19.680 22.000 26.000 39.000 10.240 12.580 14.500 16.320 16.800 19.6608 22.3680 27.000 40.000 10.2450 12.5829120 14.58880 16.3252910 17.500 19.800 23.090 28.000 11.05920 12.600 14.6171880 16.36760 18.000 20.000 24.000 30.720 11.28960 12.6883750 14.74560 16.3676670 18.4140 20.250 24.1920 32.000 12.000 12.800 14.850 16.36770 18.4320 20.480 24.53350 33.000
Ordering Information
VT-700- E F G - 206A- xxMxxxxxxx
Product TCXO Package 5x7 Package Voltage Options D: +5.0 Vdc 5%, E: +3.3 Vdc 5%, F: +3.0 Vdc 5% G: +2.8 Vdc 5% Output A: CMOS F: Clipped Sine Wave Temp Range R: 0 /55C K: -10/60C J: -20/70C G: -30/80C E: -40/85C Frequency in MHz Tuning 0: Fixed, No tuning A: 5ppm B: 8ppm C: 10ppm D: 12ppm Stability 507: 0.5ppm 106: 1ppm 156: 1.5ppm 206: 2.0ppm 256: 2.5ppm 306: 3.0ppm 356: 3.5ppm 406: 4.0ppm 506: 5.0ppm
*Note: not all combination of options are available. Other specifications may be available upon request.
Example: VT-700-EFG-206A-26M0000000
For Additional Information, Please Contact
USA:
Vectron International 267 Lowell Road Hudson, NH 03051 Tel: 1.888.328.7661 Fax: 1.888.329.8328
Europe:
Vectron International Landstrasse, D-74924 Neckarbischofsheim, Germany Tel: +49 (0) 3328.4784.17 Fax: +49 (0) 3328.4784.30
Asia:
Vectron International 1F-2F, No 8 Workshop, No 308 Fenju Road WaiGaoQiao Free Trade Zone Pudong, Shanghai, China 200131 Tel: 86.21.5048.0777 Fax: 86.21.5048.1881
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. Rev: 7/06/2009
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Page6


▲Up To Search▲   

 
Price & Availability of TCXO-700-FFR-156

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X