Part Number Hot Search : 
ILX551 BR15005 42172AA1 744112 ES1DFL CD4032AF IP8080AB A5052
Product Description
Full Text Search
 

To Download TC2998F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 - Preliminary Datasheet -
TC2998F
PRE.3_01/21/2008
2.7-2.9GHz 20W Packaged GaAs Power FETs
FEATURES 20 W Typical Power 10 dB Typical Linear Power Gain High Linearity: IP3 = 52 dBm Typical High Power Added Efficiency: Nominal PAE of 37 % 100 % DC and RF Tested
DESCRIPTION The TC2998F is a packaged Pseudomorphic High Electron Mobility Transistor (PHEMT) power transistor. The ceramic package provides the best thermal conductivity for the GaAs FET. All devices are 100% DC and RF tested to assure consistent quality. Typical applications include high dynamic range power amplifier for commercial applications. ELECTRICAL SPECIFICATIONS
Symbol FREQ P1dB GL IP3 PAE IDSS gm VP BVDGO Rth CONDITIONS Operating Frequency Output Power at 1dB Gain Compression Point, Vd = 10V, Id = 4.5A, f=2.7 - 2.9GHz Linear Power Gain Vd = 10V, Id = 4.5A, f=2.7 - 2.9GHz
Intercept Point of the 3 -order Intermodulation, Vd = 10V, Id = 4.5A, f=2.7 - 2.9GHz, *PSCL = 31 dBm
rd
MIN 2.7 42 9
TYP
MAX 2.9
UNIT GHz dBm dB dBm % A mS Volts Volts C/W
43 10 52 37 18.75 13500 -1.7 22 0.6
Power Added Efficiency at 1dB Compression Power Saturated Drain-Source Current at VDS = 2 V, VGS = 0 V Transconductance at VDS = 2 V, VGS = 0 V Pinch-off Voltage at VDS = 2 V, ID = 60 mA Drain-Gate Breakdown Voltage at IDGO =15 mA Thermal Resistance
20
* PSCL: Output Power of Single Carrier Level, delta frequency=5MHz.
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 P1/2
TC2998F
ABSOLUTE MAXIMUM RATINGS at 25 C
Symbol VDS VGS IDS Pin PT TCH TSTG Parameter Drain-Source Voltage Gate-Source Voltage Drain Current RF Input Power, CW Continuous Dissipation Channel Temperature Storage Temperature Rating 12 V -5 V IDSS 37dBm 150 W 175 C - 65 C to +175 C
PRE.3_01/21/2008
HANDLING PRECAUTIONS: The user must operate in a clean, dry environment. Electrostatic Discharge (ESD) precautions should be observed at all stages of storage, handling, assembly, and testing. The static discharge must be less than 300V
MECHANICAL OUTLINE
Gate
Source
Drain Drain
Note - Mechanical outline might be adjusted upon actual design..
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Shanhua Jen, Tainan County, Taiwan, R.O.C. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 P2/2


▲Up To Search▲   

 
Price & Availability of TC2998F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X