Part Number Hot Search : 
ER508 APS3623 B2088T 1N5221 KA1458AS BA595 4027B C1206
Product Description
Full Text Search
 

To Download TC2996B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC2996B
REV1_20070503
1.9 GHz 12 W Flange Ceramic Packaged GaAs Power FETs
FEATURES
* 12 W Typical Power at 1.9 GHz * 13 dB Typical Linear Power Gain at 1.9 GHz * High Linearity: IP3 = 50 dBm Typical * High Power Added Efficiency: Nominal PAE of 40 % * Suitable for High Reliability Application * Lg = 1 m, Wg = 30 mm * 100 % DC and RF Tested PHOTO ENLARGEMENT
* Flange Ceramic Package
DESCRIPTION The TC2996B is a packaged Pseudomorphic High Electron Mobility Transistor (PHEMT) power transistor with input prematched circuits. The flange ceramic package provides the best thermal conductivity for the GaAs FET. All devices are 100% DC and RF tested to assure consistent quality. Typical applications include high dynamic range power amplifiers for commercial applications.
ELECTRICAL SPECIFICATIONS (@ 1.9 GHz)
SYMBOL P1dB GL IP3 PAE IDSS gm VP BVDGO Rth CONDITIONS Output Power at 1dB Gain Compression Point VDS = 10 V, IDS = 2.5A Linear Power Gain VDS = 10 V, IDS = 2.5A Intercept Point of the 3 -order Intermodulation, VDS = 10 V, IDS = 2.5A, *PSCL = 28 dBm Power Added Efficiency at 1dB Compression Power Saturated Drain-Source Current at VDS = 2 V, VGS = 0 V Transconductance at VDS = 2 V, VGS = 0 V Pinch-off Voltage at VDS = 2 V, ID = 60 mA Drain-Gate Breakdown Voltage at IDGO =15 mA Thermal Resistance
20
rd
MIN
39.5 12
TYP
41.0 13 50 40 7.5 5400 -1.7 22 1.5
MAX
UNIT
dBm dB dBm % A mS Volts Volts C/W
* PSCL: Output Power of Single Carrier Level.
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 P1/3
TC2996B
REV1_20070503
ABSOLUTE MAXIMUM RATINGS at 25 C
Symbol VDS VGS IDS Pin PT TCH TSTG Parameter Drain-Source Voltage Gate-Source Voltage Drain Current RF Input Power, CW Continuous Dissipation Channel Temperature Storage Temperature Rating 12 V -5 V IDSS 35dBm 60 W 175 C - 65 C to +175 C
HANDLING PRECAUTIONS:
The user must operate in a clean, dry environment. Electrostatic Discharge (ESD) precautions should be observed at all stages of storage, handling, assembly, and testing. The static discharge must be less than 300V.
FLANGE PACKAGE OUTLINE (in mm)
Gate
Source
Source
Drain
TYPICAL COMMON SOURCE SCATTERING PARAMETERS (VD = 10 V, ID = 2.5 A)
FREQUENCY (GHz) 1 2 3 4 5 6 S11 MAG 0.98594 0.93861 0.99773 0.99921 0.99931 0.99920 ANG 174.59 172.82 165.13 158.57 151.93 144.83 S21 MAG 0.99195 0.89877 0.09707 0.02972 0.01351 0.00762 S12 ANG 49.618 -68.601 -125.68 -135.99 -141.86 -146.81 MAG 0.006454 0.010435 0.001768 0.000940 0.000717 0.000618 ANG -28.741 -127.32 -156.24 -144.13 -137.94 -136.73 MAG 0.71594 0.98480 0.94714 0.96184 0.97169 0.97762 S22 ANG -163.61 -172.81 179.61 175.04 170.70 166.59
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Shanhua Jen, Tainan County, Taiwan, R.O.C. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 P2/3
TC2996B
REV1_20070503
EVALUATION BOARD
PCB Material: FR4
-Vg
Co6 Co5 Co4 Ci4
+10 V
ER = 4.6 Thickness = 31 mil Unit: mil
Co3
Co2 Ci2 Ci3 Co1
30mm FET @1.9GHz Evaluation PCB
Part Type Resistor Capacitor Capacitor Capacitor Capacitor Capacitor Capacitor Capacitor Capacitor Capacitor Capacitor Capacitor
Reference Designator R1 Ci1 Ci2 Ci3 Ci4 Ci5 Co1 Co2 Co3 Co4 Co5 Co6
Description 12 ohm 0603 1.0 pF 0603 1.0 pF 0603 1.2 pF 0603 1000 pF 0603 10 uF 1206 2.2 pF 0603 1.0 pF 0603 1.5 pF 0603 1000 pF 0603 0.1 uF 0603 10 uF 1206
Manufacturer Murata Murata Murata Murata Murata Murata Murata Murata Murata Murata Murata
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 P3/3


▲Up To Search▲   

 
Price & Availability of TC2996B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X