Part Number Hot Search : 
SHD12 NJ8821 P6KE33 K4S1616 25K16 BYD33K AD7719BR SM150
Product Description
Full Text Search
 

To Download TB6C-0200M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Precision TCXO / VCTCXO
2111 Comprehensive Drive Aurora, Illinois 60505 Phone: 630- 851- 4722 Fax: 630- 851- 5040 www.conwin.com
Description
TA The Connor-Winfield 5 20 C 07 .0 15 Mh 5.0x7.0mm T emperature z Compensated Crystal Controlled Oscillators and Voltage Controlled T emperature Compensated Crystal Controlled Oscillators are designed for use inapplications requiring tight frequency stability in a small package. Through the use of Analog T emperature Compensation, this device is capable of holding sub 1-ppm stabilities over the commercial or the industrial temperature ranges.
Features:
3.3V or 5.0V Operation CMOS or Clipped Sinewave Output Logic Miniature 5x7mm Surface Mount Package Frequency Stabilities Available: Tx5C / Tx6C Series: 0.25ppm Tx5E / Tx6E Series: 0.50ppm Tx5F / Tx6F Series: 1.00ppm T emperature Ranges Available: Tx5x Series: 0 to 70C Tx6x Series: -40 to 85C Low Jitter <1pS RMS Tri-State Enable/Disable Function T ape and Reel Packaging RoHS Compliant / Lead Free Recommended for new designs
US Headquarters: 630-851-4722 European Headquarters: +353-61-472221
Applications
GPS Receivers Instrumentation Femtocells FTTH, FTTC
Package Layout
0.276 0.006 (7.0mm) 0.079 Max. (2.0mm)
Pin Connections
TA5C 0715 20.0MHz
Pin 1
0.197 0.006 (5.0mm)
0.025(6 Places) (0.635mm)
1
0.030 (0.762mm) (4 Places)
2
3 4
10
Bottom View
0.040 (1.02mm) (6 Places)
0.100 (2.54mm)
9 8
0.038 (0.965mm) (4 Places)
7
6
5
0.100 (2.54mm)
Dimensional Tolerance: .005 (.127mm) .02 (.508mm)
1 2 3 4 5 6 7 8 9 10
Do not connect Do not connect Do not connect Ground Output Do not connect Do not connect Tri-state Enable / Disable Supply, Vcc Voltage Control (VCTCXO) N/C (TCXO)
Standard Frequencies Available *
6.4 MHz 9.72 MHz 10.0 MHz 10.24 MHz 12.5 Mhz 12.8 MHz 13.5 MHz 19.2 MHz 19.44 MHz 20.0 MHz 20.48 MHz 25 MHz 27 MHz 38.88 MHz
* Available frequencies from the factory for small quantity orders or quick delivery. Additional frequencies are available.
Ordering Information
T
Type: Precision TCXO VCTCXO 5x7mm
A
Features: A = TCXO, LVCMOS, 3.3Vdc. B = TCXO, Clipped Sinewave, 3.3Vdc. C = TCXO, HCMOS, 5.0Vdc. D = TCXO, Clipped Sinewave, 5.0Vdc. E = VCTCXO, LVCMOS, 3.3Vdc. F = VCTCXO, Clipped Sinewave, 3.3Vdc. G = VCTCXO, HCMOS, 5.0Vdc. H = VCTCXO, Clipped Sinewave, 5.0Vdc.
5
Temperature Range: 5 = 0 to 70 C 6 = -40 to 85 C
C
-
020.0M
Output Frequency: Frequency Format -xxx.xM Min.* -xxx.xxxxxxM Max.* *Amount of numbers after the decimal point. M = MHz
Frequency Stability: C = +/-0.25 ppm E = +/- 0.50 ppm F = +/- 1.00 ppm
Bulletin Page Revision Date
Tx180 1 of 4 05 25 Aug 2008
Example: TA5C-020.0M = 5x7mm, TCXO, LVCMOS, 3.3Vdc, 0 to 70C, +/-0.25ppm, Output Frequency 20.0MHz
To order an TA5C with an output frequency of: 6.4 MHz = TA5C-006.4M 10 MHz = TA5C-010.0M 38.88 MHz = TA5C-038.88M
Specifications subject to change without notice. All dimensions in inches. (c) Copyright 2008 The Connor-Winfield Corporation
2111 Comprehensive Drive Aurora, Illinois 60505 Phone: 630-851-4722 Fax: 630-851-5040 www.conwin.com
Model Specifications
0.25ppm Model Specifications
Model Number Output Type TCXO / VCTCXO Supply Voltage Frequency Range Frequency Stability Temperature Range Model Number Output Type TCXO / VCTCXO Supply Voltage Frequency Range Frequency Stability Temperature Range TA5C
LVCMOS
Table 1.0
TB5C
Clipped Sinewave
TE5C
LVCMOS
TF5C
Clipped Sinewave
TC5C
HCMOS
TD5C
Clipped Sinewave
TG5C
HCMOS
TH5C
Clipped Sinewave
TA 5 20 C 07 .0 MH 13 z
TCXO 3.3Vdc
TCXO 3.3Vdc
VCTCXO 3.3Vdc
VCTCXO TCXO 3.3Vdc 5.0Vdc 6.4 to 40 MHz 0.25ppm (Note 1) 0 to 70C TF6C
Clipped Sinewave
TCXO 5.0Vdc
VCTCXO 5.0Vdc
VCTCXO 5.0Vdc
Features
Table 2.0
TA6C
LVCMOS
TB6C
Clipped Sinewave
TE6C
LVCMOS
TC6C
HCMOS
TD6C
Clipped Sinewave
TG6C
HCMOS
TH6C
Clipped Sinewave
TCXO 3.3Vdc
TCXO 3.3Vdc
VCTCXO 3.3Vdc
VCTCXO TCXO 3.3Vdc 5.0Vdc 6.4 to40 MHz 0.25ppm (Note 1) -40 to 85C
TCXO 5.0Vdc
VCTCXO 5.0Vdc
VCTCXO 5.0Vdc
0.50ppm Model Specifications
Model Number Output Type TCXO / VCTCXO Supply Voltage Frequency Range Frequency Stability Temperature Range Model Number Output Type TCXO / VCTCXO Supply Voltage Frequency Range Frequency Stability Temperature Range TA5E
LVCMOS
Table 3.0
TB5E
Clipped Sinewave
TE5E
LVCMOS
TF5E
Clipped Sinewave
TC5E
HCMOS
TD5E
Clipped Sinewave
TG5E
HCMOS
TH5E
Clipped Sinewave
TCXO 3.3Vdc
TCXO 3.3Vdc
VCTCXO 3.3Vdc
VCTCXO TCXO 3.3Vdc 5.0Vdc 6.4 to 40 MHz 0.50ppm (Note 1) 0 to 70C TF6E
Clipped Sinewave
TCXO 5.0Vdc
VCTCXO 5.0Vdc
VCTCXO 5.0Vdc
TCXO or VCTCXO 3.3V or 5.0V Operation CMOS Output or Clipped Sinewave Output Frequency Stability: Tx5C/Tx6C - Series0.25ppm Tx5E/Tx6E - Series0.50ppm Tx5F/Tx6F - Series1.00ppm Temperature Range: Tx5x-Series 0 to 70C Tx6xx-Series -40 to 85C Low Jitter <1pS RMS Tri-State Enable/Disable Surface Mount Package Tape and Reel Packing RoHS Compliant / Lead Free
Table 4.0
TA6E
LVCMOS
TB6E
Clipped Sinewave
TE6E
LVCMOS
TC6E
HCMOS
TD6E
Clipped Sinewave
TG6E
HCMOS
TH6E
Clipped Sinewave
CMOS Test Circuit
DNC DNC DNC
TCXO 3.3Vdc
TCXO 3.3Vdc
VCTCXO 3.3Vdc
VCTCXO TCXO 3.3Vdc 5.0Vdc 6.4 to 40 MHz 0.50ppm (Note 1) -40 to 85C
TCXO 5.0Vdc
VCTCXO 5.0Vdc
VCTCXO 5.0Vdc
1 N/C - TCXO VC- VCTCXO 10 9 8
2
3 4 5 Output
1.00ppm Model Specifications
Model Number Output Type TCXO / VCTCXO Supply Voltage Frequency Range Frequency Stability Temperature Range Model Number Output Type TCXO / VCTCXO Supply Voltage Frequency Range Frequency Stability Temperature Range TA5F
LVCMOS
Table 5.0
Vcc Supply Voltage .01 uF Bypass
7
6 15 pF
TB5F
Clipped Sinewave
TE5F
LVCMOS
TF5F
Clipped Sinewave
TC5F
HCMOS
TD5F
Clipped Sinewave
TG5F
HCMOS
TH5F
Clipped Sinewave
E/D
DNC DNC
TCXO 3.3Vdc
TCXO 3.3Vdc
VCTCXO 3.3Vdc
VCTCXO TCXO 3.3Vdc 5.0Vdc 6.4 to 52 MHz 1.00ppm (Note 1) 0 to 70C TF6F
Clipped Sinewave
TCXO 5.0Vdc
VCTCXO 5.0Vdc
VCTCXO 5.0Vdc
Clipped Sinewave Test Circuit
DNC DNC DNC
Table 6.0
TA6F
LVCMOS
TB6F
Clipped Sinewave
TE6F
LVCMOS
TC6F
HCMOS
TD6F
Clipped Sinewave
TG6F
HCMOS
TH6F
Clipped Sinewave
N/C - TCXO VC - VCTCXO Vcc Supply Voltage .01 uF Bypass
1 10 9 8
2
3 4 5 Output
TCXO 3.3Vdc
TCXO 3.3Vdc
VCTCXO 3.3Vdc
VCTCXO TCXO 3.3Vdc 5.0Vdc 6.4 to 52 MHz 1.00ppm (Note 1) -40 to 85C
TCXO 5.0Vdc
VCTCXO 5.0Vdc
VCTCXO 5.0Vdc
7
6 10Kohm 10 pF
E/D
DNC DNC
Note: 1) Frequency stability vs. change in temperature. [(Fmax - Fmin)/2.Fo].
US Headquarters: 630-851-4722 European Headquarters: +353-61-472221
Bulletin Page Revision Date Tx180 2 of 4 05
Specifications subject to change without notice. All dimensions in inches. (c) Copyright 2008 The Connor-Winfield Corporation
25 Aug 2008
2111 Comprehensive Drive Aurora, Illinois 60505 Phone: 630-851-4722 Fax: 630-851-5040 www.conwin.com Electrical Specifications for all Models
ABSOLUTE MAXIMUM RATINGS
PARAMETER Storage Temperature Supply Voltage Input Voltage (Vcc) UNITS MINIMUM -55 -0.5 -0.5 NOMINAL MAXIMUM 125 6.0 Vcc+0.6 UNITS C Vdc Vdc TABLE 7.0 NOTE
Operating Specifications
Parameter TCXO Frequency Calibration @ 25 C Supply Voltage Variation. (Vcc5%) Load Coefficient, 5pF Static Temperature Hysteresis Aging Frequency shift after reflow soldering Supply Voltage Supply Current Jitter (BW=10Hz to 20MHz) Jitter (BW=12kHz to 20MHz) SSB Phase Noise at 10Hz offset SSB Phase Noise at 100Hz offset SSB Phase Noise at 1KHz offset SSB Phase Noise at 10KHz offset SSB Phase Noise at >100KHz offset Startup Time (Vcc) (Vcc) (Icc) Minimum -1.00 -0.2 -0.2 -0.4 -1.00 -1.00 3.135 4.75 Nominal 3.3 5.0 6 -80 -110 -135 -150 -150 Maximum 1.00 0.2 0.2 0.4 1.00 1.00 3.465 5.25 10 5 1 -70 -100 -130 -145 -150 10 UNITS ppm ppm ppm ppm ppm / year ppm Vdc Vdc mA ps rms ps rms dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz ms 3 3 2 Notes 1
TA 5 20 C 07 .0 13 Mh z
Features TCXO or VCTCXO 3.3V or 5.0V Operation CMOS Output or Clipped Sinewave Output Frequency Stability: Tx5C/Tx6C - Series0.25ppm Tx5E/Tx6E - Series0.50ppm Tx5F/Tx6F - Series1.00ppm Temperature Range: Tx5x-Series 0 to 70C Tx6xx-Series -40 to 85C Low Jitter <1pS RMS Tri-State Enable/Disable Surface Mount Package Tape and Reel Packing RoHS Compliant / Lead Free
Input Characteristics for Enable / Disable Function (Pin 8)
Parameter Enable Voltage (High) or open circuit Disable Voltage (Low) Output Tri-stated (Vih) (Vil) Minimum 70% Vcc Nominal Maximum 30% Vcc Units Vdc Vdc Notes 4
Input Characteristics for Voltage Control (Pin10)
Parameter Control Voltage Range Frequency Tuning Linearity Slope Input Impedance (Vcc = 3.3V) (Vcc = 5.0V) (Vc) (Vc) Minimum 0.30 0.50 10 5 Positive 100K Ohms
1 2 3 4 5 8 7 6 15 pF E/D DNC DNC Output N/C - TCXO VC- VCTCXO Vcc Supply Voltage .01 uF Bypass 10 9
Nominal 1.65 2.50 -
Maximum 3.00 4.50 -
Units Vdc Vdc ppm %
Notes
5
CMOS Test Circuit
DNC DNC DNC
CMOS Output Characteristics
Parameter LOAD Voltage Current (High) (Low) (High) (Low) Duty Cycle at 50% of Vcc Rise / Fall Time 10% to 90% (Voh) (Vol) (Ioh) (Iol) Minimum 90%Vcc -4 45 Nominal 50 Maximum 15 10%Vcc 4 55 8 Units pF Vdc Vdc mA mA % ns Notes
Clipped Sinewave Output Characteristics
Parameter Load Output Load Resistance Output Load Capacitance Output Voltage (< 30 MHz) Output Voltage (> 30 MHz) 1.00 0.80 10K 10 Ohms pF V pk-pk V pk-pk Minimum Nominal Maximum Units Notes 6
Clipped Sinewave Test Circuit
DNC DNC DNC
N/C - TCXO VC - VCTCXO 10 Vcc Supply Voltage .01 uF Bypass 9
1
2
3 4 5 Output
8
7
6 10Kohm 10 pF
Notes: 1) TCXO: Initial calibration @ 25 C. Specifications at time of shipment after 48 hours of operation. 2) Frequency change after reciprocal temperature ramped over the operating range. Frequency measured before and after at 25C. 3) For best in application performance, careful selection of an external power source is critical. Select an external regulator that meets or exceeds to following specifications regarding voltage regulation tolerance, initial accuracy, temperature coefficient, voltage noise, and low voltage noise density. Factory Test Conditions: Initial Accuracy 2mv, Noise (0.1Hz to 10 KHz) 15uV p-p, Voltage Noise Density = 50nV/sqrt Hz, Temperature Coefficient < 5ppm/C. 4) Leave Pad 8 unconnected if enable / disable function is not required. When tristated, the output stage is disabled but the oscillator and compensation circuit are still active (current consumption < 1 mA). 5) Additional pull ranges are available; please contact the factory for additional information. 6) Output is AC coupled.
Specifications subject to change without notice. All dimensions in inches. (c) Copyright 2008 The Connor-Winfield Corporation
E/D
DNC DNC
US Headquarters: 630-851-4722 European Headquarters: +353-61-472221
Bulletin Page Revision Date Tx180 3 of 4 05
25 Aug 2008
2111 Comprehensive Drive Aurora, Illinois 60505 Phone: 630-851-4722 Fax: 630-851-5040 www.conwin.com
Design Recommendations
Vcc, should have a large copper area for reduced inductance. Connect a 0.01uF bypass capacitor <0.1"(2.54mm) from the pad.
Package Characteristics
Table 13.0 Package Ceramic Surface Mount Package.
8 9
6 5
0.010"(0.254mm) Recommended clearance inductance for internal copper flood. Ground, should have a large copper area for reduced inductance.
Vcc
50 Ohm trace <1"by design Buffer
Environmental Characteristics
Vibration: Shock: Soldering: Solderability
Table 14.0 Vibration per Mil Std 883E Method 2007.3 Test Condition A Mechanical Shock per Mil Std 883E Method 2002.4 Test Condition B. SMD product suitable for Convection Reflow soldering. Peak temperature 260 C. Maximum time above 220 C, 60 seconds. Solderability per Mil Std 883E Method 2003
10 1 3
4
Ground Top View Ground
Top View
Suggested Pad Layout
0.295 (7.49mm) 0.051 (1.28mm)
OSC TOP LAYER GROUND LAYER
50 Ohm Trace Without Output Vias Buffer
0.030 (0.76mm)
0.037 (0.94mm) 0.215 (5.46mm)
Top View 1
Dimensional Tolerance: .005 (.127mm) .02 (.508mm)
Keep Out Area
.......
BOTTOM LAYER
0.051 (1.28mm)
Typical Phase Noise
Model TA5C-020.0MHz
Solder Profile
Temperature 260C 220C 180C 150C 120C 260C
0 120 S Max. Time 10 S 60 S Max. 360 Sec. Max.
LVCMOS Output Waveform
90% 50% 10%
Tape and Reel Specifications
Clipped Sinewave Output Waveform
0
1
200 mV/Div
US Headquarters: 630-851-4722 European Headquarters: +353-61-472221
Bulletin Page Revision
Specifications subject to change without notice. All dimensions in inches. (c) Copyright 2008 The Connor-Winfield Corporation
Tx180 4 of 4 05
Date
25 Aug 2008


▲Up To Search▲   

 
Price & Availability of TB6C-0200M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X