Part Number Hot Search : 
LT123 IRDC3046 53100 BT3904 CXX0G OP215 MM5Z56V 080ASBEW
Product Description
Full Text Search
 

To Download T110HF10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T..HF Series
Vishay High Power Products
Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
FEATURES
* Electrically isolated base plate * Types up to 1200 VRRM * 3500 VRMS isolating voltage * Simplified mechanical designs, rapid assembly * High surge capability * Large creepage distances * UL E78996 approved
D-55
RoHS
COMPLIANT
* RoHS compliant * Designed and qualified for industrial level
DESCRIPTION PRODUCT SUMMARY
IF(AV) 40 to 110 A
These series of T-modules use standard recovery power rectifier diodes. The semiconductors are electrically isolated from the metal base, allowing common heatsink and compact assembly to be built. Applications include power supplies, battery charges, welders, motor controls and general industrial current rectification.
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL IF(AV) IF(RMS) 50 Hz IFSM 60 Hz 50 Hz 60 Hz I2t VRRM TJ CHARACTERISTICS T40HF 40 TC 85 63 570 600 1630 1500 16 300 T70HF 70 85 110 1200 1250 7100 6450 70 700 T85HF 85 85 134 1700 1800 14 500 13 500 148 700 100 to 1200 - 40 to 150 T110HF 110 85 173 2000 A 2100 20 500 18 600 204 300 A2s V C A2 s UNITS A C A
I2 t
Document Number: 93587 Revision: 12-Jun-08
For technical questions, contact: ind-modules@vishay.com
www.vishay.com 1
T..HF Series
Vishay High Power Products
ELECTRICAL SPECIFICATIONS VOLTAGE RATINGS
TYPE NUMBER VOLTAGE CODE 10 20 T40HF.. T70HF.. T85HF.. T110HF.. 40 60 80 100 120 VRRM, MAXIMUM REPETITIVE PEAK REVERSE VOLTAGE V 100 200 400 600 800 1000 1200 VRSM, MAXIMUM NON-REPETITIVE PEAK REVERSE VOLTAGE V 150 300 500 700 900 1100 1300 100 IRRM MAXIMUM AT TJ = 25 C A
Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
FORWARD CONDUCTION
PARAMETER Maximum average forward current at case temperature Maximum RMS forward current SYMBOL IF(AV) IF(RMS) t = 10 ms Maximum peak, one-cycle forward, non-repetitive surge current t = 8.3 ms IFSM t = 10 ms t = 8.3 ms t = 10 ms Maximum I2t for fusing I2t t = 8.3 ms t = 10 ms t = 8.3 ms Maximum I2t for fusing I2t VF(TO)1 VF(TO)2 rf1 rf2 No voltage reapplied 100 % VRRM reapplied No voltage reapplied 100 % VRRM reapplied Sinusoidal half wave, initial TJ = TJ maximum TEST CONDITIONS 180 conduction, half sine wave 85 63 570 600 480 500 1630 1500 1150 1050 85 110 1200 1250 1000 1050 7100 6450 5000 4570 85 134 1700 1800 1450 1500 14 500 13 500 10 500 9600 85 173 2000 2100 A 1700 1780 20 500 18 600 14 500 13 200 A2s A2s C A T40HF T70HF 40 70 T85HF 85 T110HF UNITS 110 A
t = 0.1 to 10 ms, no voltage reapplied (16.7 % x x IF(AV) < I < x IF(AV)), TJ maximum (I > x IF(AV)), TJ maximum (16.7 % x x IF(AV) < I < x IF(AV)), TJ maximum (I > x IF(AV)), TJ maximum IFM = x IF(AV), TJ = 25 C, tp = 400 s square pulse Average power = VF(TO) x IF(AV) + rf x (IF(RMS))2
16 300 70 700 148 700 204 300 0.66 0.84 4.3 3.1 0.76 0.95 2.4 1.7 0.68 0.90 1.76 1.08 0.68
Low level value of threshold voltage High level value of threshold voltage Low level value of forward slope resistance High level value of forward slope resistance Maximum forward voltage drop
V 0.86 1.56 m 1.12
VFM
1.30
1.35
1.27
1.35
V
www.vishay.com 2
For technical questions, contact: ind-modules@vishay.com
Document Number: 93587 Revision: 12-Jun-08
T..HF Series
Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
BLOCKING
PARAMETER Maximum peak reverse leakage current RMS isolation voltage SYMBOL IRRM VISOL TJ = 150 C 50 Hz, circuit to base, all terminals shorted TJ = 25 C, t = 1 s TEST CONDITIONS T40HF T70HF 15 3500 15 3500 T85HF 20 3500 T110HF UNITS 20 3500 mA V
Vishay High Power Products
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER Maximum junction operating and storage temperature range Maximum thermal resistance, junction to case per junction Maximum thermal resistance, case to heatsink Mounting torque, 10 % Approximate weight Case style to heatsink terminals SYMBOL TJ, TStg RthJC RthCS DC operation Mounting surface smooth, flat and greased Non-lubricated threads M3.5 mounting screws (1) M5 screw terminals 1.36 TEST CONDITIONS T40HF T70HF T85HF T110HF UNITS C 0.47 K/W 0.2 1.3 10 % Nm 3 10 % 54 D-55 g
- 40 to 150 0.69 0.62
See dimensions - link at the end of datasheet T-module
Note (1) A mounting compound is recommended and the torque should be rechecked after a period of about 3 hours to allow for the spread of the compound
R CONDUCTION PER JUNCTION
DEVICES T40HF T70HF T85HF T110HF SINUSOIDAL CONDUCTION AT TJ MAXIMUM 180 0.12 0.09 0.08 0.05 120 0.14 0.11 0.09 0.07 90 0.18 0.14 0.12 0.09 60 0.27 0.20 0.18 0.14 30 0.46 0.35 0.31 0.23 RECTANGULAR CONDUCTION AT TJ MAXIMUM 180 0.09 0.07 0.06 0.05 120 0.15 0.11 0.10 0.08 90 0.20 0.15 0.13 0.10 60 0.28 0.21 0.19 0.15 30 0.46 0.35 K/W 0.31 0.24 UNITS
Note * Table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Document Number: 93587 Revision: 12-Jun-08
For technical questions, contact: ind-modules@vishay.com
www.vishay.com 3
T..HF Series
Vishay High Power Products
Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Maximum Allowable Case T emperature (C) 150 140 130 120 110 100 90 80 70 60 0 10 20 30 40 50 60 70 Average F orward Current (A) 30 60 90 120 180 DC
Conduc tion Period
Maximum Allowable Cas T e emperature (C)
150 140 130 120 110 100 90 80 70 60 0 10
T 40HF S .. eries R thJC (DC) = 1.36 K/ W
T 40HF S .. eries R thJC (DC) = 1.36 K/ W
Conduction Angle
30
60
90 120 180
20
30
40
50
Average Forward Current (A)
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Maximum Average Forward Power Loss (W)
45 40 35 30 25 20 15 10 5 0 0 5 10 15 20 25 30 35 40 0 25 50 75 100 125 150 Average F orward Current (A) Maximum Allowable Ambient T emperature (C) 180 120 90 60 30 RMS Limit
5K /W
5 1. W K/
R th
1
2
3
W K/
K/ W
A S
W K/ .5 =0
K/ W
e lt -D a R
7K /W Conduc tion Angle 10 K/ W
T 40HF S .. eries TJ= 150C
Fig. 3 - Forward Power Loss Characteristics
Maximum Average Forward Pow er Loss (W)
70 60 50 40 30 RMSLimit 20 10 0 0 10 20 30 40 50 60 0 70 25 50 75 100 125 150 Average F orward Current (A) Maximum Allowable Ambient T emperature (C)
Conduc tion Period
DC 180 120 90 60 30
R
th A S
1
1. 5
K/ W
= 5 0. W K/ ta el -D R
K/ W 2K /W
3K /W
5 K/
7 K/
W
W
T 40HF S .. eries TJ = 150C
10 K/ W
Fig. 4 - Forward Power Loss Characteristics
www.vishay.com 4
For technical questions, contact: ind-modules@vishay.com
Document Number: 93587 Revision: 12-Jun-08
T..HF Series
Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Maximum Allowable Cas T e emp erature (C)
Vishay High Power Products
Peak Ha lf S Wave Forw ard Current (A) ine
550 500 450 400 350 300 250 200 150 1
150 140 130 120 110 100 90 80 70 60 0 10 20 30 40 50 60 70 80 Average Forward Current (A) 30 60 90 120 180
Conduction Angle
At Any Ra ted Loa d Cond ition And With Rated VRRM App lied Following S urge. Initial TJ = 150C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
T 70HF S .. eries R thJC (DC) = 0.69 K/ W
T 40HF.. S eries
10
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 7 - Current Ratings Characteristics
550 500 450 400 350 300 250 200 150 100 0.01
Maximum Non R epetitive S urge Current Versus Pulse T rain Duration. Initial T J= 150C No Voltage R eapplied R ated V RRM R eapplied
Maximum Allowable Case T emperature (C)
Peak Half S ine Wave F orward Current (A)
600
150 140 130 120 110 100 90 80 70 60 0 20 40 60 80 100 120 Average Forward Current (A) 30 60 90 120 180 DC
Conduc tion Period
T 70HF.. S eries R thJC (DC) = 0.69 K/ W
T 40HF S .. eries
0.1 Pulse T rain Duration (s)
1
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 8 - Current Ratings Characteristics
Maximum Average Forward Power Loss (W)
90 80 70 60 50 40 30 20 10 0 0 10 20 30 40 50 60 70 0 25 50 75 100 125 150 Average Forward Current (A)
Maximum Allowable Ambient Temperature (C)
Conduc tion Angle
180 120 90 60 30 RMS Limit
hS Rt
5 0. W K/
1K /W
1.5 K/ W 2K /W
3K /W
5 K/ W
7 0. W K/
A
= 0.3 W K/ ta el -D R
T 70HF.. S eries TJ= 150C
7 K/ W
Fig. 9 - Forward Power Loss Characteristics
Document Number: 93587 Revision: 12-Jun-08
For technical questions, contact: ind-modules@vishay.com
www.vishay.com 5
T..HF Series
Vishay High Power Products
120 100 80 60 40 20 0 0 20 40 60 80 100 0 120 25 50 75 100 125 150 Average Forward Current (A) Maximum Allowable Ambient T emperature (C) DC 180 120 90 60 30
h Rt
Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Maximum Average Forward Power Loss (W)
0. 5K /W 0. 7 K/ W
RMS Limit
Conduc tion Period
1K /W 1.5 K/ W
2K/ W
3K/ W
5K/ W
3 0. W K/
SA
= 2 0. W K/ ta el -D R
T 70HF.. S eries TJ = 150C
Fig. 10 - Forward Power Loss Characteristics
Peak Half S Wave Forward Current (A) ine
1100 1000 900 800 700 600 500 400 300 1
Maximum Allowa ble Cas T e emperature (C)
150 140 130 120 110 100 90 80 0 10 20
At Any Ra ted Loa d Cond ition And With Rated V RRM App lied Following Surge. Initial TJ= 150C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
T 85HF S .. eries R thJC (DC) = 0.62 K/ W
Conduc tion Angle
30
60 90 120 180
T 70HF.. S eries
10
100
30
40
50
60
70
80
90
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Average Forward Current (A)
Fig. 11 - Maximum Non-Repetitive Surge Current
Fig. 13 - Current Ratings Characteristics
Peak Half S Wave Forward Current (A) ine
1200 1100 1000 900 800 700 600 500 400 300 200 0.01
Maximum Non Repetitive S urge Current Versus Pulse T rain Duration. Initial TJ = 150C No Voltage Reapplied R ated V RRM Reapplied
Maximum Allowable Cas T e emperature (C)
150 140 130 120 110 100 90 80 70 60 0 20 40 60 80 100 120 140 Average Forward Current (A) 30 60 90 120 180 DC
Conduction Period
T 85HF.. S eries R thJC (DC) = 0.62 K/ W
T 70HF S .. eries
0.1 Pulse T rain Duration (s)
1
Fig. 12 - Maximum Non-Repetitive Surge Current
Fig. 14 - Current Ratings Characteristics
www.vishay.com 6
For technical questions, contact: ind-modules@vishay.com
Document Number: 93587 Revision: 12-Jun-08
T..HF Series
Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Maximum Average Forward Power Loss (W) 100 90 80 70 60 50 40 30 20 10 0 0 10 20 30 40 50 60 70 80 0 90 25 50 75 100 125 150 Average Forward Current (A) Maximum Allowable Ambient T emperature (C)
Conduc tion Angle
Vishay High Power Products
180 120 90 60 30 R MS Limit
h Rt
5 0.
3 0.
7 0.
SA
W K/
W K/
1
K/ W
1.5 K/ W
2K /W
3K /W
5 K/ W
W K/
.2 =0 W K/ e lt -D a R
T 85HF S .. eries TJ= 150C
7 K/ W
Fig. 15 - Forward Power Loss Characteristics
Maximum Average F orward Power Los (W) s
140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 0 140 25 50 75 100 125 150 Average Forward Current (A) Maximum Allowable Ambient T emperature (C) T 85HF S .. eries TJ = 150C RMSLimit
Conduc tion Period
DC 180 120 90 60 30
R
SA th
0.5 K/ W 0.7 K/ W
1K /W
1.5K /W
2K/ W
3K/ W
5K/ W
Fig. 16 - Forward Power Loss Characteristics
/W 3K 0.
= 2 0. W K/ -D ta el
Peak Half S Wave Forward Current (A) ine
Peak Half S Wave Forward Current (A) ine
1600 1400 1200 1000 800 600 400 1
1800 1600 1400 1200 1000 800 600 400 0.01
R
At Any Ra ted Loa d Cond ition And With Ra ted V RRM App lied Following S urge. Initial TJ= 150C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
Maximum Non Repetitive S urge Current Versus Pulse T rain Duration. Initial T = 150C J No Voltage Reapplied R ated VRRM Reapplied
T 85HF S .. eries
T 85HF S .. eries
10
100
0.1 Pulse T rain Duration (s)
1
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 17 - Maximum Non-Repetitive Surge Current
Fig. 18 - Maximum Non-Repetitive Surge Current
Document Number: 93587 Revision: 12-Jun-08
For technical questions, contact: ind-modules@vishay.com
www.vishay.com 7
T..HF Series
Vishay High Power Products
Maximum Allowa ble Case T emperature (C) 150 140 130 120 110 100 90 80 70 60 0 20 40 60 80 100 120 Average Forward Current (A) 30
Conduc tion Angle
Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Maximum Allowable Cas T e emperature (C) 150 140 130 120 110 100 90 80 70 60 0 20 40 60 80 100 120 140 160 180 Average Forward Current (A) 30 60 90 120 180 DC
Conduc tion Period
T 110HF.. S eries R thJC (DC) = 0.47 K/ W
T 110HF S .. eries R thJC (DC) = 0.47 K/ W
60
90 120 180
Fig. 19 - Current Ratings Characteristics
Fig. 20 - Current Ratings Characteristics
Maximum Average F orward Power Loss (W)
130 120 110 100 90 80 70 60 50 40 30 20 10 0 0 20 40 60 T 110HF S .. eries TJ= 150C 80 100
Conduc tion Angle
3 K/ W
180 120 90 60 30 R MS Limit
0. 7
0. 5K /W
K/ W
R th
A S
3 0.
W K/
= 2 0. W K/
1K /W
1. 5 K/ W 2K /W
ta el -D R
5 K/ W
120 0
25
50
75
100
125
150
Average F orward Current (A)
Maximum Allowable Ambient T emperature (C)
Fig. 21 - Forward Power Loss Characteristics
Maximum Average Forward Pow er Loss (W)
180 160 140 120 100 80 RMSLimit 60 40 20 0 0 20 40 60 80 100 120 140 160 180 0 25 50 75 100 125 150 Average Forward Current (A) Maximum Allowable Ambient T emperature (C)
Conduc tion Period
DC 180 120 90 60 30
R
0. 3K /W 0. 5K /W 0.7 K/ W
1K /W
1.5 K/ W
2 K/ W
T 110HF S .. eries TJ = 150C
3 K/ W
5 K/ W
Fig. 22 - Forward Power Loss Characteristics
A S th
=
0. 2
K/ W
-D
el ta
R
www.vishay.com 8
For technical questions, contact: ind-modules@vishay.com
Document Number: 93587 Revision: 12-Jun-08
T..HF Series
Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Peak Half S Wave Forward Current (A) ine 1800 1600 1400 1200 1000 800 600 400 1 10 100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Vishay High Power Products
Instantaneous Forward Current (A)
At Any Ra ted Loa d Cond ition And With Rated V R M App lied Following Surge. R Initial TJ= 150C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
1000
100
TJ= 25C 10 TJ= 150C
T 110HF.. S eries
T 70HF S .. eries 1 0 0.5 1 1.5 2 2.5 3 Instantaneous Forward Voltage (V)
Fig. 23 - Maximum Non-Repetitive Surge Current
Fig. 26 - Forward Voltage Drop Characteristics
Peak Half S Wave Forward Current (A) ine
2000 1800 1600 1400 1200 1000 800 600 400 0.01
Instantaneous Forward Current (A)
Maximum Non R epetitive S urge Current Versus Pulse T rain Duration. Initial TJ = 150C No Voltage Reapplied Rated VRRM Reapplied
10000
1000
TJ= 25C 100 TJ= 150C
T 110HF S .. eries
T 85HF S .. eries 10 0 1 2 3 4 5
0.1
Pulse T rain Duration (s)
1
Instantaneous Forward Voltage (V)
Fig. 24 - Maximum Non-Repetitive Surge Current
Fig. 27 - Forward Voltage Drop Characteristics
1000 Instantaneous Forward Current (A)
Instantaneous Forward Current (A)
10000
100
1000
TJ= 25C 10 TJ= 150C
100
TJ= 25C TJ= 150C T 110HF S .. eries
T 40HF S .. eries 1 0 0.5 1 1.5 2 2.5 3 3.5 4 Instantaneous F orward Voltage (V)
10 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 Instantaneous Forward Voltage (V)
Fig. 25 - Forward Voltage Drop Characteristics
Fig. 28 - Forward Voltage Drop Characteristics
Document Number: 93587 Revision: 12-Jun-08
For technical questions, contact: ind-modules@vishay.com
www.vishay.com 9
T..HF Series
Vishay High Power Products
Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
T ransient T hermal Impedanc e ZthJC (K/ W)
10 S teady S tate Value: RthJC = 1.36 K/ W RthJC = 0.69 K/ W RthJC = 0.62 K/ W RthJC = 0.47 K/ W (DC Operation) T 40HF S .. eries T 70HF S .. eries
1
T 85HF S .. eries T 110HF S .. eries 0.1
0.01 0.0001
0.001
0.01
0.1
1
10
100
S quare Wave Puls Duration (s) e
Fig. 29 - Thermal Impedance ZthJC Characteristics
ORDERING INFORMATION TABLE
Device code
T
1
1 2 3 4
110
2 -
HF
3
120
4
Module type Current rating Circuit configuration Voltage code x 10 = VRRM
CIRCUIT CONFIGURATION
+
-
LINKS TO RELATED DOCUMENTS Dimensions http://www.vishay.com/doc?95313
www.vishay.com 10
For technical questions, contact: ind-modules@vishay.com
Document Number: 93587 Revision: 12-Jun-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of T110HF10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X