Part Number Hot Search : 
14D181K B7720 SERIES MCR01 MUR10 MSN3402 79L15AC MXP4002
Product Description
Full Text Search
 

To Download SWD-109-PIN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SWD-109-PIN
Single Driver for GaAs FET Switches and Attenuators
Rev. V6
Features
* * * * * High Speed CMOS Technology Single Channel Positive Voltage Control Low Power Dissipation Low Cost Plastic SOIC-8 Package
Functional Schematic
Description
The SWD-109-PIN is a single channel driver used to translate TTL control inputs into gate control voltages for GaAs FET microwave switches and attenuators. High speed analog CMOS technology is utilized to achieve low power dissipation at moderate to high speeds, encompassing most microwave switching applications. The output HIGH level is optionally 0 to +2.0V (relative to GND) to optimize the intermodulation products of the control devices at low frequencies.
Pin Configuration Ordering Information
Part Number Ordering Information
SWD-109-PIN
Pin No.
1
Function
Output A GND Vcc C1, Logic Vee Vopt GND Output B
Package
Bulk Packaging
2 3 4 5
Part Number SWD-109TR
Package 1000 piece reel
Note: Reference Application Note M513 for reel size information.
6 7 8
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SWD-109-PIN
Single Driver for GaAs FET Switches and Attenuators
Rev. V6
Guaranteed Operating Ranges
Symbol
VCC VEE VOPT
2
Parameter 1
Positive DC Supply Voltage Negative DC Supply Voltage Optional DC Output Supply Voltage Negative Supply Voltage Range Positive to negative Supply Range Operating Ambient temperature DC Output Current - High DC Output Current - Low Maximum Input Rise or Fall Time
Unit
V V V V V C mA mA ns
Min.
4.5 -8.5 0 4.5 9.0 -40 -- -- --
Typ.
5.0 -5.0 1.0 6.5 10.0 +25 -- -- --
Max.
5.5 -4.5 2.0 11.0 14.0 +85 -1.0 1.0 500
VOPT-VEE VCC-VEE TA IOH IOL Trise, Tfall
1. All voltages are relative to GND. 2. VOPT is grounded for most applications. To improve the intermodulation performance and the 1 dB compression point of GaAs control devices at low frequencies, VOPT can be increased to between 1.0 and 2.0V. The nonlinear characteristics of the GaAs control devices will approximate performance at 500 MHz. It should be noted that the control current is on the GaAs MMICs will increase when positive controls are applied.
DC Characteristics over Guaranteed Operating Range
Symbol
VIH VIL VIH VOL IIN ICC ICC
Parameter
Input High Voltage Input Low Voltage Output High Voltage Output Low Voltage Input Leakage Current Quiescent Supply Current Additional Supply Current, per TTL Input pin
Test Conditions
Guaranteed High Input Voltage Guaranteed Low Input Voltage IOH = -1 mA IOL = 1 mA VIN = VCC or GND VCC = Max VOPT = Min or Max VCC= Max VEE = Max VEE = Max VEE = Min VEE = Min VIN = VCC or GND VIN = VCC -2.1V
Units
V V V V A A mA
Min.
2.0 -- VOPT -0.1 -- -- -- --
Typ.
-- -- -- -- .01 -- --
Max.
-- 0.8 -- VEE +0.1 10 100 1.0
Handling Procedures
Please observe the following precautions to avoid damage:
Truth Table
Input C1
Logic "0" Logic "1"
Static Sensitivity
Silicon Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
2
Outputs A
VEE VOPT
B
VOPT VEE
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SWD-109-PIN
Single Driver for GaAs FET Switches and Attenuators
Rev. V6
AC Characteristics Over Guaranteed Operating Range3
Symbol
TPLH TPHL TTLH TTHL Tskew CIN CPDC CPDE
Parameter
Propagation Delay Propagation Delay Output Rising Transition Time Output Falling Transition Time Delay Skew, Output A to Output B Input Capacitance Power Dissipation Capacitance
4
-55 to +25C
22 22 9.0 8.0 4.0 10 10 140
<+85C
25 25 9.0 8.0 4.0 10 10 140
<+125C
30 30 9.0 8.0 4.0 10 10 140
Unit
ns ns ns ns ns pF pF pF
Power Dissipation Capacitance 4
3. VCC = 4.5V, VOPT - VEE = min or max, VOPT = 0V, CL = 25 pF, Trise, Tfall = 6ns. These conditions represent the worst case for slow delays. 4. Total Power Dissipation is calculated by the following formula: PD = VCC 2fC PDC + (VOPT-VEE) 2fCPDE
Absolute Maximum Ratings5
Symbol
VCC VEE VOPT VOPT-VEE VCC-VEE VI II VO PD6 VO TSTG
Parameter
Positive DC Supply Voltage Negative DC Supply Voltage Optional DC Output Supply Voltage Output to Negative Supply Voltage Range Positive to Negative Supply Voltage Range DC Input Voltage DC Input Current DC Output Voltage Power Dissipation in Still Air DC Output Current Storage Temperature
Min
-0.5 -9.0 -0.5 -0.5 -0.5 -0.5 -25 VEE - 0.5 -- -25 -65
Max
7.0 0.5 Vcc +0.5 11.0 14.0 VCC +0.5 25 VOPT +0.5 500 25 150
Unit
V V
Switching Waveforms
V V V V mA V mW mA C
5. All voltages are referenced to GND. All inputs and outputs incorporate latch-up protection structures. 6. Derate -7 mW/C from 65C to 85C.
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SWD-109-PIN
Single Driver for GaAs FET Switches and Attenuators
Rev. V6
SOIC-8
Reference Application Note M538 for lead-free solder reflow recommendations.
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of SWD-109-PIN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X