Part Number Hot Search : 
LLZ30A CZMA10V LY8897X 2A040 SQM85N15 ASI1020 KE220 ECT10
Product Description
Full Text Search
 

To Download SW-216-PIN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SW-215-PIN / SW-216-PIN
Matched GaAs SPST Switch, 5 - 3000 MHz
Features
* Low Insertion Loss, 1.0 dB Typical * Fast Switching Speed, 20 nS Typical * Ultra Low DC Power Consumption, 0.07 mA Typical * Integral TTL (SW-215) or CMOS (SW-216) Driver * 50 Ohm Nominal Impedance * MIL-STD-883 screening available Rev. V3
Functional Block Diagram
Description
Truth Table
TTL Control Input "1" = Logic High TTL (SW-215)/ CMOS (SW-216)
0
Condition of Switch RF Common to Each RF Port RF1 to RF2
ON OFF
Ordering Information
Part Number
SW-215-PIN SW-216-PIN
Package
DI-1 DI-1 1
Note: Reference Application Note M513 for reel size information. Note: Die quantity varies.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW-215-PIN / SW-216-PIN
Matched GaAs SPST Switch, 5 - 3000 MHz
Electrical Specifications: TA = -55C to +85C 1
Parameter
Insertion Loss
Rev. V3
Test Conditions
--
Frequency
5 - 3000 MHz 5 - 2000 MHz 5 - 1000 MHz 5 - 500 MHz 5 - 3000 MHz 5 - 2000 MHz 5 - 1000 MHz 5 - 500 MHz 5 - 3000 MHz 5 - 2000 MHz 5 - 1000 MHz 5 - 500 MHz 500 - 4000 MHz 50 MHz 500 - 4000 MHz 50 MHz
Units
dB dB dB dB Ratio Ratio Ratio Ratio dB dB dB dB dBm dBm dBm dBm
Min
2.9 1.5 1.2 1.1 -- -- -- -- 27 45 55 60 -- -- -- --
Typ
-- -- -- -- -- -- -- -- -- -- -- -- +68 +60 +46 +40
Max
-- -- -- -- 2.0:1 1.9:1 1.4:1 1.25:1 -- -- -- -- -- -- -- --
VSWR
--
Isolation
--
IP2 IP3
For two tone input power up to +13 dBm For two tone input power up to +13 dBm
1. All specifications apply when operated with bias voltages of +5 VDC (SW-205) or +8 VDC (SW-206) and 50 ohm impedance at all RF ports.
SW-215
Parameter
Trise, Tfall Ton, Toff Transients 1 dB Compression
Test Conditions
Frequency
-- -- -- 500 - 4000 MHz 50 MHz --
Units
nS nS mV dBm dBm mA
Min
-- -- -- -- -- --
Typ
7 20 70 +27 +21 --
Max
-- -- -- -- -- 1
50% CTL to 90/10% RF In-band Input Power
Bias Power
+5 VDC @ 0.07 mA Typ
SW-216
Parameter Test Conditions Frequency Units Min Typ Max
Trise, Tfall Ton, Toff Transients 1 dB Compression
50% CTL to 90/10% RF In-band Input Power
-- -- -- 500 - 4000 MHz 50 MHz
nS nS mV dBm dBm
-- -- -- -- --
20 40 35 +33 +26
-- -- -- -- --
Bias Power
+5 to +8 VDC @ 0.07 to 0.22 mA Typ
--
mA
--
--
1
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW-215-PIN / SW-216-PIN
Matched GaAs SPST Switch, 5 - 3000 MHz
Typical Performance Curves Insertion Loss Isolation
+ 8 5 C 2.00
80
Rev. V3
+ 2 5 C
- 55 C
Insertion Loss (dB)
1.75 1.50
70
Isolation (dB)
0.5 1.0 1.5 2.0
1.25 1.00 0.75 0.50 0.25 0.00 0.005
60 50 40 30 20 0.005
F re que nc y ( M H z)
0.5
1.0
1.5
2.0
F re que nc y ( M H z)
VSWR
2.0 1.8 1.6
VSWR
Schematic
1.4 1.2 1.0 0.005
+VDC GND
0.5
1.0
1.5
2.0
NC 50 GND GND GND
F requency (M H z)
RF1
GND
GND
GND
GND
GND RF2
Control Input
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of SW-216-PIN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X