Part Number Hot Search : 
2SA1170 5F60C SK310 C617C 2N1490 L9341 SR2100 Q6010
Product Description
Full Text Search
 

To Download SW-121-PIN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SW-121-PIN
SPST RF Switch, 10 - 1000 MHz
Features
* * * * * * Low Loss: 0.5 dB Typical High Isolation: 60 dB Typical Integral TTL Driver Hermetic Package 50 Ohm Nominal Impedance MIL-STD-883 Screening Available Rev. V3
Functional Block Diagram
Description
Ordering Information
Part Number
SW-121-PIN
Truth Table
Package
DI-1
TTL Control Input "1" = TTL Logic High
0 1
Condition of Switch RF1 to RF2
Note: Reference Application Note M513 for reel size information. Note: Die quantity varies.
Off On
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW-121-PIN
SPST RF Switch, 10 - 1000 MHz
Electrical Specifications: TA = -55C to +85C 1
Parameter Test Conditions Frequency Units Min Typ Max
Rev. V3
Insertion Loss
--
10 - 1000 MHz 10 - 500 MHz 10 - 1000 MHz 10 - 500 MHz 10 - 1000 MHz 10 - 500 MHz 10 - 100 MHz -- -- -- --
dB dB Ratio Ratio dB dB dB S S mV dBm
-- -- -- -- 40 50 60 -- -- -- --
-- -- -- -- -- -- -- 2.0 1.0 40 +13
1.0 0.8 1.25:1 1.2:1 -- -- -- -- -- -- --
VSWR
--
Isolation
--
Ton Toff Transients 1 dB Compression
In-band Input Power
IP2
For two tone input power up to +5 dBm
--
dBm
--
+60
--
IP3
For two tone input power up to +5 dBm
--
dBm
--
+30
--
Bias Power
+9 to +15 VDC @ 35 mA Max -5 VDC 5% @ 35 mA Max
--
mW
--
450
--
1. All specifications apply when operated with bias voltages of +12 VDC and -5 VDC ( 5%) and 50 ohm impedance at all RF ports.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW-121-PIN
SPST RF Switch, 10 - 1000 MHz
Typical Performance Curves
Insertion Loss Isolation
Rev. V3
+ 8 5 C 3.0
+ 2 5 C
- 55 C
Insertion Loss (dB)
100
2.0
80
1 .0
Isolation (dB)
60
0.0 2 5 1 0 50 1 00 500 1 000 2000
40
F re que nc y ( M H z)
20 2 5 10 50 100 500 1000 2000
F re que nc y ( M H z)
VSWR
1.8
1.6
VSWR
1.4
1.2
1.0 2 5 10 50 100 500 1000 2000
F requency (M H z)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of SW-121-PIN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X