Part Number Hot Search : 
DDTA143 00266 4743A BZT03 89C52 633410 AT45DB02 SB340
Product Description
Full Text Search
 

To Download SW-114-PIN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SW-114-PIN
SP4T RF Switch, 10 - 2000 MHz
Features
* * * * * * Ultra Broadband High Isolation: 60 dB Typical Integral TTL Driver Hermetic Package 50 Ohm Nominal Impedance MIL-STD-883 Screening Available Rev. V3
Functional Block Diagram
Description
Ordering Information
Part Number
SW-114-PIN
Package
DI-2
Truth Table
TTL Control Inputs "1" = TTL Logic High 1
1 0 0 0
Note: Reference Application Note M513 for reel size information. Note: Die quantity varies.
Condition of Switch RF Common to each RF Port RF1
On Off Off Off
2
0 1 0 0
3
0 0 1 0
4
0 0 0 1
RF2
Off On Off Off
RF3
Off Off On Off
RF4
Off Off Off On
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW-114-PIN
SP4T RF Switch, 10 - 2000 MHz
Electrical Specifications: TA = -55C to +85C 1
Parameter Test Conditions Frequency Units Min Typ Max
Rev. V3
Insertion Loss
--
10 - 2000 MHz 10 - 1000 MHz 10 - 500 MHz 10 - 2000 MHz 10 - 1000 MHz
dB dB dB Ratio Ratio
-- -- -- -- --
-- -- -- -- --
2.8 2.1 1.8 1.8:1 1.2:1
VSWR
--
Isolation
--
10 - 2000 MHz 10 - 1000 MHz 10 - 500 MHz -- -- -- --
dB dB dB S S mV dBm
35 45 60 -- -- -- --
-- -- -- 2.0 1.0 40 +13
-- -- -- -- -- -- --
Ton Toff Transients 1 dB Compression
In-band Input Power
IP2
For two tone input power up to +5 dBm
--
dBm
--
+60
--
IP3
For two tone input power up to +5 dBm
--
dBm
--
+30
--
Bias Power
+9 to +15 VDC @ 50 mA Max -5 VDC 5% @ 35 mA Max
--
mW
--
550
--
1. All specifications apply when operated with bias voltages of +12 VDC and -5 VDC ( 5%) and 50 ohm impedance at all RF ports.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW-114-PIN
SP4T RF Switch, 10 - 2000 MHz
Typical Performance Curves
Insertion Loss Isolation
Rev. V3
+8 5C 3.0
+2 5C
- 55C
1 00
80
Insertion Loss (dB)
2.0
Isolation (dB)
60
1.0
40
20 2
0.0 2 5 10 50 100 500 1000 2000
5
1 0
50
1 00
500
1 000
2000
Frequency (M Hz)
F re que nc y ( M H z)
VSWR
1 .8
1 .6
1 .4
VSWR
1 .2
1 .0 2 5 1 0 50 1 00 500 1 000 2000
Frequency (M Hz)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of SW-114-PIN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X