Part Number Hot Search : 
Z5232 01926 MAX2450 74F244SC 9052RD P3937 B1160CA AE1EUN
Product Description
Full Text Search
 

To Download PX-2000-AET-KA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PX-200
Crystal Oscillator
PX-200
Features
* * * * Miniature Hybrid Design 16 Pin Flatpack Frequency Range: 4 MHZ to 500 MHZ Previous Model: CO-487
Applications
Performance Speci cations
Parameter
vs. operating temperature range (referenced to +25C)
Min
-5 -10 -25 -50 -50 -100 -50 -25 -15 -10 -1 -3 -2
Typ
Max
+5 +10 +25 +50 +50 +100 +50 +25 +15 +10 +1 +3 +2
Units
ppm ppm ppm ppm ppm pbm ppm ppm ppm ppm ppm ppm ppm
Condition
0... +50C 0... +50C 0... +70C (standard) -55... +85C -55... +125C -55... +125C @+25C @+25C @+25C @+25C Set via external capacitor (custom number required) after 30 days of operation
Frequency Stabilities1
Initial tolerance
vs. aging / 1 year vs. aging / year (following years)
Supply Voltage (Vs)
Supply voltage (Standard) 14.75 15.0 15.25 VDC
RF Output
Signal Output Power (Standard) +7 Sinewave dBm
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Performance Speci cations
Parameter
Output Power (Option)
Min
+13
Typ
Max
Units
dBm
1
Condition
(custom number required)
Additional Parameters
Phase Noise3 (typical 4-100 MHZ) -100 -125 -140 -145 dBc/Hz dBc/Hz dBc/Hz dBc/Hz
100 Hz 1 kHz 10 kHz 100 kHz
Screen Testing of Above Models
SCREEN TEST Stabilization Bake (150C) Seal Test (Gross and Fine) Temperature Cycling (Thermal Shock) Burn-in, operating 160 hours @125C Acceleration (5000g in Y1 axis) MIL-STD-883 METHOD -- 1014, Cond A2 1010, Cond B -- 2001, Cond A Standard CLASS X X X CLASS B X X X X X Options CLASS S Class S screen test requirements include 24 hour additional bake-out, 80 hour additional burnin, thermal shock, PIND test and radiographic inspection in addition to Class B Screening. Has major cost impact.
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Outline Drawing / Enclosure
Pin Connections
Dimensions in inches 8 9, 10 11 Pin Length "L" 0.4 16 Ground Output <200 MHz: no connection >200 Mhz: 0V, Case Supply
Type A
Code 0 Height "H" 0.17
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com
Ordering Information
PX - 200 0 - A E T - F K X S - 10M0000000
Frequency Product Family PX: PXO Package 25 x 25 mm Height 0: A 0.17" Supply Voltage A: 15 Vdc Screening Option S: "S" Level screening B: "B" Level screening X: No Screening Enable Code X: No Option Stability Code A: 5ppm B: 10ppm F: 25ppm K: 50ppm S: 100ppm Accuracy Code B: 10ppm D: 15ppm F: 25ppm K: 50ppm
RF Output Code E: Sinewave (+7 dBm) Temperature Range A: -55C to +85C C: -55C to +125C P: 0C to +50C T: 0C to +70C
Notes: 1. Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies. 2. Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25C). 3. Phase noise degrades with increasing output frequency. 4. Subject to technical modi cation. 5. Contact factory for availability.
For Additional Information, Please Contact
USA:
Vectron International 267 Lowell Road Hudson, NH 03051 Tel: 1.888.328.7661 Fax: 1.888.329.8328
Europe:
Vectron International Landstrasse, D-74924 Neckarbischofsheim, Germany Tel: +49 (0) 3328.4784.17 Fax: +49 (0) 3328.4784.30
Asia:
Vectron International 1F-2F, No 8 Workshop, No 308 Fenju Road WaiGaoQiao Free Trade Zone Pudong, Shanghai, China 200131 Tel: 86.21.5048.0777 Fax: 86.21.5048.1881
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Rev: 2/23/2009 daf Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * http://www.vectron.com


▲Up To Search▲   

 
Price & Availability of PX-2000-AET-KA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X