Part Number Hot Search : 
C190KSKT ALC260 7226B H1008 TCMT1105 USB1T11A ALC260 4N23TXV
Product Description
Full Text Search
 

To Download PS9115-V-F4-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
PHOTOCOUPLER
PS9115
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE -NEPOC 5-PIN SOP (SO-5) PHOTOCOUPLER
Series-
DESCRIPTION
The PS9115 is an optically coupled high-speed, totem pole output isolator containing a GaAlAs LED on the input side and a photodiode and a signal processing circuit on the output side on one chip. The PS9115 is specified high CMR, high CTR and pulse width distortion with operating temperature.
FEATURES
* High common mode transient immunity (CMH, CML = 20 kV/s TYP.) * Small package (SO-5) * Pulse width distortion (tPHL - tPLH = 7 ns TYP.) * High-speed (10 Mbps) * High isolation voltage (BV = 3 750 Vr.m.s.) * Totem pole output * Ordering number of taping product: PS9115-F3, F4: 2 500 pcs/reel * Pb-Free product * Safety standards * UL approved: File No. E72422 * DIN EN60747-5-2 (VDE0884 Part2) approved No. 40008902 (Option)
1 2 1. Anode 2. Cathode 3. GND 4. VO 5. VCC
PIN CONNECTION (Top View)
5 4 3
APPLICATIONS
* Measurement equipment * PDP * Line Receiver for FA Network
TRUTH TABLE
LED ON OFF Output L H
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information.
Document No. PN10267EJ05V0DS (5th edition) Date Published March 2008 NS Printed in Japan
The mark shows major revised points.
2003, 2008
The revised points can be easily searched by copying an "" in the PDF file and specifying it in the "Find what:" field.
PS9115

PACKAGE DIMENSIONS (UNIT: mm)
3.4 5
+0.3 -0.1
4
3
7.00.3 1
2.60.2
2
0.15 +0.10 -0.05
4.4
0.10.1
1.27 0.4 +0.10 -0.05 0.25 M
0.50.3

MARKING EXAMPLE
SnBi PLATING Ni/Pd/Au PLATING
9115 N831
No. 1 pin Mark Initial of NEC (Engraved mark)
N
Type Number Assembly Lot *1 No. 1 pin Mark Initial of NEC (Engraved mark)
N
9115 N831
Type Number Assembly Lot *1
N
8 31
N
8 31
Week Assembled Year Assembled (Last 1 Digit) Rank Code
Week Assembled Year Assembled (Last 1 Digit) Rank Code
*1
Bar : Pb-Free
*1
Bar : Pb-Free
2
Data Sheet PN10267EJ05V0DS
PS9115

ORDERING INFORMATION
Part Number Order Number Solder Plating Specification PS9115 PS9115-F3 PS9115-F4 PS9115-V PS9115-V-F3 PS9115-V-F4 PS9115 PS9115-F3 PS9115-F4 PS9115-V PS9115-V-F3 PS9115-V-F4 PS9115-A PS9115-F3-A PS9115-F4-A PS9115-V-A PS9115-V-F3-A PS9115-V-F4-A PS9115-AX PS9115-F3-AX PS9115-F4-AX PS9115-V-AX PS9115-V-F3-AX PS9115-V-F4-AX 20 pcs (Tape 20 pcs cut) Embossed Tape 2 500 pcs/reel DIN EN60747-5-2 (VDE0884 Part2) Approved (Option) Pb-Free (Ni/Pd/Au) 20 pcs (Tape 20 pcs cut) Embossed Tape 2 500 pcs/reel 20 pcs (Tape 20 pcs cut) Embossed Tape 2 500 pcs/reel DIN EN60747-5-2 (VDE0884 Part2) Approved (Option) Standard products (UL approved) Pb-Free (SnBi) 20 pcs (Tape 20 pcs cut) Embossed Tape 2 500 pcs/reel Packing Style Safety Standard Approval Standard products (UL approved) Application Part Number PS9115
*1
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25C, unless otherwise specified)
Parameter Diode Forward Current
*1
Symbol IF VR VCC VO IOH IOL PC BV TA Tstg
Ratings 30 5 7 7 -5 13 130 3 750 -40 to +85 -55 to +125
Unit mA V V V mA mA mW Vr.m.s. C C
Reverse Voltage
Detector
Supply Voltage Output Voltage High Level Output Current Low Level Output Current Power Dissipation
*2
Isolation Voltage
*3
Operating Ambient Temperature Storage Temperature
*1 Reduced to 0.3 mA/C at TA = 25C or more. *2 TA = -40 to +85C, Applies to output pin VO and power supply pin VCC. Reduced to 2.36 mW/C at TA = 70C or more. *3 AC voltage for 1 minute at TA = 25C, RH = 60% between input and output. Pins 1-2 shorted together, 3-5 shorted together.
Data Sheet PN10267EJ05V0DS
3
PS9115
RECOMMENDED OPERATING CONDITIONS
Parameter High Level Input Current Low Level Input Voltage Supply Voltage TTL (loads) Operating Ambient Temperature Symbol IFH VFL VCC N TA 0 MIN. 7.5 0 4.5 5.0 TYP. MAX. 12.5 0.8 5.5 3 +85 C Unit mA V V
ELECTRICAL CHARACTERISTICS (TA = 0 to +85C, unless otherwise specified)
Parameter Diode Forward Voltage Reverse Current Terminal Capacitance Detector High Level Output Current
*2
Symbol VF IR Ct IOH VOH VOL ICCH ICCL IOSH
Conditions IF = 10 mA, TA = 25C VR = 3 V, TA = 25C V = 0 V, f = 1 MHz, TA = 25C VCC = VO = 5.5 V, VF = 0.8 V VCC = 4.5 V, VF = 0.8 V, IOH = -2 mA VCC = 4.5 V, IF = 7 mA, IOL = 8 mA VCC = 5.5 V, IF = 0 mA, VO = open VCC = 5.5 V, IF = 10 mA, VO = open VCC = 5.5 V, VO = GND, IF = 0 mA, 10 ms or less
MIN. 1.4
TYP.
*1
MAX. 1.9 10
Unit V
1.65
A
pF
30 0.003 2.4 3.0 0.25 12 13 -26 0.6 16 16 200
A
V V mA mA mA
High Level Output Voltage Low Level Output Voltage High Level Supply Current Low Level Supply Current High Level Output Short Circuit Current Low Level Output Short Circuit Current Coupled Threshold Input Current (H L) Isolation Resistance
IOSL
VCC = VO = 5.5 V, IF = 8 mA, 10 ms or less
34
mA
IFHL
TA = 25C VCC = 5 V, VO = 0.6 V
2.3
5 6
mA
RI-O
VI-O = 1 kVDC, RH = 40 to 60%, TA = 25C
10
11
Isolation Capacitance Propagation Delay Time (H L)
*3
CI-O tPHL
V = 0 V, f = 1 MHz, TA = 25C TA = 25C VCC = 5 V, IF = 7.5 mA 15 10 15 10
0.6 33 65 85 40 65 85 7 50
pF ns
Propagation Delay Time (L H)
*3 *3
tPLH
TA = 25C VCC = 5 V, IF = 7.5 mA
ns
Pulse Width Distortion (PWD)
tPHL-tPLH VCC = 5 V, IF = 7.5 mA
ns
Common Mode Transient Immunity at High Level Output
*4
CMH
VCC = 5 V, TA = 25C, IF = 0 mA, VO (MIN.) = 2 V, VCM = 1 kV
10
20
kV/s
Common Mode Transient Immunity at Low Level Output
*4
CML
VCC = 5 V, TA = 25C, IF = 7.5 mA, VO (MAX.) = 0.8 V, VCM = 1 kV
10
20
kV/s
4
Data Sheet PN10267EJ05V0DS
PS9115
*1 Typical values at TA = 25C *2 Because a high-level output current (IOH) of 300 A or more may be output when the temperature is 0C or less and when VCC is around 3 to 4 V, it is important to confirm the characteristics (operation with the power supply on and off) during design, before using this device. *3 Test circuit for propagation delay time
VCC = 5 V Pulse input (IF) VO (monitor) (PW = 500 ns, Duty cycle = 1/2) Input (monitor) 47 0.1 F VOH CL = 30 pF Output 2.5 k tPHL tPLH 1.5 V VOL 1.3 k VCC = 5 V Input IF (ON) 50% IF (ON)
CL includes probe and stray wiring capacitance.
*4 Test circuit for common mode transient immunity
SW IF VCC = 5 V 0.1 F VO (Monitor) CL = 15 pF VCM VO (IF = 7.5 mA) 10% tr VO (IF = 0 mA) tf VOH 2V 0.8 V VOL 0V VCM 90% 1 kV
CL includes probe and stray wiring capacitance.
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static electricity when handling. 2. By-pass capacitor of 0.1 F is used between VCC and GND near device. Also, ensure that the distance between the leads of the photocoupler and capacitor is no more than 10 mm. 3. Avoid storage at a high temperature and high humidity.
Data Sheet PN10267EJ05V0DS
5
PS9115
TYPICAL CHARACTERISTICS (TA = 25C, unless otherwise specified)
MAXIMUM FORWARD CURRENT vs. AMBIENT TEMPERATURE
40
Detector Power Dissipation PC (mW) Maximum Forward Current IF (mA)
DETECTOR POWER DISSIPATION vs. AMBIENT TEMPERATURE
150
30
100
20
50
10
0
20
40
60
80 85
100
0
20
40
60
80 85
100
Ambient Temperature TA (C)
Ambient Temperature TA (C)
FORWARD CURRENT vs. FORWARD VOLTAGE
100
High Level Supply Current ICCH (mA) Low Level Supply Current ICCL (mA)
SUPPLY CURRENT vs. AMBIENT TEMPERATURE
20 VCC = 5.5 V 16 ICCL (IF = 10 mA) 12 ICCH (IF = 0 mA) 8
Forward Current IF (mA)
10 TA = +85C +50C +25C 0C -25C
1
0.1
4
0.01 1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0 -50
-25
0
25
50
75
100
Forward Voltage VF (V)
Ambient Temperature TA (C)
HIGH LEVEL OUTPUT VOLTAGE vs. AMBIENT TEMPERATURE
Propagation Delay Time tPHL, tPLH (ns), Pulse Width Distortion tPHL - tPLH (ns)
PROPAGATION DELAY TIME, PULSE WIDTH DISTORTION vs. AMBIENT TEMPERATURE
50 IF = 7.5 mA VCC = 5.0 V 40 tPLH tPHL
5
High Level Output Voltage VOH (V)
4
VCC = 4.5 V, VF = 0.8 V, IOH = 2.0 mA
3 2
30 20
1
10 PWD 0 -50 -25 0 25 50 75 100
0 -50
-25
0
25
50
75
100
Ambient Temperature TA (C)
Ambient Temperature TA (C)
Remark The graphs indicate nominal characteristics.
6
Data Sheet PN10267EJ05V0DS
PS9115
LOW LEVEL OUTPUT VOLTAGE vs. AMBIENT TEMPERATURE
0.5
Low Level Output Voltage VOL (V) Threshold Input Current IFHL (mA)
THRESHOLD INPUT CURRENT vs. AMBIENT TEMPERATURE
5 VCC = 5.0 V 4
0.4
VCC = 4.5 V, IF = 7.5 mA, IOL = 8.0 mA
0.3 0.2
3
2
0.1
1
0 -50
-25
0
25
50
75
100
0 -50
-25
0
25
50
75
100
Ambient Temperature TA (C)
Ambient Temperature TA (C)
LOW LEVEL OUTPUT VOLTAGE vs. LOW LEVEL OUTPUT CURRENT
0.5
High Level Output Voltage VOH (V) Low Level Output Voltage VOL (V)
HIGH LEVEL OUTPUT VOLTAGE vs. HIGH LEVEL OUTPUT CURRENT
5 TA = 85C 25C 0C VCC = 4.5 V, VF = 0.8 V
VCC = 4.5 V, IF = 5.0 mA 0.4 TA = 85C 0C 25C
4
0.3 0.2
3 2
0.1
1
0
2.5
5
7.5
10
12.5 13
0
-1
-2
-3
-4
-5
Low Level Output Current IOL (mA)
High Level Output Current IOH (mA)
HIGH LEVEL OUTPUT VOLTAGE vs. HIGH LEVEL OUTPUT CURRENT
Propagation Delay Time tPHL, tPLH (ns), Pulse Width Distortion tPHL - tPLH (ns)
PROPAGATION DELAY TIME, PULSE WIDTH DISTORTION vs. FORWARD CURRENT
60 TA = 25C, VCC = 5 V tPHL
4
High Level Output Voltage VOH (V)
TA = 85C 25C 3 0C
VCC = 4.5 V, IF = 250 A
40
2
tPLH 20 PWD
1
0
-5
-10
-15
-20
-25
-30
-35
0
5
10
15
20
25
30
High Level Output Current IOH (mA)
Forward Current IF (mA)
Remark The graphs indicate nominal characteristics.
Data Sheet PN10267EJ05V0DS
7
PS9115
TAPING SPECIFICATIONS (UNIT: mm)
Outline and Dimensions (Tape)
2.00.05 4.00.1
1.750.1
7.40.1
1.5+0.1 -0
3.45 MAX.
1.550.1 8.00.1
12.00.2
5.50.1
3.90.1
3.00.1
0.30.05
Tape Direction
PS9115-F3
PS9115-F4
Outline and Dimensions (Reel)
2.00.5
2.00.5 13.00.2
R 1.0
21.00.8
13.00.2
3302.0
1001.0
13.51.0 17.51.0
Packing: 2 500 pcs/reel
11.9 to 15.4 Outer edge of flange
8
Data Sheet PN10267EJ05V0DS
PS9115

RECOMMENDED MOUNT PAD DIMENSIONS (UNIT: mm)
1.45
5.5
1.27
0.8
Data Sheet PN10267EJ05V0DS
9
PS9115
NOTES ON HANDLING 1. Recommended soldering conditions
(1) Infrared reflow soldering * Peak reflow temperature * Time of peak reflow temperature * Time of temperature higher than 220C * Time to preheat temperature from 120 to 180C * Number of reflows * Flux 260C or below (package surface temperature) 10 seconds or less 60 seconds or less 12030 s Three Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.)
Recommended Temperature Profile of Infrared Reflow
Package Surface Temperature T (C)
(heating) to 10 s 260C MAX. 220C to 60 s 180C 120C 12030 s (preheating)
Time (s)
(2) Wave soldering * Temperature * Time * Preheating conditions * Number of times * Flux 260C or below (molten solder temperature) 10 seconds or less 120C or below (package surface temperature) One (Allowed to be dipped in solder including plastic mold portion.) Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.) (3) Soldering by Soldering Iron * Peak Temperature (lead part temperature) * Time (each pins) * Flux 350C or below 3 seconds or less Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.) (a) Soldering of leads should be made at the point 1.5 to 2.0 mm from the root of the lead (b) Please be sure that the temperature of the package would not be heated over 100C
10
Data Sheet PN10267EJ05V0DS
PS9115
(4) Cautions * Fluxes Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
2. Cautions regarding noise
Be aware that when voltage is applied suddenly between the photocoupler's input and output or between collector-emitters at startup, the output transistor may enter the on state, even if the voltage is within the absolute maximum ratings.
USAGE CAUTIONS
1. Protect against static electricity when handling. 2. Avoid storage at a high temperature and high humidity.
Data Sheet PN10267EJ05V0DS
11
PS9115

SPECIFICATION OF VDE MARKS LICENSE DOCUMENT
Parameter Application classification (DIN EN 60664-1 VDE0110 Part 1) for rated line voltages 300 Vr.m.s. for rated line voltages 600 Vr.m.s. Climatic test class (DIN EN 60664-1 VDE0110) Dielectric strength maximum operating isolation voltage Test voltage (partial discharge test, procedure a for type test and random test) Upr = 1.5 x UIORM, Pd < 5 pC Test voltage (partial discharge test, procedure b for all devices) Upr = 1.875 x UIORM, Pd < 5 pC Highest permissible overvoltage Degree of pollution (DIN EN 60664-1 VDE0110 Part 1) Clearance distance Creepage distance Comparative tracking index (DIN IEC 112/VDE 0303 Part 1) Material group (DIN EN 60664-1 VDE0110 Part 1) Storage temperature range Operating temperature range Isolation resistance, minimum value VIO = 500 V dc at TA = 25C VIO = 500 V dc at TA MAX. at least 100C Safety maximum ratings (maximum permissible in case of fault, see thermal derating curve) Package temperature Current (input current IF, Psi = 0) Power (output or total power dissipation) Isolation resistance VIO = 500 V dc at TA = Tsi Ris MIN. 10
9
Symbol
Speck
Unit
IV III 40/85/21
UIORM Upr
707 1 061
Vpeak Vpeak
Upr
1 326
Vpeak
UTR
6 000 2 >4.2 >4.2
Vpeak
mm mm
CTI
175 III a
Tstg TA
-55 to +125 -40 to +85
C C
Ris MIN. Ris MIN.
10 10
12 11
Tsi Isi Psi
150 200 300
C mA mW
12
Data Sheet PN10267EJ05V0DS
PS9115
* The information in this document is current as of March, 2008. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC Electronics data sheets or data books, etc., for the most up-to-date specifications of NEC Electronics products. Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Electronics. NEC Electronics assumes no responsibility for any errors that may appear in this document. * NEC Electronics does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC Electronics products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Electronics or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of a customer's equipment shall be done under the full responsibility of the customer. NEC Electronics assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC Electronics endeavors to enhance the quality, reliability and safety of NEC Electronics products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC Electronics products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment and anti-failure features. * NEC Electronics products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to NEC Electronics products developed based on a customerdesignated "quality assurance program" for a specific application. The recommended applications of an NEC Electronics product depend on its quality grade, as indicated below. Customers must check the quality grade of each NEC Electronics product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots. "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support). "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC Electronics products is "Standard" unless otherwise expressly specified in NEC Electronics data sheets or data books, etc. If customers wish to use NEC Electronics products in applications not intended by NEC Electronics, they must contact an NEC Electronics sales representative in advance to determine NEC Electronics' willingness to support a given application. (Note) (1) "NEC Electronics" as used in this statement means NEC Electronics Corporation and also includes its majority-owned subsidiaries. (2) "NEC Electronics products" means any product developed or manufactured by or for NEC Electronics (as defined above).
M8E 02. 11-1
Data Sheet PN10267EJ05V0DS
13
PS9115
Caution
GaAs Products This product uses gallium arsenide (GaAs). GaAs vapor and powder are hazardous to human health if inhaled or ingested, so please observe the following points. * Follow related laws and ordinances when disposing of the product. If there are no applicable laws and/or ordinances, dispose of the product as recommended below. 1. Commission a disposal company able to (with a license to) collect, transport and dispose of materials that contain arsenic and other such industrial waste materials. 2. Exclude the product from general industrial waste and household garbage, and ensure that the product is controlled (as industrial waste subject to special control) up until final disposal. * Do not burn, destroy, cut, crush, or chemically dissolve the product. * Do not lick the product or in any way allow it to enter the mouth.


▲Up To Search▲   

 
Price & Availability of PS9115-V-F4-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X