Part Number Hot Search : 
321J1U TLWR9900 WS4601E 17FBD1 0150C 40004 62201 TM50D
Product Description
Full Text Search
 

To Download PS7802A-1A-F3-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Solid State Relay OCMOS FET
PS7802A-1A
4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
DESCRIPTION
The PS7802A-1A is a low output capacitance solid state relay containing a GaAs LED on the light emitting side (input side) and MOS FETs on the output side. An ultra small flat-lead package has been provided which realizes a reduction in mounting area of about 50% compared with the PS72xx series. It is suitable for high-frequency signal control, due to its low C x R, low output capacitance, and low off-state leakage current. -NEPOC Series-
FEATURES
* Ultra small flat-lead package (4.2 (L) x 2.5 (W) x 1.85 (H) mm) * Low C x R (C x R = 12.6 pF * ) * Low on-state resistance (Ron = 1.1 TYP.) * High pass characteristics (ERT = 45 ps TYP.) * 1 channel type (1 a output) * Designed for AC/DC switching line changer * Low offset voltage * Ordering number of taping product: PS7802A-1A-F3: 3 500 pcs/reel * Pb-Free product * Safety standards * UL approved: No. E72422
1 4
PIN CONNECTION
(Top View)
3 1. LED Anode 2. LED Cathode 3. MOS FET 4. MOS FET
2
APPLICATIONS
* Measurement equipment
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information.
Document No. PN10686EJ02V0DS (2nd edition) Date Published October 2008 NS Printed in Japan
The mark shows major revised points.
2007, 2008
The revised points can be easily searched by copying an "" in the PDF file and specifying it in the "Find what:" field.
PS7802A-1A
PACKAGE DIMENSIONS (UNIT: mm)
2.50.3 4 3
0.2 MAX.
4.20.2
N
0.20.1
1 2 3.0 MAX.
1.850.05 0.15 +0.1 -0.05
4.60.2
3.6 +0.3 -0.4
0.40.1 1.27
0.20.1

MARKING EXAMPLE
2A
N
801
No.1 pin mark (Nicked corner)
Last number of type No. : 2A *1 *2
An initial of "NEC"
Assembly lot
8 01 (Marking details)
Week assembled Year assembled
*1 The marking corresponds to the last two digits of the part number below. PS7802A-1A *2 Bar : Pb-Free
2
Data Sheet PN10686EJ02V0DS
0.36
PS7802A-1A

ORDERING INFORMATION
Part Number PS7802A-1A PS7802A-1A-F3 Order Number PS7802A-1A-A PS7802A-1A-F3-A Solder Plating Specification Pb-Free Packing Style 50 pcs (Tape 50 pcs cut) Embossed Tape 3 500 pcs/reel Safety Standard Approval Standard products (UL approved) Application *1 Part Number PS7802A-1A
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25C, unless otherwise specified)
Parameter Diode Forward Current (DC) Reverse Voltage Power Dissipation Peak Forward Current MOS FET Break Down Voltage Continuous Load Current Pulse Load Current
*2 *1
Symbol IF VR PD IFP VL IL ILP
Ratings 50 5.0 50 1 40 250 500
Unit mA V mW A V mA mA
(AC/DC Connection) Power Dissipation Isolation Voltage
*3
PD BV PT TA Tstg
100 500 150 -40 to +85 -40 to +100
mW Vr.m.s. mW C C
Total Power Dissipation Operating Ambient Temperature Storage Temperature
*1 PW = 100 s, Duty Cycle = 1% *2 PW = 100 ms, 1 shot *3 AC voltage for 1 minute at TA = 25C, RH = 60% between input and output. Pins 1-2 shorted together, 3-4 shorted together.
RECOMMENDED OPERATING CONDITIONS (TA = 25C)
Parameter LED Operating Current LED Off Current Symbol IF IF MIN. 4.5 0.1 TYP. 5 MAX. 20 Unit mA mA
Data Sheet PN10686EJ02V0DS
3
PS7802A-1A
ELECTRICAL CHARACTERISTICS (TA = 25C)
Parameter Diode Forward Voltage Reverse Current MOS FET Off-state Leakage Current Output Capacitance Coupled LED On-state Current On-state Resistance Turn-on Time Turn-off Time
*1, 2
Symbol VF IR ILoff Cout IFon Ron ton toff RI-O CI-O ERT IF = 5 mA VR = 5 V VD = 40 V
Conditions
MIN.
TYP. 1.1
MAX. 1.4 5.0
Unit V
A
nA pF
0.1 11.5
10
VD = 0 V, f = 1 MHz IL = 250 mA IF = 5 mA, IL = 250 mA IF = 5 mA, VO = 5 V, RL = 500 , PW 0.5 ms VI-O = 0.5 kVDC V = 0 V, f = 1 MHz IF = 5 mA, tr (in) = 25.0 ps, V = 250 mV, 50 termination 10
9
4 1.1 0.05 0.05 1.6 0.25 0.25
mA ms
*1, 2
Isolation Resistance Isolation Capacitance Equivalent Rise Time
*3
0.3 45 pF ps
*1 Test Circuit for Switching Time
IF Pulse Input VL
Input 50% 0
VO = 5 V
Input monitor Rin RL
VO monitor
Output
90%
10% ton toff
*2 The turn-on time and turn-off time are specified as input-pulse width 0.5 ms. Be aware that when the device operates with an input-pulse width less than 0.5 ms, the turn-on time and turn-off time will increase. *3 ERT (Equivalent Rise Time) measurement
Input 250 mV 90%
10% tr (in) ERT = tr (out) 2 - tr (in)2 Output 250 mV 90%
10% tr (out)
4
Data Sheet PN10686EJ02V0DS
PS7802A-1A
TAPING SPECIFICATIONS (UNIT: mm)
Outline and Dimensions (Tape)
2.00.05 4.00.1
1.5+0.1 -0
1.750.1
2.9 MAX.
12.00.2 5.30.1
5.50.05
0.3 1.550.05 4.00.1 2.90.1 2.40.1
Tape Direction
PS7802A-1A-F3
N
N
N
N
Outline and Dimensions (Reel)
2.00.5
3302.0 1001.0
2.00.5 13.00.2
R 1.0
21.00.8
13.00.2
13.51.0 17.51.0
Packing: 3 500 pcs/reel
11.9 to 15.4 Outer edge of flange
Data Sheet PN10686EJ02V0DS
5
PS7802A-1A
RECOMMENDED MOUNT PAD DIMENSIONS (UNIT: mm)
1.27 0.6
(0.35) 3.6
0.8
4.4
5.3
( ) : Reference value 24-R0.1
Remark All dimensions in this figure must be evaluated before use.
6
Data Sheet PN10686EJ02V0DS
PS7802A-1A
RECOMMENDED SOLDERING CONDITIONS
(1) Infrared reflow soldering * Peak reflow temperature * Time of peak reflow temperature * Time of temperature higher than 220C * Time to preheat temperature from 120 to 180C * Number of reflows * Flux 260C or below (package surface temperature) 10 seconds or less 60 seconds or less 12030 s Three Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.)
Recommended Temperature Profile of Infrared Reflow
Package Surface Temperature T (C)
(heating) to 10 s 260C MAX. 220C to 60 s 180C 120C 12030 s (preheating)
Time (s)
(2) Wave soldering * Temperature * Time * Preheating conditions * Number of times * Flux 260C or below (molten solder temperature) 10 seconds or less 120C or below (package surface temperature) One Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.) (3) Soldering by soldering iron * Peak temperature (lead part temperature) * Time (each pins) * Flux 350C or below 3 seconds or less Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.) (a) Soldering of leads should be made at the point 1.5 to 2.0 mm from the root of the lead. (b) Please be sure that the temperature of the package would not be heated over 100C. (4) Cautions * Fluxes Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
Data Sheet PN10686EJ02V0DS
7
PS7802A-1A
USAGE CAUTIONS
1. Protect against static electricity when handling. 2. Avoid storage at a high temperature and high humidity.
8
Data Sheet PN10686EJ02V0DS
PS7802A-1A
* The information in this document is current as of October, 2008. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC Electronics data sheets or data books, etc., for the most up-to-date specifications of NEC Electronics products. Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Electronics. NEC Electronics assumes no responsibility for any errors that may appear in this document. * NEC Electronics does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC Electronics products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Electronics or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of a customer's equipment shall be done under the full responsibility of the customer. NEC Electronics assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC Electronics endeavors to enhance the quality, reliability and safety of NEC Electronics products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC Electronics products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment and anti-failure features. * NEC Electronics products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to NEC Electronics products developed based on a customerdesignated "quality assurance program" for a specific application. The recommended applications of an NEC Electronics product depend on its quality grade, as indicated below. Customers must check the quality grade of each NEC Electronics product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots. "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support). "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC Electronics products is "Standard" unless otherwise expressly specified in NEC Electronics data sheets or data books, etc. If customers wish to use NEC Electronics products in applications not intended by NEC Electronics, they must contact an NEC Electronics sales representative in advance to determine NEC Electronics' willingness to support a given application. (Note) (1) "NEC Electronics" as used in this statement means NEC Electronics Corporation and also includes its majority-owned subsidiaries. (2) "NEC Electronics products" means any product developed or manufactured by or for NEC Electronics (as defined above).
M8E 02. 11-1
Data Sheet PN10686EJ02V0DS
9
PS7802A-1A
Caution
GaAs Products This product uses gallium arsenide (GaAs). GaAs vapor and powder are hazardous to human health if inhaled or ingested, so please observe the following points. * Follow related laws and ordinances when disposing of the product. If there are no applicable laws and/or ordinances, dispose of the product as recommended below. 1. Commission a disposal company able to (with a license to) collect, transport and dispose of materials that contain arsenic and other such industrial waste materials. 2. Exclude the product from general industrial waste and household garbage, and ensure that the product is controlled (as industrial waste subject to special control) up until final disposal. * Do not burn, destroy, cut, crush, or chemically dissolve the product. * Do not lick the product or in any way allow it to enter the mouth.


▲Up To Search▲   

 
Price & Availability of PS7802A-1A-F3-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X