Part Number Hot Search : 
9904BSA P6SMB7 HPTA0700 1H101 2N519406 15402 SC503 N74F823N
Product Description
Full Text Search
 

To Download PIIPM50F12A004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I27146 01/03
PIIPM50P12B004
Programmable Isolated IPM
PI-IPM Features:
Power Module:
* * NPT IGBTs 50A, 1200V 10us Short Circuit capability Square RBSOA Low Vce(on) (2.15Vtyp @ 50A, 25C) Positive Vce(on) temperature coefficient Gen III HexFred Technology Low diode VF (1.78Vtyp @ 50A, 25C) Soft reverse recovery 2m sensing resistors on all phase outputs and DCbus minus rail T/C < 50ppm/C
Package:
*
*
PI-IPM - Inverter (EconoPack 2 outline compatible)
Embedded driving board
* * * * * * * * * Programmable 40 Mips DSP Current sensing feedback from all phases Full protection from ground and line to line faults UVLO, OVLO on DCbus voltage Embedded flyback smps for floating stages (single 15Vdc @ 300mA input required) Asynchronous isolated 2.5Mbps serial port for DSP communication and programming IEEE standard 1149.1 (JTAG port interface) for program downloading and debugging Separated turn on / turn off outputs for IGBTs di/dt control Isolated serial port input with strobe signal for quadrature encoders or SPI communication
Power Module schematic:
Three phase inverter with current sensing resistors on all output phases
Description
The PIIPM50P12B004 is a fully integrated Intelligent Power Module for high performances Servo Motor Driver applications. The device core is a state of the art DSP, the TMS320LF2406A* at 40 Mips, interfaced with a full set of peripheral designed to handle all analog feedback and control signals needed to correctly manage the power section of the device. The PI-IPM has been designed and tailored to implement internally all functions needed to close the current loop of a high performances servo motor driver, a basic software is already installed in the DSP and the JTAG connector allows the user to easily develop and download its own proprietary algorithm. TM The device comes in the EMP package, fully compatible in length, width and height with the popular EconoPack 2 outline.
PI-IPM System Block Schematic:
*Beta samples come with the TMS320LF2406 at 30Mips, please refer to TI datasheet for further information about performances.
www.irf.com
1
TDi TDi TDi
TDo TDo TDo
Tck
TRS T-
PD PD PD
Tck-ret Tck-ret Tck-ret
Boot-en
EMU0
TMS
EMU1
Com
Detailed Block Diagram
LFault
ADCin04
ADCin01
ADCin02
ADCin05
ADCin00 ADCin00
ADCin03 ADCin03
LFault reset
GND iso
3.3V LFault reset Vth DCB mon Vin mon 1.7kHz OPA 1kHz
Fault Fault Fault
www.irf.com
15V 15V 5V iso-3 15V 15V 5V iso-2
LFault LFault
PIIPM50P12B004
Vin iso
Sci Tx
5V iso Gate Drivers Gate Drivers
JTAG interface connector
Tx + Tx5V 15V 15V 5V iso-1
Logic interface LFault
Rx+ Rx5V
Sci Rx
RS422 line driver Optoisolation
SpiSOMI
17 50 22
G3 E3 G6 E6
G2 E2 G5 E5
I27146
TMS320LF2406A 40Mips
36 PWM3 28 PWM6 37 PWM2 21 PWM5
01/03
GND iso
SpiSIMO Strobe
Optoisolation
5V
SpiCK QE_p1
18 49 21 52
Strb-hall3/SpiRx Optoisolation
SpiSTE QE_p2
Enc2-hall2/SpiSTE
Gate Drivers
Enc1-hall1/SpiCK
5V
39 PWM1 24 33 PWM4 57 23 55 70 92 79 77 74 69 72 89 6
SpiTx
G1 E1 G4 E4
Fault 3.3V
DC +
LFault Latch
Th+ Th-
DIV
Fault
OC Comp
10kHz
SH + SH 5V Fault
DC -
400kHz 5.5kHz Bessel OPA
3.3V ADCin00
R1 + R1 Current Sense & Level Shifter
5V Fault 5V Lin Reg
15V 5V ref 3.3V ref
OV Comp Fault
15V iso-1
V in
COM
3.3V
3.3V
5V 15V iso-1
400kHz ADCin01 5.5kHz Bessel OPA
R2 + R2 Current Sense & Level Shifter
5V Fault 5V Lin Reg
Power Supply 3.3V, 5V 15V flyback
15V iso-2
15V iso-2 15V iso-3
ADCin02 5.5kHz Bessel OPA
400kHz
R3 + R3 Current Sense & Level Shifter
5V Lin Reg
15V iso-3
2
PIIPM50P12B004
I27146
01/03
Signal pins on RS422 serial port
Symbol Vin iso GND iso Tx+ TxRx+ RxEnc1 - Hall1 / SpiCK Enc2 - Hall2 / SpiSTE Strb - Hall3 / SpiRx SpiTx Vin COM Lead Description External 5V supply voltage for opto-couplers and line driver supply Extenal 5V supply ground reference for opto-couplers and line driver supply RS422 Trasmitter Non inverting Driver Output RS422 Trasmitter Inverting Driver Output RS422 Receiver Non inverting Driver Input, RS422 Receiver Inverting Driver Input Incremental Encoder 1 / Hall effect sensor input 1/ SpiCK input (GND iso referenced) Incremental Encoder 2 / Hall effect sensor input 2 / SpiSTE input (GND iso referenced) Incremental Encoder Strobe / Hall effect sensor input 3 / SpiRx input (GND iso ref.) SpiTx output (GND iso referenced) External 15V supply voltage. Internally referred to DC bus minus pin (DC -) External 15V supply ground reference. This pin is directly connected to DC Pin number 6 7 1 2 4 3 5 9 10 8 17-18 19-20 RS422 serial port
Signal pins on IEEE1149.1 JTAG connector
Symbol TMS TMS2 TDI TDO TCK TRST~ EMU0 EMU1/OFF~ JTAG test mode select JTAG test mode select 2 JTAG test data input JTAG test data output JTAG test clock. TCK is a 10MHz clock source from the emulation pod. This signal can be used to drive the system test clock. JTAG test reset Emulation pin 0 Emulation pin 1 Presence detect. Indicates that the emulation cable is connected and that the PI-IPM logic is powered up. PD is tied to the DSP 3.3V supply through a 1k resistor. JTAG test clock return. Test clock input to the emulator. Internally short circuited to TCK. Boot ROM enable. This pin is sampled during DSP reset, pulling it low enables DSP boot ROM (Flash versions only). 47k internal pull up. External 15V supply ground reference. This pin is directly connected to DC Lead Description State Input Input Input Output Input Input I/O I/O 11 9-10 7-8 1 Output 16 Output Input N/A 17 20 IEEE1149.1 JTAG Pin number 12 5-6 14 13 15
PD TCK_RET Boot-En COM
www.irf.com
3
PIIPM50P12B004
I27146
01/03
Following pins are intended for signal communication between driving board and power module only, though here described for completeness, they are on purpose not available to the user.
Symbol DC + DC Th + Th Sh + Sh G1/2/3 E1/2/3 R1/2/3 + R1/2/3 G4/5/6 E4/5/6 DC Bus plus input signal DC Bus minus input signal (internally connected to COM) Thermal sensor positive input Thermal sensor negative input (internally connected to COM) DC Bus minus series shunt positive input (Kelvin point) DC Bus minus series shunt negative input (Kelvin point) Gate connections for high side IGBTs Emitter connections for high side IGBTs (Kelvin points) Output current sensing resistor positive input (IGBTs emitters 1/2/3 side, Kelvin points) Output current sensing resistor negative input (Motor side, Kelvin points) Gate connections for low side IGBTs Emitter connections for low side IGBTs (Kelvin points) Lateral connectors on embedded driving board Lead Description Pin number
Power Module Frame Pins Mapping
www.irf.com
4
PIIPM50P12B004
I27146
01/03
Absolute Maximum Ratings (TC=25C)
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to VDC-, all currents are defined positive into any lead. Thermal Resistance and Power Dissipation ratings are measured at still air conditions.
Symbol VDC VCES IC @ 100C IC @ 25C ICM Inverter IF @ 100C IF @ 25C IFM VGE PD @ 25C PD @ 100C Vin Vin-iso Embedded Driving Board Rx TA--EDB TSTG-EDB VISO-CONT RS232 VISO-TEMP RS232 MT Power Module TJ TSTG Vc-iso DC Bus Voltage Collector Emitter Voltage IGBTs continuous collector current (TC = 100 C) IGBTs continuous collector current (TC = 25 C) Pulsed Collector Current (Fig. 3, Fig. CT.5) Diode Continuous Forward Current (TC = 100 C) Diode Continuous Forward Current (TC = 25 C) Diode Maximum Forward Current Gate to Emitter Voltage Power Dissipation (One transistor) Power Dissipation (One transistor, TC = 100 C) Non isolated supply voltage (DC- referenced) Isolated supply voltage (GND iso referenced) RS422 Receiver input voltage (GND iso referenced) Operating Ambient Temperature Range Board Storage Temperature Range Input-Output Continuous Withstand Voltage (RH 50%, -40C TA 85C ) Input-Output Momentary Withstand Voltage (RH 50%, t = 1 min, TA = 25C) Mounting Torque Operating Junction Temperature Storage Temperature Range Isolation Voltage to Base Copper Plate -40 -40 -2500 AC DC RMS -20 -5 -7 -20 -40 800 1000 2500 3.5 +150 +125 +2500 -20 Parameter Definition Min. 0 0 Max. 1000 1200 50 100 200 50 100 200 +20 330 130 20 5.5 12 +60 +125 C V V V Nm C V V W V A Units V
www.irf.com
5
PIIPM50P12B004
I27146
01/03
Electrical Characteristics: Inverter
For proper operation the device should be used within the recommended conditions. TJ = 25C (unless otherwise specified)
Symbol V(BR)CES V(BR)CES / T Parameter Definition Collector To Emitter Breakdown Voltage Temperature Coeff. of Breakdown Voltage Min. 1200 +1.2 2.15 VCE(on) Collector To Emitter Saturation Voltage 2.70 2.45 VGE(th) VGE(th) / Tj gfe Gate Threshold Voltage Temp. Coeff. of Threshold Voltage Forward Trasconductance 29 4.4 4.7 -1.2 33 38 500 ICES Zero Gate Voltage Collector Current 650 1350 4000 VFM IRM IGES R1/2/3 Rsh Diode Forward Voltage Drop Diode Reverse Leakage Current Gate To Emitter Leakage Current Sensing Resistors DC bus minus series shunt resistor 1.98 1.98 2 2 1.78 1.90 2.1 2.22 20 200 2.02 2.02 V A nA m A 2.50 3.78 3.22 5.5 V mV/C S V Typ. Max. Units V V/C Test Conditions VGE = 0V, IC = 250A VGE = 0V, IC = 1mA (25 - 125 C) IC = 50A, VGE = 15V IC = 100A, VGE = 15V IC = 50A, VGE = 15V, TJ = 125 C VCE = VGE, IC = 250A VCE = VGE, IC = 1mA (25 - 125 C) VCE = 50V, IC = 50A, PW = 80s VGE = 0V, VCE = 1200V VGE = 0V, VCE = 1200V, TJ = 125 C VGE = 0V, VCE = 1200V, TJ = 150 C IC = 50A IC = 50A, TJ = 125 C VR = 1200V, TJ = 25 C VGE = 20V 8 8 5, 6 7, 9 10, 11 12 Fig.
www.irf.com
6
PIIPM50P12B004
I27146
01/03
Switching Characteristics: Inverter
For proper operation the device should be used within the recommended conditions. TJ = 25C (unless otherwise specified)
Symbol Qg Qge Qgc Eon Eoff Etot Eon Eoff Etot td (on) Tr td (off) Tf Cies Coes Cres RBSOA Parameter Definition Total Gate Charge (turn off) Gate - Emitter Charge (turn off) Gate - Collector Charge (turn off) Turn on Switching Loss Turn off Switching Loss Total Switching Loss Turn on Switching Loss Turn off Switching Loss Total Switching Loss Turn on delay time Rise time Turn off delay time Fall time Input Capacitance Output Capacitance Reverse Transfer Capacitance Reverse Bias Safe Operating Area Min Typ 400 46 181 2814 5293 8107 3963 7810 11773 66 72 593 95 5884 950 167 FULL SQUARE Max 411 55 200 3220 5825 9145 4415 8965 13380 72 83 641 117 6052 968 193 pF ns VGE = 15V, RG =10, L = 250H VCC = 30V VGE = 0V f = 1MHz TJ = 150 C, I C =250A, VGE = 15V to 0V VCC = 1000V, Vp = 1200V, RG = 5 s 1114 260 42 1535 363 43 0.38 0.76 0.03 100 Pdiss Total Dissipated Power 150 250 200 W J ns A C/W C/W C/W IC = 7A, VDC = 530V, fsw = 8kHz, TC = 55 C IC = 10A, VDC = 530V, fsw = 8kHz, TC = 55 C IC = 10A, VDC = 530V, fsw = 16kHz TC = 55 C, IC = 20A, VDC = 530V, fsw = 4kHz, TC = 40C PD1 PD2 PD3 24 TJ = 150 C, VGE = 15V to 0V VCC = 900V, Vp= 1200V, RG = 5 TJ = 125 C IF = 50A, VCC = 600V, VGE = 15V, RG =10, L = 250H 4 CT2 CT3 WF4 17,18 19,20 21 CT4 WF3 22 J J nC Units IC = 50A VCC = 600V VGE = 15V IC = 50A, VCC = 600V, TJ = 25 C VGE = 15V, RG =10, L = 250H Tail and Diode Rev. Recovery included IC = 50A, VCC = 600V, TJ = 125 C VGE = 15V, RG =10, L = 250H Tail and Diode Rev. Recovery included IC = 50A, VCC = 600V, TJ = 125 C CT4 WF1 WF2 13, 15 CT4 WF1 WF2 14,16 CT4 WF1 WF2 Test Conditions Fig. 23 CT1
SCSOA EREC trr Irr RthJC_T RthJC_D RthC-H
Short Circuit Safe Operating Area Diode reverse recovery energy Diode reverse recovery time Peak reverse recovery current Each IGBT to copper plate thermal resistance Each Diode to copper plate thermal resistance Module copper plate to heat sink thermal resistance. Silicon grease applied = 0.1mm
10 693 156 35
www.irf.com
7
PIIPM50P12B004
I27146
01/03
Electrical Characteristics: Embedded Driving Board (EDB) communication ports
For proper operation the device should be used within the recommended conditions. Vin = 15V, Vin-iso = 5V, TA = 0 to 55C, TC = 75C (unless otherwise specified)
Symbol Vin Isupp Isupp Isupp Vin iso Iq. iso Parameter Definition EDB Input supply Voltage EDB input Supply Current with EEprom not programmed EDB Input Supply Current EDB Input Supply Current EDB isolated supply voltage EDB isolated quiescent supply current 24 Isupp. iso EDB isolated supply current 37 VDO-TX VCO-TX VDI-RX RIN-RX fMAX Venc-high / Vhall-high Venc-low / Vhall-low Ienc-low / Ihall-low TMS TMS2 TDI TDO TCK TRSTEMU0 EMU1/OFF~ PD VPD VBoot En IBoot-En Differential Driver Output Voltage Driver Common mode output voltage Receiver Input Differential Threshold Voltage Receiver Input Resistance RS422 maximum data rate Logic High Input Voltage Logic Low Input Voltage Logic Low Input Current - 5.2 3.6 2 - 0.2 120 2.5 2 3 0.2 48 59 mA V Rload = 120 V V Mbps V V mA Enc1 / Hall1 Enc2 / Hall2 Strb / Hall3 input pins - 7V VCM +12V RS422 port Min. 12 90 131 132 4.5 Typ. 15 100 149 152 5 9 29 Max. 18 110 166 170 5.5 20 34 Units V mA mA mA V mA mA Rx+ = +5V, Rx- = 0V Hall1/2/3 = open Hall1/2/3 low Rx+ = 0V, Rx- = +5V Tx+ and Tx- open Hall1/2/3 low Rx+ = 0V, Rx- = +5V Tx+ and Tx- on 120 VDC = 0V, fPWM = 8kHz (*) Vdc=600V, fPWM = 8kHz (*) RS422 port Test Conditions Conn.
RS422 port
JTAG interface pins
Please see TMS320LF2406A datasheet from Texas Instruments and VPD specifications
Directly connected from DSP to connector pins. EMU0 and EMU1 with 4.7k internal pull up.
JTAG
Presence detect voltage Boot ROM enable input voltage Boot ROM enable input current
3.2
3.3
3.4 0.5 - 100
V V
IPD = -100A Active low
JTAG
JTAG
A
*
these values are obtained with internal DSP clock, EVA, EVB, SCI peripherals enabled at 40MHz, A/D peripheral at 20MHz and 50% PWM duty cycle on all legs.
www.irf.com
8
PIIPM50P12B004
I27146
01/03
AC Electrical Characteristics: Embedded Driving Board (EDB) DSP pins mapping
For proper operation the device should be used within the recommended conditions. Vin = 15V, Vin-iso = 5V, TA = 0 to 55C, TC = 75C (unless otherwise specified)
Symbol VDCgain VDC-MAX VDCpole VDC-OVth VTH25C VTH100C Vin-gain Vin-pole Iph-GAIN Iph-pole Iph-MAX Iph-MIN Iph-LAT Iph-Zero ISC ISC-DEL DCOC DCOC-pole WD COM 3.3V floating Ref3.3V Parameter Definition DC bus voltage feedback partition coefficient Maximun DC bus voltage read DC bus voltage feedback filter pole DC bus voltage over-voltage threshold Thermal sensor voltage feedback at 25 C (Fig. TF1) Thermal sensor voltage feedback at 100 C (Fig. TF1) Input voltage feedback partition coefficient Input voltage feedback filter pole Current feedback gain Current feedback filter pole Maximun Current feedback read Minimun Current feedback read Current feedback signal delay Zero current input voltage level Short Circuit Threshold Current Short Circuit detection delay time DC bus minus over-current level DC bus minus over-current filter pole External watchdog timeout (see also RS~ signal) DSP Ground DSP 3.3V supply The following pins are left unconnected 3.3V reference voltage 3.33 V 130 14 0.9 1.64 110 1.67 128 3 140 15 1.6 Min. 2.39 1309 950 870 2.65 1.04 125 1600 16.6 5.0 95 -95 12 1.70 146 6 150 16 2.5 1000 920 2.75 1.09 128 1700 16.9 5.5 1050 970 2.85 1.14 131 1800 17.2 6.0 Typ. 2.44 Max. 2.49 Units mV/V V Hz V V ADCin04;70 V mV/V ADCin05;69 Hz mV/A kHz s V A s A kHz Sec all phases PDPINTA;6 all phases DC bus minus PDPINTA;6 DC bus minus WD;85 ADCin00: 79 all phases ADCin01: 77 ADCin02: 74 PDPINTA;6 ADCin03;72 Test Conditions DSP name ; pin N
2, 3, 5, 7, 11, 12, 13, 14, 15, 16, 19, 26, 27, 29, 32, 34, 38, 41, 43, 45, 46, 48, 53, 56, 58, 60, 63, 65, 66, 67, 68, 71, 73, 75, 76, 78, 80, 81, 84, 90, 97 4, 10, 20, 30, 35, 47, 54, 59, 64, 91, 98 42,44,51,88 VCCA,VREFHI; 83,82
~ indicates active low signals
www.irf.com
9
PIIPM50P12B004
I27146
01/03
Other DSP pins mapping
Symbol PWM1 PWM2 PWM3 PWM4 PWM5 PWM6 Enc1-Hall1 / SpiCK Enc2 - Hall2 / SpiSTE Strb - Hall3 / SpiRx SpiTx Ref3.3V 5V supp. Boot En~ Tx Rx LFAULT LFAULT reset FAULT~ RS~ Xtal1 PLLF1 PLLF2 PDPINTB Signal Definition OUT 1 high side IGBT gate drive signal OUT 1 low side IGBT gate drive signal OUT 2 high side IGBT gate drive signal OUT 2 low side IGBT gate drive signal OUT 3 high side IGBT gate drive signal OUT 3 low side IGBT gate drive signal Incremental Encoder 1 / Hall effect sensor input 1/ SpiCK input (GND iso referenced) Incremental Encoder 2 / Hall effect sensor input 2 / SpiSTE input (GND iso referenced) Incremental Encoder Strobe / Hall effect sensor input 3 / SpiSIMO input (GND iso ref.) SpiSOMI output (GND iso referenced) 3.3V reference voltage Flash programming voltage pin Boot ROM enable signal SCI transmit data SCI receive data System general fault input (latched) System general fault output reset signal System general fault input (not latched) DSP reset input signal (see also WD signal) PLL oscillator input pin PLL filter input 1 PLL filter input 2 External protection interrupt for EVB DSP pin name ;pin N PWM1;39 PWM2;37 PWM3;36 PWM4;33 PWM5;31 PWM6;28 SPICK;24 QEP1;57 SPISTE~;23 QEP2; 55 SPISIMO;21 CAP3; 52 SPISOMI;22 Vrefhi;82 Vcca; 83 Vccp;40 BOOT_EN~;86 SCITXD;17 CANTX ; 50 SCIRX ; 18 CANRX ; 49 IOPF6;92 IOPF5;89 PDPINTA~;6 RS~;93 XTAL1;87 PLLF;9 PLLF2;8 PDPINTB~;95 Comments DSP Event Manager A output DSP Event Manager A output DSP Event Manager A output DSP Event Manager A output DSP Event Manager A output DSP Event Manager A output Optically isolated input
Optically isolated input Optically isolated input Optically isolated input 3.33V reference voltage for ADC converter Supplied by the embedded flyback regulator See also EDB electrical characteristics Drives Tx+ and Tx- through an opto-isolator and a line driver Driven by Rx+ and Rx- through an opto-isolator and a line driver Activated by short circuits on output phases and DC bus minus and by DC bus over-voltage comparator LFAULT Reset signal, to be activated via software after a fault or system boot Activated by short circuits on output phases and DC bus minus and by DC bus over-voltage comparator Forces a DSP reset if WD signal holds too long (see also EDB electrical char.) A 10Mhz oscillator at 100ppm frequency stability feeds this pin. PLL filter for 40Mhz DSP clock frequency PLL filter for 40Mhz DSP clock frequency Not used pull up 4.7K to 3.3V
~ indicates active low signals
www.irf.com
10
PIIPM50P12B004
I27146
01/03
General Description
The PI-IPM is a new generation of Intelligent Power Module designed specifically to implement itself a complete motor driver system. The device contains all peripherals needed to control a six IGBTs inverter, including voltage, temperature and current output sensing, completely interfaced with a 40Mips DSP, the TMS320LF2406A from Texas Instruments. All communication between the DSP and the local host, including DSP software installing and debugging, is realized through an asynchronous isolated serial port (SCI), an isolated port for incremental encoder inputs or synchronous serial port communication (SPI) is also provided making this module a complete user programmable solution connected to the system only through a serial link cable.
THE "EMPTM" POWER MODULE This module contains six IGBTs + HexFreds Diodes in a standard inverter configuration. IGBTs used are the new NPT 1200V-50A (current rating measured @ 100C), generation V from International Rectifier; the HexFred diodes have been designed specifically as pair elements for these power transistors. Thanks to the new design and technologic realization, this gen V devices do not need any negative gate voltage for their complete turn off and the tail effect is also substantially reduced compared to competitive devices of the same family. This feature simplifies the gate driving stage that will be described in a dedicated chapter. Another not standard feature in this type of power modules is the presence of sensing resistors in the three output phases, for precise motor current sensing and short circuit protections, as well as another resistor of the same value in the DC bus minus line, needed only for device protections purposes. A complete schematic of the EMP module is shown on page 1 where sensing resistors have been clearly evidenced, a thermal sensor is also embedded and directly coupled with the DSP inputs. The package chosen is mechanically compatible with the well known EconoPack outline, also the height of the plastic cylindrical nuts for the external PCB positioned on its top is the same, so that, with the only re-layout of the main motherboard, this module can fit into the same mechanical fixings of the standard Econo II package thus speeding up the device evaluation in an already existing driver. An important feature of this new device is the presence of Kelvin points for all feedback and command signals between the board and the module with the advantage of having all emitter and resistor sensing independent from the power path. The final benefit is that all low power signal from/to the controlling board are unaffected by parasitic inductances or resistances inevitably present in the module power layout.
System Description
The PI-IPM is realized in two distinct parts: the Power Module "EMP" and the Embedded Driving Board "EDB," these two elements assembled together constitute the complete device with all performances described in the following. The complete block schematic showing all functions implemented in the product is represented on the System Block Schematic on page 1. The new module concept includes everything depicted within the dotted line, the EMP power module includes IGBTs, Diodes and Sensing Resistors while all remaining electronics is assembled on the EDB that is fitted on the top of it as a cover with also mechanical protective functions. Connections between the two parts are realized through a single-in-line connector and the EDB only, without disassembling the power module from the system mechanic, can be easily substituted "at the factory" for an upgrade, a system configuration change (different control architecture) or a board replacement. Also software upgrades are possible but this does not even require any hardware changes thanks to the DSP programmability through the serial or JTAG ports.
www.irf.com
11
PIIPM50P12B004
I27146
01/03
The new package outline is show on page 4, all signal and power pins are clearly listed, note that because of high current spikes on those inputs the DC bus power pins are doubled in size comparing to the other power pins. Module technology uses the standard and well know DBC: over a thick Copper base an allumina (Al2O3) substrate with a 300m copper foil on both side is placed and IGBTs and Diodes dies are directly soldered, through screen printing process. These dies are then bonded with a 15 mils aluminum wire for power and signal connections. All components are then completely covered by a silicone gel with mechanical protection and electrical isolation purposes. THE "EDB" EMBEDDED DRIVING BOARD This is the core of the device intelligence, all control and driving functions are implemented at this level, the board finds its natural placement as a cover of the module itself and has a double function of mechanical cover and intelligent interface. DSP and all other electronics are here assembled; figure on page 2 shows the board schematic and all connection pins. Looking at the schematic, all diamond shaped pins are signal connections, some belonging to the RS422 port interface and some to the IEEE 1149.1 (JTAG) connector. All other pins are used for communication between the board and the module, they are positioned laterally in the board and the module doesn't have any pins in the middle of its body. From the top left, in anti-clockwise direction we identify the following blocks that will be then described in details: 1. 2. 3. 4. 5. DSP and opto isolated serial and JTAG ports Flyback Power Supply Current Sensing interfaces, over-current protections and signal conditioning Gate drivers DC bus and Input voltage feedback
1. DSP and opto isolated serial and JTAG ports. The DSP used in this application is the new TMS320LF2406A from TI, it is a improvement of the well known in the motor driver market "F240" used in many motor driver applications. If we compare this new device with the predecessor, the new DSP has some added features that let the software designer significantly improve the system control performances, the following table shows a list of relevant data, for all other information please refer to the related device datasheet. To be noted is the increased number of instruction per second, (40MIPS) and of I/O pins, the availability of a boot ROM and a CAN, a much faster ADC and the reduced supply voltage from 5V down to 3.3V, to follow the global trend for this type of products. The choice of the DSP has been done looking at the high number of applications already existing in the market using devices of this family, however it is clear that the same kind of approach could be followed using products from different suppliers to let the customer work on its preferred and well known platform.
TMS320LF2406A vs TMS320F240 `F2406 MIPS RAM Flash ROM Boot ROM Ext. Memory I/F Event manager * GP timers * CMP/PWM * CAP/QEP Watchdog timer 10-bit ADC * Channels * Conv. time (min) SPI SCI CAN Digital I/O pins Voltage range 40 2.5Kw 32Kw -- 256w -- Yes 4 10/16 6/4 Yes Yes 16 500ns Yes Yes Yes 37 3.3V `F240 20 544w 16Kw -- -- Yes Yes 3 9/12 4/2 Yes Yes 16 6.6s Yes Yes -- 28 5V
www.irf.com
12
PIIPM50P12B004
I27146
01/03
The "2406A" has three different serial interfaces available: SCI, SPI, and CAN bus. In the PIIPM50P12B004 communication is made through the asynchronous port (SCI) while four other opto-isolated lines can be used for the SPI or for the hall effect sensor interface. Maximum bit rate for this asynchronous serial port is 2.5Mbps while the SPI (synchronous) could reach 10Mbps. The choice of the SCI has been taken for easy interfacing with a standard computer serial port, the only component needed is a line driver to adapt the RS232 voltage standard with the RS422 at 3.3V used on this application. In a standard Brushless motor application usually 1Mbps are far enough to transmit all information needed for the torque reference updates and other fault and feedback signals at a maximum frame rate of 10kHz (100bits/frame), in this way the onboard line driver let the application use long connecting wires between the host and the module, leaving the user the possibility of having the PI-IPM displaced near the motor, e.g. in its connecting box, thus avoiding long ad noisy three phase cables between driver and load. The JTAG port is the standard one, neither isolation nor signal conditioning are provided here and all signal, except the Tck-ret, are directly connected from the related DSP pins to the connector; however, due to the limited board space, the connector used in not the standard 14 pins at two rows header, then an adaptor has to be realized to connect it to the JTAG adapter interface provided by Texas Instruments. Last but not least is the ADC speed and load characteristic: as the table shows the conversion time is 500ns, in fact the 2406A DSP has a single ADC handling, in time sharing, all 16 inputs, then, using 6 inputs, the total conversion time, which is a fixed delay to wait for before having all data updated, is around 3.0s. 2. Flyback Power Supply A flyback power supply for the floating stages is provided in the EDB. As the block schematic on page 2 shows, we have three 15V outputs for the
floating stages, isolated from each other at 1.5kV minimum, and a single 5V and 3.3V output. The 5V supplies all low voltage electronics and a 3.3V linear regulator is used to feed the DSP and some analog and logic interfaces to it. This 5V and 3.3V are directly referred to the DC bus minus, so that all control circuitry is alternately at one of the input lines potential, isolation is provided at the DSP serial link level, then avoiding all delays due to opto couplers insertion between DSP and control logic. Note that also the required 15V input voltage is referred to the same DC bus minus and directly supplies the low side gate drivers stages, the user should pay some attention on how this supply line is realized in his application. Just for completeness, the following figure gives a possible solution to that that doesn't impact heavily on the user application.
Examples of power supply for PI-IPM 15V and 5V iso inputs
Normally a 5V power supply is already present, for displays, electronics and micro processor, the same 5V could be used for the 5V iso supply of opto-couplers and line driver, the 15V could be realized as an added winding in the secondary side of the flyback transformer, the only care that should be taken is in keeping its isolation from the above mentioned 5V at the required level (at least 1.5kV). To avoid noise problems in the measuring lines due to the commutating electronics during normal functioning of the system, references are kept separated. A 5V linear regulator, directly supplied from the 15V input, is used to provide the reference voltage to the current sensing amplifying and conditioning components while a precise op-amp, configured as a voltage follower,
www.irf.com
13
PIIPM50P12B004
I27146
01/03
acts as a buffer of the partition at 3.30V created down the 5V reference. This 3.30V is used also as reference for the DSP A/D converter. It has to be noted that in the schematic we are using the same linear regulator as a starting point for all reference voltages. In fact if the 5V linear regulator drifts in temperature or time, then all references (even the 3.30V being this a simple partitioning) follow in track and still keep the overall chain precision. The trimming is then done only once, in a single point of the measuring chain, that is the conditioning op-amp collecting the current sensing ICs signal as will then be described in the following chapter. 3. Current sensing interfaces, over-current protections and signal conditioning. This block is the real critical point of the system. Current measuring performances directly impact on motor control performances in a servo application: errors in current evaluation, delay in its measuring chain or poor overall precision of the system, such as scarce references or lower number of significant A/D bits, inevitably results in unwanted trembling and unnatural noise coming from the motor while running at lower speed or at blocked shaft conditions. In the PI-IPM50P12B004 the current sensing function is done through three sensing resistors dropout measurement, one on each output phase, with the benefit of a lower area and somewhat a lower cost compared to the well-known Hall effect devices. This solution has the added value of having the shunts element embedded in the power module with all Kelvin connections available, avoiding any noise due to long routing of power paths. As the block schematic on page 2 shows, the voltage across each sensing resistor is applied, through an anti-aliasing 400kHz filter, at the input of a current sense IC and then to a signal conditioning circuit. Though the block schematic here shows an OpAmp plus an external passive filter this is simply realized implementing a VCVS cell (i.e. a Constant Gain or Sallen - Key cell) configured
so that the offset and gain is easily trimmed by three on board resistors. The filter implemented is a second order Bessel with 5.5kHz pole frequency, the reason for this is that this type of polynomials are calculated with the aim of having a constant group delay within the passband frequencies, thus giving the minimum waveform distortion to the output signal up to almost twice the filter pole. In other words we could also say that the group delay of the signal chain from the sensing resistor up to the ADC input of the DSP is constant from 0 to 5.5kHz. Signal outputted from the overall chain has a 0 to +3.30V dynamic, with a sensing resistor of 2mohms the input measured current range is +/100A then we have a situation as follows:
- 100 A = 0.0V 0.00 A = 1.65V + 100 A = 3.30V
Summing up our current measurements performances are shown in the following table:
PI-IPM Current sensing chain typical performances Value current range Gain and Offset precision Bandwidth latency time +/- 100 +/- 1.8 5.5 10 Units A % kHz s
The "2406A" DSP has a 10bit ADC, consequently the PI-IPM50P12B004 has a minimum appreciable current step of approximately:
LSB =
that is:
2 *100 = 0.1953 210
1LSB 195mA
The over current protection is provided also through the current sensing ICs, the related fault signal is activated when a 250mV voltage across
www.irf.com
14
PIIPM50P12B004
I27146
01/03
sensing pins is detected, this means an overcurrent detection level of approximately 25%. The delay of this line is around 3s, fast enough to let the DSP react within the 10s IGBTs short circuit rating, thus providing full device protection for any phase-to-ground and phase-tophase short circuits. The only failure not covered in this way is the shoot-through, where high current levels cannot be detected from outside the module rather internally between two IGBTs of the same leg. In this case the protection is implemented by means of the fourth sensing element, with the same resistive value of the other shunts present in the power module, inserted in series to the DC bus minus. The related dropout voltage is then filtered by a 15kHz passive filter to avoid false fault detections due to unwanted induced voltage spikes and finally applied to an operational amplifier configured as a comparator. All data referred to the OC protection are listed on page 9 of this datasheet. 4. Gate Drivers Devices used to perform this task are the wellknown IR2213, capable of 2A sink and 2A source maximum gate driving current, in a SO16W package; on page 2 is shown also the block schematic of the gate driving section of the module. The IGBTs used in the PI-IPM (genV NPT 1200V - 50A from IR) do not need any negative gate drive voltage for their complete turn off, this simplifies the flyback power supply design avoiding the need of center tapped transformer outputs or the use of zener diodes to create the central common reference for the gate drivers floating ground. Though the IR2213 do have +/2A of gate current capability, in the PIIPM50P12B004 we use different gate resistor values for turn on and turn off as follows:
turn on only. Observed rise and fall times are around 250ns - 300ns depending on the output current level, this values are considered as pretty adequate for a 25A application at 16kHz symmetric PWM carrier, space vector modulation. These gate drivers do provide levels shifting without any galvanic isolation, that is no optocouplers are built inside. This turns out to be a major benefit in this stage where the usual 1s delay of optos impacts on the system control as a systematic and fastidious delay. 5. DC bus and Input voltage feedback The purpose of this block is to continuously check the voltage of the two supply lines of the system: Vin and DC bus. Vin is the only external power supply needed for all electronics in the EDB. The internal flyback regulator has its own under-voltage lockout to prevent all electronics from start working when an insufficient supply voltage is present; minimum recommended supply voltage is 12V. Low side gate drivers are directly fed from the Vin line and there is no further control to this voltage than their own under-voltage lockout. This is typically set at 8.5V and this level could be not sufficient to properly drive the IGBT gates, then it is advisable to check with the DSP the input voltage and impose that the system could start switching only when the Vin voltage is between 10V and 18V thus providing also an over-voltage control. The DC bus voltage is also important for the system functioning and needs to be continuously kept under control. A resistor divider provides a partition coefficient of 2.44mV/V and a maximum mapped voltage of around 1100V As the block schematic shows, it has to be taken into account that, to avoid false detections due to voltage spikes inevitably present on the partitioned voltage, a 1kHz passive filter has been inserted between the divider and the voltage follower buffer whose output is connected to one of the ADC inputs.
turn - on = 33ohm turn - off = 7.6ohm
Commonly realized through a diode-resistor series in parallel with a single resistor used in
www.irf.com
15
PIIPM50P12B004
I27146
01/03
Fig. 1 - Maximum DC collector Current vs. case temperature
Fig. 2 - Power Dissipation vs. Case Temperature
TC = (C) Fig. 3 - Forward SOA TC = 25C; Tj 150C
TC = (C) Fig. 4 - Reverse Bias SOA Tj = 150C, VGE = 15V
VCE = (V)
VCE = (V)
www.irf.com
16
PIIPM50P12B004
I27146
01/03
Fig. 5 - Typical IGBT Output Characteristics Tj = - 40C; tp = 300s
Fig. 6 - Typical IGBT Output Characteristics Tj = 25C; tp = 300s
VCE = (V) Fig. 7 - Typical IGBT Output Characteristics Tj = 125C; tp = 300s
VCE = (V) Fig. 8 - Typical Diode Forward Characteristics tp = 300s
VCE = (V)
VF = (V)
www.irf.com
17
PIIPM50P12B004
I27146
01/03
Fig. 9 - Typical VCE vs. VGE Tj = - 40C
Fig. 10 - Typical VCE vs. VGE Tj = 25C
VGE = (V) Fig. 11 - Typical VCE vs. VGE Tj = 125C
VGE = (V) Fig. 12 - Typical Transfer Characteristics VCE = 20V; tp = 20s
VGE = (V)
VGE = (V)
www.irf.com
18
PIIPM50P12B004
I27146
01/03
Fig. 13 - Typical Energy Loss vs. IC Tj = 125C; L = 250H; VCE = 600V; Rg = 10; VGE = 15V
Fig. 14 - Typical Switching Time vs. IC Tj = 125C; L = 250H; VCE = 600V; Rg = 10; VGE = 15V
IC = (A) Fig. 15 - Typical Energy Loss vs. Rg Tj = 125C; L = 250H; VCE = 600V; ICE = 50A; VGE = 15V
IC = (A) Fig. 16 - Typical Switching Time vs. Rg Tj = 125C; L = 250H; VCE = 600V; ICE = 50A; VGE = 15V
Rg = ()
Rg = ()
www.irf.com
19
PIIPM50P12B004
I27146
01/03
Fig. 17 - Typical Diode IRR vs. IF Tj = 125C
Fig. 18 - Typical Diode IRR vs. Rg IF = 50A; Tj = 125C
IF = (A) Fig. 19 - Typical Diode IRR vs. dIF/dt VDC = 600V; VGE = 15V; IF = 50A; Tj = 125C
Rg = () Fig. 20 - Typical Diode QRR VDC = 600V; VGE = 15V; Tj = 125C
dIF/dt (A/s)
dIF/dt (A/s)
www.irf.com
20
PIIPM50P12B004
I27146
01/03
Fig. 21 - Typical Diode EREC vs. IF Tj = 125C
Fig. 22 - Typical Capacitance vs. VCE VGE = 0V; f = 1MHz
IF = (A) Fig. 23 - Typical Gate Charge vs. VGE IC = 50A; L = 600H; VCC = 600V
VCE = (V)
QG = (nC)
www.irf.com
21
PIIPM50P12B004
I27146
01/03
Fig. 24 - Normalized Transient Impedance, Junction-to-copper plate
t1, Rectangular Pulse Duration (sec)
www.irf.com
22
PIIPM50P12B004
I27146
01/03
www.irf.com
23
PIIPM50P12B004
I27146
01/03
www.irf.com
24
PIIPM50P12B004
I27146
01/03
Fig. PD1 - Total Dissipated Power vs. fSW IoutRMS = 7A, VDC = 530V, TC = 55C
Fig. PD2 - Total Dissipated Power vs. fSW IoutRMS = 10A, VDC = 530V, TC = 55C
fSW = (kHz) Fig. PD3 - Total Dissipated Power vs. fSW IoutRMS = 20A, VDC = 530V, TC = 40C
fSW = (kHz) Fig. TF1 - Thermal Sensor Voltage Feedback vs. Base-plate Temperature
fSW = (kHz)
TC (C)
www.irf.com
25
PIIPM50P12B004
I27146
01/03
PIIPM family part number identification
www.irf.com
26
PIIPM50P12B004
I27146
01/03
Top board suggested footprint
(top view)
RS422 and JTAG Connectors top view
These connectors do not have any orientation tag; please check their Pin 1 position on Power Module Frame Pins Mapping before inserting mate part.
Molex 53916-0204 mates with 54167-0208 or 52991-0208
www.irf.com 27
PIIPM50P12B004
I27146
01/03
PIIPM50P12B004 case outline and dimensions
Data and specifications subject to change without notice This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web Site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 3252 7105 TAC Fax: (310) 252 7309 Visit us at www.irf.com for sales contact information 01/03
Data and specifications subject to change without notice. Sales Offices, Agents and Distributors in Major Cities Throughout the World. (c) 2003 International Rectifier - Printed in Italy 01-13 - Rev. 2.9
www.irf.com
28


▲Up To Search▲   

 
Price & Availability of PIIPM50F12A004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X